データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7385 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TDA7385 Datasheet

  • Example questions: 1. What is the maximum output power capability of the TDA7385 amplifier?
    2. What is the gain of the TDA7385 amplifier?
    3. What type of package does the TDA7385 amplifier come in?

  • Part No.TDA7385
    ManufacturerSTMICROELECTRONICS
    Size322 Kbytes
    Pages12 pages
    Description4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
    Datasheet Summary with AI

    The TDA7385 is a high output power car radio amplifier with a maximum output power capability of 4 x 35W/4 Ω.
    It features a clipping detector, low distortion, low output noise, standby and mute functions, and diagnostics facility for various faults.
    The amplifier has low external component count, protections against output short circuit, inductive loads, and load dump voltage, and also includes fortuitous open ground and reversed battery ESD protection.
    The amplifier is designed for high-end car radio applications and comes in a Flexiwatt 25 package.
    It has a fully complementary PNP/NPN output configuration and does not require bootstrap capacitors.
    The amplifier also has a diagnostics facility for clipping, overheating, and output misconnections.
    It is stable without the need for external compensations and has a simplified PCB layout design for high separation among channels.

    Datasheet Summary with AI

    The TDA7385 is a high output power car radio amplifier with a maximum output power capability of 4 x 35W/4 Ω.
    It features a clipping detector, low distortion, low output noise, standby and mute functions, and diagnostics facility for various faults.
    The amplifier has low external component count, protections against output short circuit, inductive loads, and load dump voltage, and also includes fortuitous open ground and reversed battery ESD protection.
    The amplifier is designed for high-end car radio applications and comes in a Flexiwatt 25 package.
    It has a fully complementary PNP/NPN output configuration and does not require bootstrap capacitors.
    The amplifier also has a diagnostics facility for clipping, overheating, and output misconnections.
    It is stable without the need for external compensations and has a simplified PCB layout design for high separation among channels.

    Part No.TDA7385
    ManufacturerSTMICROELECTRONICS
    Size322 Kbytes
    Pages12 pages
    Description4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER