![]() |
データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TS822 Datasheet
Example questions:
1. What is the typical output voltage of the TS822 micro-power shunt voltage reference?
2. What is the industrial temperature range within which the TS822 micro-power shunt voltage reference operates?
3. In which package is the TS822 micro-power shunt voltage reference available, and what is a key advantage of its low operating current?
The TS822 is a low power shunt voltage reference that provides a stable 2.5V output voltage over an industrial temperature range of -40 to +85 °C.
It has a low operating current of 40µA, high precision of ±2% (standard version) or ±1% (A grade), and high stability when used with capacitive load.
It is available in a SOT23-3 surface mount package and is suitable for applications where space saving is critical.
The TS822 can be used in computers, instrumentation, battery chargers, switch mode power supply, and battery operated equipment.
It has a reverse breakdown current of 20mA, forward current of 10mA, and a power dissipation of 360mW for the SOT23-3 package.
The electrical characteristics include a reverse breakdown voltage of 2.5V, minimum operating current of 40-50µA, and an average temperature coefficient of 100ppm/°C.
The TS822 is suitable for a wide range of applications and is designed for stability and precision.
Part No. | TS822 |
Manufacturer | STMICROELECTRONICS |
Size | 64 Kbytes |
Pages | 8 pages |
Description | 2.5V MICROPOWER SHUNT VOLTAGE REFERENCE |