| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SP3-1-10 Datasheet
# Example questions:
➢ What is the maximum allowable working voltage for these passive delay lines?
➢ How does the dcr (direct current resistance) value change as the delay time increases?
➢ What is the operating temperature range for both the operation and storage of these sp3 series modules?
# SP3 Series Mini-SIP Passive Delay Modules
## Overview
· Mini-SIP passive delay line modules.
· Available in various delay times and impedances.
· Fast rise time, low DCR, and high bandwidth.
## Electrical Specifications
· Operating Voltage: 25 VDC maximum
· Dielectric Strength: 100VDC minimum
· Insulation Resistance: 1,000 MΩ min @ 100VDC
· Temperature Coefficient: 100 ppm/°C
· Bandwidth: 0.35 / tr (approx.)
· Operating Temperature: -55°C to +125°C
· Storage Temperature: -65°C to +150°C
· Impedances: 50, 55, 75, 100, 200 Ohms
## Delay Times & Part Numbers
· Delay Range: 0.0 ns to 20 ns (various options available - see table below)
· Rise Time (20%-80%): 1.6 ns to 5.6 ns (depending on delay time)
· DCR (max): 0.10 Ohms to 2.00 Ohms (depending on delay time)
· Part Number Format: SP3-[Delay]-[Impedance]
- [Delay]: Delay time in ns (e.g., 1, 1.5, 2, 2.5, etc.)
- [Impedance]: Impedance in Ohms (50, 55, 75, 100, 200)
Delay, Rise Time, and DCR Table:
| Delay (ns) | Rise Time (ns) | DCR (Ohms) | 50 Ohm P/N | 55 Ohm P/N | 75 Ohm P/N | 100 Ohm P/N | 200 Ohm P/N |
|---|---|---|---|---|---|---|---|
| 0.0 | - | 0.10 | SP3-0 | SP3-0 | SP3-0 | SP3-0 | SP3-0 |
| 1 ± 0.20 | 1.6 | 0.20 | SP3-1-50 | SP3-1-55 | SP3-1-75 | SP3-1-10 | SP3-1-20 |
| 1.5 ± 0.20 | 1.6 | 0.30 | SP3-1.5-50 | SP3-1.5-55 | SP3-1.5-75 | SP3-1.5-10 | SP3-1.5-20 |
| 2 ± 0.20 | 1.6 | 0.40 | SP3-2-50 | SP3-2-55 | SP3-2-75 | SP3-2-10 | SP3-2-20 |
| 2.5 ± 0.20 | 1.6 | 0.50 | SP3-2.5-50 | SP3-2.5-55 | SP3-2.5-75 | SP3-2.5-10 | SP3-2.5-20 |
| 3 ± 0.20 | 1.7 | 0.60 | SP3-3-50 | SP3-3-55 | SP3-3-75 | SP3-3-10 | SP3-3-20 |
| 4 ± 0.20 | 1.7 | 0.70 | SP3-4-50 | SP3-4-55 | SP3-4-75 | SP3-4-10 | SP3-4-20 |
| 5 ± 0.25 | 1.8 | 0.80 | SP3-5-50 | SP3-5-55 | SP3-5-75 | SP3-5-10 | SP3-5-20 |
| 6 ± 0.30 | 2.0 | 0.85 | SP3-6-50 | SP3-6-55 | SP3-6-75 | SP3-6-10 | SP3-6-20 |
| 7 ± 0.30 | 2.3 | 0.90 | SP3-7-50 | SP3-7-55 | SP3-7-75 | SP3-7-10 | SP3-7-20 |
| 8 ± 0.30 | 2.7 | 0.95 | SP3-8-50 | SP3-8-55 | SP3-8-75 | SP3-8-10 | SP3-8-20 |
| 9 ± 0.30 | 2.9 | 1.10 | SP3-9-50 | SP3-9-55 | SP3-9-75 | SP3-9-10 | SP3-9-20 |
| 10 ± 0.30 | 3.3 | 1.20 | SP3-10-50 | SP3-10-55 | SP3-10-75 | SP3-10-10 | SP3-10-20 |
| 11 ± 0.40 | 3.3 | 1.40 | SP3-11-50 | SP3-11-55 | SP3-11-75 | SP3-11-10 | SP3-11-20 |
| 12 ± 0.50 | 3.6 | 1.50 | SP3-12-50 | SP3-12-55 | SP3-12-75 | SP3-12-10 | SP3-12-20 |
| 13 ± 0.60 | 4.0 | 1.60 | SP3-13-50 | SP3-13-55 | SP3-13-75 | SP3-13-10 | SP3-13-20 |
| 14 ± 0.70 | 4.3 | 1.60 | SP3-14-50 | SP3-14-55 | SP3-14-75 | SP3-14-10 | SP3-14-20 |
| 15 ± 0.70 | 4.6 | 1.70 | SP3-15-50 | SP3-15-55 | SP3-15-75 | SP3-15-10 | SP3-15-20 |
| 16 ± 0.80 | 4.8 | 1.80 | SP3-16-50 | SP3-16-55 | SP3-16-75 | SP3-16-10 | SP3-16-20 |
| 20 ± 1.0 | 5.6 | 2.00 | SP3-20-50 | SP3-20-55 | SP3-20-75 | SP3-20-10 | SP3-20-20 |
# SP3 Series Mini-SIP Passive Delay Modules
## Overview
· Mini-SIP passive delay line modules.
· Available in various delay times and impedances.
· Fast rise time, low DCR, and high bandwidth.
## Electrical Specifications
· Operating Voltage: 25 VDC maximum
· Dielectric Strength: 100VDC minimum
· Insulation Resistance: 1,000 MΩ min @ 100VDC
· Temperature Coefficient: 100 ppm/°C
· Bandwidth: 0.35 / tr (approx.)
· Operating Temperature: -55°C to +125°C
· Storage Temperature: -65°C to +150°C
· Impedances: 50, 55, 75, 100, 200 Ohms
## Delay Times & Part Numbers
· Delay Range: 0.0 ns to 20 ns (various options available - see table below)
· Rise Time (20%-80%): 1.6 ns to 5.6 ns (depending on delay time)
· DCR (max): 0.10 Ohms to 2.00 Ohms (depending on delay time)
· Part Number Format: SP3-[Delay]-[Impedance]
- [Delay]: Delay time in ns (e.g., 1, 1.5, 2, 2.5, etc.)
- [Impedance]: Impedance in Ohms (50, 55, 75, 100, 200)
Delay, Rise Time, and DCR Table:
| Delay (ns) | Rise Time (ns) | DCR (Ohms) | 50 Ohm P/N | 55 Ohm P/N | 75 Ohm P/N | 100 Ohm P/N | 200 Ohm P/N |
|---|---|---|---|---|---|---|---|
| 0.0 | - | 0.10 | SP3-0 | SP3-0 | SP3-0 | SP3-0 | SP3-0 |
| 1 ± 0.20 | 1.6 | 0.20 | SP3-1-50 | SP3-1-55 | SP3-1-75 | SP3-1-10 | SP3-1-20 |
| 1.5 ± 0.20 | 1.6 | 0.30 | SP3-1.5-50 | SP3-1.5-55 | SP3-1.5-75 | SP3-1.5-10 | SP3-1.5-20 |
| 2 ± 0.20 | 1.6 | 0.40 | SP3-2-50 | SP3-2-55 | SP3-2-75 | SP3-2-10 | SP3-2-20 |
| 2.5 ± 0.20 | 1.6 | 0.50 | SP3-2.5-50 | SP3-2.5-55 | SP3-2.5-75 | SP3-2.5-10 | SP3-2.5-20 |
| 3 ± 0.20 | 1.7 | 0.60 | SP3-3-50 | SP3-3-55 | SP3-3-75 | SP3-3-10 | SP3-3-20 |
| 4 ± 0.20 | 1.7 | 0.70 | SP3-4-50 | SP3-4-55 | SP3-4-75 | SP3-4-10 | SP3-4-20 |
| 5 ± 0.25 | 1.8 | 0.80 | SP3-5-50 | SP3-5-55 | SP3-5-75 | SP3-5-10 | SP3-5-20 |
| 6 ± 0.30 | 2.0 | 0.85 | SP3-6-50 | SP3-6-55 | SP3-6-75 | SP3-6-10 | SP3-6-20 |
| 7 ± 0.30 | 2.3 | 0.90 | SP3-7-50 | SP3-7-55 | SP3-7-75 | SP3-7-10 | SP3-7-20 |
| 8 ± 0.30 | 2.7 | 0.95 | SP3-8-50 | SP3-8-55 | SP3-8-75 | SP3-8-10 | SP3-8-20 |
| 9 ± 0.30 | 2.9 | 1.10 | SP3-9-50 | SP3-9-55 | SP3-9-75 | SP3-9-10 | SP3-9-20 |
| 10 ± 0.30 | 3.3 | 1.20 | SP3-10-50 | SP3-10-55 | SP3-10-75 | SP3-10-10 | SP3-10-20 |
| 11 ± 0.40 | 3.3 | 1.40 | SP3-11-50 | SP3-11-55 | SP3-11-75 | SP3-11-10 | SP3-11-20 |
| 12 ± 0.50 | 3.6 | 1.50 | SP3-12-50 | SP3-12-55 | SP3-12-75 | SP3-12-10 | SP3-12-20 |
| 13 ± 0.60 | 4.0 | 1.60 | SP3-13-50 | SP3-13-55 | SP3-13-75 | SP3-13-10 | SP3-13-20 |
| 14 ± 0.70 | 4.3 | 1.60 | SP3-14-50 | SP3-14-55 | SP3-14-75 | SP3-14-10 | SP3-14-20 |
| 15 ± 0.70 | 4.6 | 1.70 | SP3-15-50 | SP3-15-55 | SP3-15-75 | SP3-15-10 | SP3-15-20 |
| 16 ± 0.80 | 4.8 | 1.80 | SP3-16-50 | SP3-16-55 | SP3-16-75 | SP3-16-10 | SP3-16-20 |
| 20 ± 1.0 | 5.6 | 2.00 | SP3-20-50 | SP3-20-55 | SP3-20-75 | SP3-20-10 | SP3-20-20 |
| Part No. | SP3-1-10 |
| Manufacturer | RHOMBUS-IND |
| Size | 26 Kbytes |
| Pages | 1 page |
| Description | SP3 Series Mini-SIP Passive Delay Modules |