データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC3230 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SC3230 Datasheet

  • # Example questions: ➢ What are the storage temperature limits for the 2sc3230 transistor?
    ➢ How does the collector-emitter saturation voltage (vce(sat)) change with a collector current of 2a?
    ➢ What is the maximum collector current (ic) that the 2sc3230 can handle?

  • Part No.2SC3230
    ManufacturerISC
    Size64 Kbytes
    Pages3 pages
    DescriptionSilicon NPN Power Transistors
    Datasheet Summary with AI

    # Silicon NPN Power Transistors 2SC3230

    ## Description

    · TO-220 package
    · Complement to 2SA1276
    · Good linearity of hFE

    ## Applications

    · General purpose
    · Cordless telephone final amplifier (1.7MHz system)

    ## Pinning

    Pin Description
    1 Base
    2 Collector; connected to mounting base
    3 Emitter

    ## Absolute Maximum Ratings (Ta=25℃)

    SYMBOL PARAMETER CONDITIONS VALUE UNIT
    VCBO Collector-base voltage Open emitter 30 V
    VCEO Collector-emitter voltage Open base 30 V
    VEBO Emitter-base voltage Open collector 5 V
    IC Collector current 3 A
    IE Emitter current -3 A
    PC Collector power dissipation TC=25℃ 10 W
    Tj Junction temperature 150
    Tstg Storage temperature -55~150

    ## Characteristics (Tj=25℃ unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT
    V(BR)CEO Collector-emitter breakdown voltage IC=10mA; IB=0 30 V
    V(BR)EBO Emitter-base breakdown voltage IE=1mA; IC=0 5 V
    VCE(sat) Collector-emitter saturation voltage IC=2A; IB=0.2 A 0.3 0.8 V
    VBE Base-emitter on voltage IC=0.5A; VCE=2V 0.75 1.0 V
    ICBO Collector cut-off current VCB=20V; IE=0 1.0 μA
    IEBO Emitter cut-off current VEB=5V; IC=0 1.0 μA
    hFE-1 DC current gain IC=0.5A; VCE=2V 70 240
    hFE-2 DC current gain IC=2.5A; VCE=2V 25
    COB Collector output capacitance IE=0; VCB=10V,f=1MHz 35 pF
    fT Transition frequency IC=0.5A; VCE=2V 100 MHz

    ## hFE-1 Classifications

    O Y
    70-140 120-240

    ## Package Outline

    · Figure 1 depicts outline dimensions (tolerance ±0.10mm)

    # Silicon NPN Power Transistors 2SC3230

    ## Description

    · TO-220 package
    · Complement to 2SA1276
    · Good linearity of hFE

    ## Applications

    · General purpose
    · Cordless telephone final amplifier (1.7MHz system)

    ## Pinning

    Pin Description
    1 Base
    2 Collector; connected to mounting base
    3 Emitter

    ## Absolute Maximum Ratings (Ta=25℃)

    SYMBOL PARAMETER CONDITIONS VALUE UNIT
    VCBO Collector-base voltage Open emitter 30 V
    VCEO Collector-emitter voltage Open base 30 V
    VEBO Emitter-base voltage Open collector 5 V
    IC Collector current 3 A
    IE Emitter current -3 A
    PC Collector power dissipation TC=25℃ 10 W
    Tj Junction temperature 150
    Tstg Storage temperature -55~150

    ## Characteristics (Tj=25℃ unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT
    V(BR)CEO Collector-emitter breakdown voltage IC=10mA; IB=0 30 V
    V(BR)EBO Emitter-base breakdown voltage IE=1mA; IC=0 5 V
    VCE(sat) Collector-emitter saturation voltage IC=2A; IB=0.2 A 0.3 0.8 V
    VBE Base-emitter on voltage IC=0.5A; VCE=2V 0.75 1.0 V
    ICBO Collector cut-off current VCB=20V; IE=0 1.0 μA
    IEBO Emitter cut-off current VEB=5V; IC=0 1.0 μA
    hFE-1 DC current gain IC=0.5A; VCE=2V 70 240
    hFE-2 DC current gain IC=2.5A; VCE=2V 25
    COB Collector output capacitance IE=0; VCB=10V,f=1MHz 35 pF
    fT Transition frequency IC=0.5A; VCE=2V 100 MHz

    ## hFE-1 Classifications

    O Y
    70-140 120-240

    ## Package Outline

    · Figure 1 depicts outline dimensions (tolerance ±0.10mm)

    Part No.2SC3230
    ManufacturerISC
    Size64 Kbytes
    Pages3 pages
    DescriptionSilicon NPN Power Transistors