データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC3235 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SC3235 Datasheet

  • # Example questions: ➢ Within what temperature range can this transistor be safely stored?
    ➢ How does the collector-emitter saturation voltage change with a collector current of 1a and a base current of 0.2a?
    ➢ What is the maximum collector current this transistor can handle under normal operating conditions?

  • Part No.2SC3235
    ManufacturerISC
    Size57 Kbytes
    Pages3 pages
    DescriptionSilicon NPN Power Transistors
    Datasheet Summary with AI

    # Silicon NPN Power Transistor 2SC3235

    ## Description

    · TO-220 package
    · High voltage, high speed
    · Low saturation voltage

    ## Applications

    · High voltage, high speed, and high power switching applications

    ## Pinning

    · 1: Base
    · 2: Collector (connected to mounting base)
    · 3: Emitter

    ## Absolute Maximum Ratings (Ta=25°C)

    · VCBO (Collector-base voltage): 500 V
    · VCEO (Collector-emitter voltage): 400 V
    · VEBO (Emitter-base voltage): 7 V
    · IC (Collector current): 2 A
    · ICM (Collector current - Peak): 4 A
    · PC (Collector power dissipation): 20 W
    · Tj (Junction temperature): 150 °C
    · Tstg (Storage temperature): -55 ~ 150 °C

    ## Characteristics (Tj=25°C unless otherwise specified)

    · V(BR)CEO (Collector-emitter breakdown voltage): 400 V
    · V(BR)CBO (Collector-base breakdown voltage): 500 V
    · V(BR)EBO (Emitter-base breakdown voltage): 7 V
    · VCEsat (Collector-emitter saturation voltage): 1.0 V (IC=1A, IB=0.2 A)
    · VBEsat (Base-emitter saturation voltage): 1.5 V (IC=1A, IB=0.2 A)
    · ICBO (Collector cut-off current): 10 μA (VCB=400V, IE=0)
    · IEBO (Emitter cut-off current): 10 μA (VEB=5V, IC=0)
    · hFE (DC current gain): 20-50 (IC=0.1A, VCE=5V)

    ## Package Outline

    · TO-220 package
    · Dimensions in Fig. 2 (tolerance: ±0.10 mm)

    # Silicon NPN Power Transistor 2SC3235

    ## Description

    · TO-220 package
    · High voltage, high speed
    · Low saturation voltage

    ## Applications

    · High voltage, high speed, and high power switching applications

    ## Pinning

    · 1: Base
    · 2: Collector (connected to mounting base)
    · 3: Emitter

    ## Absolute Maximum Ratings (Ta=25°C)

    · VCBO (Collector-base voltage): 500 V
    · VCEO (Collector-emitter voltage): 400 V
    · VEBO (Emitter-base voltage): 7 V
    · IC (Collector current): 2 A
    · ICM (Collector current - Peak): 4 A
    · PC (Collector power dissipation): 20 W
    · Tj (Junction temperature): 150 °C
    · Tstg (Storage temperature): -55 ~ 150 °C

    ## Characteristics (Tj=25°C unless otherwise specified)

    · V(BR)CEO (Collector-emitter breakdown voltage): 400 V
    · V(BR)CBO (Collector-base breakdown voltage): 500 V
    · V(BR)EBO (Emitter-base breakdown voltage): 7 V
    · VCEsat (Collector-emitter saturation voltage): 1.0 V (IC=1A, IB=0.2 A)
    · VBEsat (Base-emitter saturation voltage): 1.5 V (IC=1A, IB=0.2 A)
    · ICBO (Collector cut-off current): 10 μA (VCB=400V, IE=0)
    · IEBO (Emitter cut-off current): 10 μA (VEB=5V, IC=0)
    · hFE (DC current gain): 20-50 (IC=0.1A, VCE=5V)

    ## Package Outline

    · TO-220 package
    · Dimensions in Fig. 2 (tolerance: ±0.10 mm)

    Part No.2SC3235
    ManufacturerISC
    Size57 Kbytes
    Pages3 pages
    DescriptionSilicon NPN Power Transistors