データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC4849 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SC4849 Datasheet

  • # Example questions: ➢ What is the specified range for the storage temperature of the 2sc4849 transistor?
    ➢ How does the collector-emitter saturation voltage change with a collector current of 5a and a base current of 0.5a?
    ➢ What is the maximum collector current this transistor can handle under dc conditions?

  • Part No.2SC4849
    ManufacturerISC
    Size71 Kbytes
    Pages3 pages
    DescriptionSilicon NPN Power Transistors
    Datasheet Summary with AI

    # 2SC4849 Silicon NPN Power Transistor

    ## Description
    · TO-220Fa package
    · Low collector saturation voltage
    · High switching speed
    · Wide safe operating area
    · Intended for power supply applications

    ## Pinning
    · Pin 1: Base
    · Pin 2: Collector
    · Pin 3: Emitter

    ## Absolute Maximum Ratings (Ta=25°C)
    · VCBO (Collector-base voltage): 250V
    · VCEO (Collector-emitter voltage): 120V
    · VEBO (Emitter-base voltage): 12V
    · IC (Collector current, DC): 7A
    · ICM (Collector current, Peak): 15A (at Ta=2°C)
    · PC (Collector power dissipation): 2W (at Ta=25°C), 30W (at TC=25°C)
    · Tj (Junction temperature): 150°C
    · Tstg (Storage temperature): -55°C to 150°C

    ## Characteristics (Tj=25°C unless otherwise specified)
    · VCEO(SUS) (Collector-emitter sustaining voltage): 120V
    · VCEsat (Collector-emitter saturation voltage): 0.6V (IC=5A, IB=0.5A)
    · VBEsat (Base-emitter saturation voltage): 1.2V (IC=5A, IB=0.5A)
    · ICBO (Collector cut-off current): 10μA (VCB=100V, IE=0)
    · IEBO (Emitter cut-off current): 10μA (VEB=12V, IC=0)
    · hFE (DC current gain): 100-200 (IC=3A, VCE=5V)
    · fT (Transition frequency): 20 MHz (IC=0.5A, VCE=10V)
    · Cob (Collector output capacitance): 150 pF (f=1MHz, VCB=10V)

    ## Switching Times
    · ton (Turn-on time): 0.5 μs (IC=5A, IB1=0.5A, IB2=-0.5A, VCC≈50V, RL=10Ω)
    · ts (Storage time): 2.5 μs
    · tf (Fall time): 0.5 μs

    ## Package Outline
    · TO-220Fa package
    · Outline dimensions with tolerance of ±0.15 mm

    # 2SC4849 Silicon NPN Power Transistor

    ## Description
    · TO-220Fa package
    · Low collector saturation voltage
    · High switching speed
    · Wide safe operating area
    · Intended for power supply applications

    ## Pinning
    · Pin 1: Base
    · Pin 2: Collector
    · Pin 3: Emitter

    ## Absolute Maximum Ratings (Ta=25°C)
    · VCBO (Collector-base voltage): 250V
    · VCEO (Collector-emitter voltage): 120V
    · VEBO (Emitter-base voltage): 12V
    · IC (Collector current, DC): 7A
    · ICM (Collector current, Peak): 15A (at Ta=2°C)
    · PC (Collector power dissipation): 2W (at Ta=25°C), 30W (at TC=25°C)
    · Tj (Junction temperature): 150°C
    · Tstg (Storage temperature): -55°C to 150°C

    ## Characteristics (Tj=25°C unless otherwise specified)
    · VCEO(SUS) (Collector-emitter sustaining voltage): 120V
    · VCEsat (Collector-emitter saturation voltage): 0.6V (IC=5A, IB=0.5A)
    · VBEsat (Base-emitter saturation voltage): 1.2V (IC=5A, IB=0.5A)
    · ICBO (Collector cut-off current): 10μA (VCB=100V, IE=0)
    · IEBO (Emitter cut-off current): 10μA (VEB=12V, IC=0)
    · hFE (DC current gain): 100-200 (IC=3A, VCE=5V)
    · fT (Transition frequency): 20 MHz (IC=0.5A, VCE=10V)
    · Cob (Collector output capacitance): 150 pF (f=1MHz, VCB=10V)

    ## Switching Times
    · ton (Turn-on time): 0.5 μs (IC=5A, IB1=0.5A, IB2=-0.5A, VCC≈50V, RL=10Ω)
    · ts (Storage time): 2.5 μs
    · tf (Fall time): 0.5 μs

    ## Package Outline
    · TO-220Fa package
    · Outline dimensions with tolerance of ±0.15 mm

    Part No.2SC4849
    ManufacturerISC
    Size71 Kbytes
    Pages3 pages
    DescriptionSilicon NPN Power Transistors