| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DR331-9-102 Datasheet
# Example questions:
➢ What is the maximum dc resistance (dcr) value for the dr331-9-683 inductor?
➢ What is the operating temperature range specified for this shielded smd inductor series?
➢ How many pieces per reel are provided with the tape & reel packaging option?
# SHIELDED SMD INDUCTOR DR331-9 SERIES
## Features
· Surface Mount Design
· Inductance Range: 10µH to 1000µH
· Operating Temperature: -40°C to +85°C
· Tinned Leads with Leaded Solder Available (note 6)
## Electrical Specifications
|Part No.|Inductance (μH) ± 20%|DCR (Ω) Max.|I rms (A) Max.|I sat (A) Max.|SRF MHz (REF.)|
|---|---|---|---|---|---|
|DR331-9-102|1|0.009|8.6|20|80|
|DR331-9-222|2.2|0.014|7.1|16|80|
|DR331-9-332|3.3|0.018|6.2|14|60|
|DR331-9-562|5.6|0.020|5.3|12|40|
|DR331-9-103|10|0.031|4.3|10|30|
|DR331-9-153|15|0.036|4|8.0|22|
|DR331-9-223|22|0.047|3.5|7.0|20|
|DR331-9-333|33|0.066|3|5.5|15|
|DR331-9-473|47|0.086|2.6|4.5|9.0|
|DR331-9-683|68|0.13|2.3|3.5|8.0|
|DR331-9-104|100|0.19|1.8|3.0|7.0|
|DR331-9-154|150|0.25|1.5|2.6|6.0|
|DR331-9-224|220|0.38|1.2|2.4|5.0|
|DR331-9-334|330|0.56|1.0|1.9|4.0|
|DR331-9-474|470|0.85|0.82|1.4|3.0|
|DR331-9-684|680|1.1|0.72|1.2|2.5|
|DR331-9-105|1000|1.8|0.56|1.0|2.0|
## Notes
· Dimensions in inches/millimeters, Tolerance: ±0.010 inches / ±0.30 mm
· Isat: Inductance 90% of initial value
· Irms: Temperature rise of 40°C
· Packaging: Tape & Reel, 400 pcs/reel
· Inductance tested at 0.1 Vrms @ 100 kHz
· Non-RoHS Parts: Replace "DR" prefix with "42-"
· Terminal finish compliant with RoHS, Solder per J-STD-020C
# SHIELDED SMD INDUCTOR DR331-9 SERIES
## Features
· Surface Mount Design
· Inductance Range: 10µH to 1000µH
· Operating Temperature: -40°C to +85°C
· Tinned Leads with Leaded Solder Available (note 6)
## Electrical Specifications
| Part No. | Inductance (μH) ± 20% | DCR (Ω) Max. | I rms (A) Max. | I sat (A) Max. | SRF MHz (REF.) |
|---|---|---|---|---|---|
| DR331-9-102 | 1 | 0.009 | 8.6 | 20 | 80 |
| DR331-9-222 | 2.2 | 0.014 | 7.1 | 16 | 80 |
| DR331-9-332 | 3.3 | 0.018 | 6.2 | 14 | 60 |
| DR331-9-562 | 5.6 | 0.020 | 5.3 | 12 | 40 |
| DR331-9-103 | 10 | 0.031 | 4.3 | 10 | 30 |
| DR331-9-153 | 15 | 0.036 | 4 | 8.0 | 22 |
| DR331-9-223 | 22 | 0.047 | 3.5 | 7.0 | 20 |
| DR331-9-333 | 33 | 0.066 | 3 | 5.5 | 15 |
| DR331-9-473 | 47 | 0.086 | 2.6 | 4.5 | 9.0 |
| DR331-9-683 | 68 | 0.13 | 2.3 | 3.5 | 8.0 |
| DR331-9-104 | 100 | 0.19 | 1.8 | 3.0 | 7.0 |
| DR331-9-154 | 150 | 0.25 | 1.5 | 2.6 | 6.0 |
| DR331-9-224 | 220 | 0.38 | 1.2 | 2.4 | 5.0 |
| DR331-9-334 | 330 | 0.56 | 1.0 | 1.9 | 4.0 |
| DR331-9-474 | 470 | 0.85 | 0.82 | 1.4 | 3.0 |
| DR331-9-684 | 680 | 1.1 | 0.72 | 1.2 | 2.5 |
| DR331-9-105 | 1000 | 1.8 | 0.56 | 1.0 | 2.0 |
| Part No. | DR331-9-102 |
| Manufacturer | DATATRONICS |
| Size | 97 Kbytes |
| Pages | 1 page |
| Description | SHIELDED SMD INDUCTOR |