データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DR331-2-105 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR331-2-105 Datasheet

  • # Example questions: ➢ What is the operating temperature range specified for this smd inductor series?
    ➢ What is the inductance tolerance for the dr331-2-103 part number?
    ➢ How does the 'isat' value relate to the inductor's performance?

  • Part No.DR331-2-105
    ManufacturerDATATRONICS
    Size77 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR
    Datasheet Summary with AI

    SMD INDUCTOR DR331-2 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Inductance Range: 1.0µH to 1000µH
    ️· Operating Temperature: -40°C to +85°C
    ️· Tinned Leads with Leaded Solder Available

    Electrical Specifications

    Part No. Inductance (µH) DCR (Ω) Max. I rms (A) Max. I sat (A) Max. SRF (MHz) REF.
    DR331-2-102 1.0± 20% 0.05 2.9 2.9 130
    DR331-2-152 1.5± 20% 0.05 2.8 2.6 115
    DR331-2-222 2.2± 20% 0.07 2.4 2.3 90
    DR331-2-332 3.3± 20% 0.08 2.0 2.0 70
    DR331-2-472 4.7± 20% 0.09 1.5 1.5 50
    DR331-2-682 6.8± 20% 0.13 1.4 1.2 45
    DR331-2-103 10± 20% 0.16 1.1 1.1 35
    DR331-2-153 15± 20% 0.23 1.2 0.90 30
    DR331-2-223 22± 10% 0.37 0.80 0.70 20
    DR331-2-333 33± 10% 0.51 0.60 0.58 15
    DR331-2-473 47± 10% 0.64 0.50 0.50 14
    DR331-2-683 68± 10% 0.86 0.40 0.40 11
    DR331-2-104 100±10% 1.27 0.30 0.31 9.0
    DR331-2-154 150± 10% 2.00 0.25 0.27 6.0
    DR331-2-224 220± 10% 3.11 0.20 0.22 5.5
    DR331-2-334 330± 10% 3.80 0.16 0.18 5.0
    DR331-2-474 470± 10% 6.20 0.15 0.16 4.0
    DR331-2-684 680± 10% 9.20 0.12 0.14 3.0
    DR331-2-105 1000± 10% 13.80 0.07 0.10 2.0

    Notes

    ️· Dimensions are in inches/millimeters.
    ️· Tolerance: Inches ±0.010, Millimeters ±0.25.
    ️· Isat is based on 90% inductance.
    ️· Irms is based on a 40°C temperature rise.
    ️· Non-RoHS parts can be identified with the "42-" prefix.
    ️· Terminal finish complies with J-STD-020C.

    SMD INDUCTOR DR331-2 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Inductance Range: 1.0µH to 1000µH
    ️· Operating Temperature: -40°C to +85°C
    ️· Tinned Leads with Leaded Solder Available

    Electrical Specifications

    Part No. Inductance (µH) DCR (Ω) Max. I rms (A) Max. I sat (A) Max. SRF (MHz) REF.
    DR331-2-102 1.0± 20% 0.05 2.9 2.9 130
    DR331-2-152 1.5± 20% 0.05 2.8 2.6 115
    DR331-2-222 2.2± 20% 0.07 2.4 2.3 90
    DR331-2-332 3.3± 20% 0.08 2.0 2.0 70
    DR331-2-472 4.7± 20% 0.09 1.5 1.5 50
    DR331-2-682 6.8± 20% 0.13 1.4 1.2 45
    DR331-2-103 10± 20% 0.16 1.1 1.1 35
    DR331-2-153 15± 20% 0.23 1.2 0.90 30
    DR331-2-223 22± 10% 0.37 0.80 0.70 20
    DR331-2-333 33± 10% 0.51 0.60 0.58 15
    DR331-2-473 47± 10% 0.64 0.50 0.50 14
    DR331-2-683 68± 10% 0.86 0.40 0.40 11
    DR331-2-104 100±10% 1.27 0.30 0.31 9.0
    DR331-2-154 150± 10% 2.00 0.25 0.27 6.0
    DR331-2-224 220± 10% 3.11 0.20 0.22 5.5
    DR331-2-334 330± 10% 3.80 0.16 0.18 5.0
    DR331-2-474 470± 10% 6.20 0.15 0.16 4.0
    DR331-2-684 680± 10% 9.20 0.12 0.14 3.0
    DR331-2-105 1000± 10% 13.80 0.07 0.10 2.0

    Notes

    ️· Dimensions are in inches/millimeters.
    ️· Tolerance: Inches ±0.010, Millimeters ±0.25.
    ️· Isat is based on 90% inductance.
    ️· Irms is based on a 40°C temperature rise.
    ️· Non-RoHS parts can be identified with the "42-" prefix.
    ️· Terminal finish complies with J-STD-020C.

    Part No.DR331-2-105
    ManufacturerDATATRONICS
    Size77 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR