データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DR331-4-105 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR331-4-105 Datasheet

  • # Example questions: ➢ How many pieces per reel are available when ordering the tape and reel packaging option?
    ➢ What is the operating temperature range for the dr331-4 series inductors?
    ➢ What is the maximum dc resistance (dcr) for the dr331-4-683 inductor?

  • Part No.DR331-4-105
    ManufacturerDATATRONICS
    Size85 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR
    Datasheet Summary with AI

    SMD INDUCTOR DR331-4 SERIES

    ## Features
    · Low Profile Surface Mount Design
    · Inductance Range: 1.0µH to 1000µH
    · Operating Temperature: -40°C to +85°C
    · Available with Tinned Leads and Leaded Solder

    ## Electrical Specifications
    · Part Numbers: DR331-4-102 through DR331-4-105
    · Inductance (µH): 1.0 - 1000
    · DCR (Ω): 0.009 - 1.8 (max)
    · I rms (A): 4.3 - 8.6 (max) - Based on 40°C temperature rise
    · I sat (A): 7 - 20 (max) - Based on inductance being 90% of initial value
    · SRF (MHz): 7.0 - 80 (REF)
    · Inductance tested at 0.1 Vrms @ 100 kHz

    ## Mechanical Specifications
    · Dimensions in Inches/Millimeters
    · Tolerance: ±0.010 inches, ±0,25 mm


    ## Notes
    · RoHS Compliance: Terminal finish is compliant to RoHS requirements.
    · Non-RoHS Parts: Replace "DR" prefix with "42-" (e.g., DR331-4 becomes 42-331-4)
    · Packaging: Tape & Reel, 400 pcs per reel.

    SMD INDUCTOR DR331-4 SERIES

    ## Features
    · Low Profile Surface Mount Design
    · Inductance Range: 1.0µH to 1000µH
    · Operating Temperature: -40°C to +85°C
    · Available with Tinned Leads and Leaded Solder

    ## Electrical Specifications
    · Part Numbers: DR331-4-102 through DR331-4-105
    · Inductance (µH): 1.0 - 1000
    · DCR (Ω): 0.009 - 1.8 (max)
    · I rms (A): 4.3 - 8.6 (max) - Based on 40°C temperature rise
    · I sat (A): 7 - 20 (max) - Based on inductance being 90% of initial value
    · SRF (MHz): 7.0 - 80 (REF)
    · Inductance tested at 0.1 Vrms @ 100 kHz

    ## Mechanical Specifications
    · Dimensions in Inches/Millimeters
    · Tolerance: ±0.010 inches, ±0,25 mm

    ## Notes
    · RoHS Compliance: Terminal finish is compliant to RoHS requirements.
    · Non-RoHS Parts: Replace "DR" prefix with "42-" (e.g., DR331-4 becomes 42-331-4)
    · Packaging: Tape & Reel, 400 pcs per reel.

    Part No.DR331-4-105
    ManufacturerDATATRONICS
    Size85 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR