データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DR357-2-123 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR357-2-123 Datasheet

  • # Example questions: ➢ What is the inductance range available for the dr357-2 series?
    ➢ How is the ‘i rated’ value defined in terms of temperature rise and initial value drop?
    ➢ What is the quantity of pieces per reel when ordering these inductors on tape and reel?

  • Part No.DR357-2-123
    ManufacturerDATATRONICS
    Size107 Kbytes
    Pages1 page
    DescriptionSHIELDED SMD INDUCTOR
    Datasheet Summary with AI

    SHIELDED SMD INDUCTOR DR357-2 SERIES

    Features
    · Low profile surface mount design
    · Flat top for pick and place
    · Inductance range: 10.0µH to 150.0µH
    · Operating temperature: -30°C to +80°C
    · Tinned leads with leaded solder available (note 7)

    ## Electrical Specifications

    Part No. Inductance (µH) ±30% DCR (Ω) Max. I rated (A) Max.
    DR357-2-103 10.0 0.058 2.70
    DR357-2-123 12.0 0.072 2.25
    DR357-2-153 15.0 0.087 2.22
    DR357-2-183 18.0 0.116 1.90
    DR357-2-223 22.0 0.145 1.78
    DR357-2-273 27.0 0.176 1.63
    DR357-2-333 33.0 0.213 1.16
    DR357-2-393 39.0 0.269 1.32
    DR357-2-473 47.0 0.299 1.18
    DR357-2-563 56.0 0.336 1.10
    DR357-2-683 68.0 0.451 1.04
    DR357-2-823 82.0 0.514 0.94
    DR357-2-104 100.0 0.700 0.84
    DR357-2-124 120.0 0.765 0.76
    DR357-2-154 150.0 0.876 0.70

    ## Mechanical Outline
    · Dimensions are in millimeters (mm)
    · General tolerance: ±0.2mm

    ## Notes
    · Inductance Test: 100kHz, 0.1Vrms
    · "I rated" specifies temperature rise and initial value drop
    · Tape and reel quantity: 1000 pcs/reel
    · Non-RoHS parts use "42-" prefix (e.g., 42-357-2)
    · Terminal finish is RoHS compliant; follow J-STD-020C for soldering.

    ## Contact Information
    · Datatronic: 28151 Highway 74, Romoland, CA 92585
    · Hong Kong: 499 King’s Road

    SHIELDED SMD INDUCTOR DR357-2 SERIES

    Features
    · Low profile surface mount design
    · Flat top for pick and place
    · Inductance range: 10.0µH to 150.0µH
    · Operating temperature: -30°C to +80°C
    · Tinned leads with leaded solder available (note 7)

    ## Electrical Specifications

    Part No. Inductance (µH) ±30% DCR (Ω) Max. I rated (A) Max.
    DR357-2-103 10.0 0.058 2.70
    DR357-2-123 12.0 0.072 2.25
    DR357-2-153 15.0 0.087 2.22
    DR357-2-183 18.0 0.116 1.90
    DR357-2-223 22.0 0.145 1.78
    DR357-2-273 27.0 0.176 1.63
    DR357-2-333 33.0 0.213 1.16
    DR357-2-393 39.0 0.269 1.32
    DR357-2-473 47.0 0.299 1.18
    DR357-2-563 56.0 0.336 1.10
    DR357-2-683 68.0 0.451 1.04
    DR357-2-823 82.0 0.514 0.94
    DR357-2-104 100.0 0.700 0.84
    DR357-2-124 120.0 0.765 0.76
    DR357-2-154 150.0 0.876 0.70

    ## Mechanical Outline
    · Dimensions are in millimeters (mm)
    · General tolerance: ±0.2mm

    ## Notes
    · Inductance Test: 100kHz, 0.1Vrms
    · "I rated" specifies temperature rise and initial value drop
    · Tape and reel quantity: 1000 pcs/reel
    · Non-RoHS parts use "42-" prefix (e.g., 42-357-2)
    · Terminal finish is RoHS compliant; follow J-STD-020C for soldering.

    ## Contact Information
    · Datatronic: 28151 Highway 74, Romoland, CA 92585
    · Hong Kong: 499 King’s Road

    Part No.DR357-2-123
    ManufacturerDATATRONICS
    Size107 Kbytes
    Pages1 page
    DescriptionSHIELDED SMD INDUCTOR