データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DR357-4-103 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR357-4-103 Datasheet

  • # Example questions: ➢ What is the inductance range available for this dr357-4 series inductor?
    ➢ What is the general dimensional tolerance for this smd inductor, as specified in the notes?
    ➢ How is the 'i rated' value affected by temperature, according to the provided notes?

  • Part No.DR357-4-103
    ManufacturerDATATRONICS
    Size105 Kbytes
    Pages1 page
    DescriptionSHIELDED SMD INDUCTOR
    Datasheet Summary with AI

    SHIELDED SMD INDUCTOR DR357-4 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Flat Top for Pick and Place
    ️· Inductance Range: 10.0µH to 1000.0µH
    ️· Operating Temperature: -30°C to +80°C
    ️· Tinned Leads with Leaded Solder Available (note 7)

    Electrical Specifications

    Part No. Inductance (µH) ±30% DCR (Ω) Max. I rated (A) Max.
    DR357-4-103 10.0 0.026 3.45
    DR357-4-123 12.0 0.032 3.40
    DR357-4-153 15.0 0.040 2.83
    DR357-4-183 18.0 0.046 2.62
    DR357-4-223 22.0 0.059 2.44
    DR357-4-273 27.0 0.065 2.24
    DR357-4-333 33.0 0.081 1.88
    DR357-4-393 39.0 0.103 1.70
    DR357-4-473 47.0 0.122 1.56
    DR357-4-563 56.0 0.145 1.39
    DR357-4-683 68.0 0.193 1.36
    DR357-4-823 82.0 0.219 1.20
    DR357-4-104 100.0 0.247 1.09
    DR357-4-124 120.0 0.298 1.00
    DR357-4-154 150.0 0.355 0.91
    DR357-4-184 180.0 0.393 0.84
    DR357-4-224 220.0 0.484 0.75
    DR357-4-274 270.0 0.633 0.68
    DR357-4-334 330.0 0.780 0.60
    DR357-4-394 390.0 0.958 0.57
    DR357-4-474 470.0 1.220 0.50
    DR357-4-564 560.0 1.352 0.47
    DR357-4-684 680.0 1.519 0.43
    DR357-4-824 820.0 1.694 0.39
    DR357-4-105 1000.0 1.946 0.35

    Notes

    ️· Dimensions in millimeter (mm)
    ️· General tolerance ±0.2mm
    ️· Inductance Test: 100kHz, 0.1Vrms
    ️· I rated: approximate 40°C temperature rise
    ️· I rated: approximately 35% drop from initial value
    ️· Tape and reel quantity: 2000 pcs/reel
    ️· Non-RoHS parts: Replace DR prefix with 42- (e.g., 42-357-4)
    ️· Terminal finish compliant with RoHS requirements.

    SHIELDED SMD INDUCTOR DR357-4 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Flat Top for Pick and Place
    ️· Inductance Range: 10.0µH to 1000.0µH
    ️· Operating Temperature: -30°C to +80°C
    ️· Tinned Leads with Leaded Solder Available (note 7)

    Electrical Specifications

    Part No. Inductance (µH) ±30% DCR (Ω) Max. I rated (A) Max.
    DR357-4-103 10.0 0.026 3.45
    DR357-4-123 12.0 0.032 3.40
    DR357-4-153 15.0 0.040 2.83
    DR357-4-183 18.0 0.046 2.62
    DR357-4-223 22.0 0.059 2.44
    DR357-4-273 27.0 0.065 2.24
    DR357-4-333 33.0 0.081 1.88
    DR357-4-393 39.0 0.103 1.70
    DR357-4-473 47.0 0.122 1.56
    DR357-4-563 56.0 0.145 1.39
    DR357-4-683 68.0 0.193 1.36
    DR357-4-823 82.0 0.219 1.20
    DR357-4-104 100.0 0.247 1.09
    DR357-4-124 120.0 0.298 1.00
    DR357-4-154 150.0 0.355 0.91
    DR357-4-184 180.0 0.393 0.84
    DR357-4-224 220.0 0.484 0.75
    DR357-4-274 270.0 0.633 0.68
    DR357-4-334 330.0 0.780 0.60
    DR357-4-394 390.0 0.958 0.57
    DR357-4-474 470.0 1.220 0.50
    DR357-4-564 560.0 1.352 0.47
    DR357-4-684 680.0 1.519 0.43
    DR357-4-824 820.0 1.694 0.39
    DR357-4-105 1000.0 1.946 0.35

    Notes

    ️· Dimensions in millimeter (mm)
    ️· General tolerance ±0.2mm
    ️· Inductance Test: 100kHz, 0.1Vrms
    ️· I rated: approximate 40°C temperature rise
    ️· I rated: approximately 35% drop from initial value
    ️· Tape and reel quantity: 2000 pcs/reel
    ️· Non-RoHS parts: Replace DR prefix with 42- (e.g., 42-357-4)
    ️· Terminal finish compliant with RoHS requirements.

    Part No.DR357-4-103
    ManufacturerDATATRONICS
    Size105 Kbytes
    Pages1 page
    DescriptionSHIELDED SMD INDUCTOR