データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DR357-3-104 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR357-3-104 Datasheet

  • # Example questions: ➢ How is the inductance of these inductors tested, and at what frequency and voltage is this test performed?
    ➢ What is the full operating temperature range specified for the dr357-3 series inductors?
    ➢ Which prefix should be used instead of 'dr' to designate a non-rohs compliant part number within this series?

  • Part No.DR357-3-104
    ManufacturerDATATRONICS
    Size107 Kbytes
    Pages1 page
    DescriptionSHIELDED SMD INDUCTOR
    Datasheet Summary with AI

    SHIELDED SMD INDUCTOR DR357-3 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Flat Top for Pick and Place
    ️· Inductance Range: 1.3µH to 330.0µH
    ️· Operating Temperature: -30°C to +80°C
    ️· Available with Tinned Leads and Leaded Solder

    ## Electrical Specifications

    Part No. Inductance (µH) ±30% DCR (Ω) Max. I Rated (A) Max.
    DR357-3-132 1.3 0.008 10.00
    DR357-3-252 2.5 0.010 7.50
    DR357-3-382 3.8 0.013 6.00
    DR357-3-522 5.2 0.022 5.50
    DR357-3-702 7.0 0.027 4.80
    DR357-3-103 10.0 0.035 4.40
    DR357-3-153 15.0 0.050 3.60
    DR357-3-223 22.0 0.073 2.90
    DR357-3-333 33.0 0.093 2.30
    DR357-3-473 47.0 0.128 2.10
    DR357-3-683 68.0 0.213 1.50
    DR357-3-104 100.0 0.304 1.35
    DR357-3-154 150.0 0.506 1.15
    DR357-3-224 220.0 0.756 0.92
    DR357-3-334 330.0 1.090 0.70

    ## Notes

    ️· Dimensions are in millimeters (mm).
    ️· General tolerance is ±0.2mm.
    ️· Inductance Test: 100kHz, 0.1Vrms
    ️· I<sub>rated</sub> is determined by an approximate 40°C temperature rise.
    ️· I<sub>rated</sub> corresponds to a maximum 35% drop in initial inductance value.
    ️· For non-RoHS compliant parts, replace "DR" prefix with "42-" (e.g., 42-357-3).
    ️· Terminal finish complies with RoHS requirements, following J-STD-020C.

    ## Contact Information

    ️· Datatronic: 28151 Highway 74, Romoland, CA 92585
    ️· Hong Kong: 499 King’s Road

    SHIELDED SMD INDUCTOR DR357-3 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Flat Top for Pick and Place
    ️· Inductance Range: 1.3µH to 330.0µH
    ️· Operating Temperature: -30°C to +80°C
    ️· Available with Tinned Leads and Leaded Solder

    ## Electrical Specifications

    Part No. Inductance (µH) ±30% DCR (Ω) Max. I Rated (A) Max.
    DR357-3-132 1.3 0.008 10.00
    DR357-3-252 2.5 0.010 7.50
    DR357-3-382 3.8 0.013 6.00
    DR357-3-522 5.2 0.022 5.50
    DR357-3-702 7.0 0.027 4.80
    DR357-3-103 10.0 0.035 4.40
    DR357-3-153 15.0 0.050 3.60
    DR357-3-223 22.0 0.073 2.90
    DR357-3-333 33.0 0.093 2.30
    DR357-3-473 47.0 0.128 2.10
    DR357-3-683 68.0 0.213 1.50
    DR357-3-104 100.0 0.304 1.35
    DR357-3-154 150.0 0.506 1.15
    DR357-3-224 220.0 0.756 0.92
    DR357-3-334 330.0 1.090 0.70

    ## Notes

    ️· Dimensions are in millimeters (mm).
    ️· General tolerance is ±0.2mm.
    ️· Inductance Test: 100kHz, 0.1Vrms
    ️· I<sub>rated</sub> is determined by an approximate 40°C temperature rise.
    ️· I<sub>rated</sub> corresponds to a maximum 35% drop in initial inductance value.
    ️· For non-RoHS compliant parts, replace "DR" prefix with "42-" (e.g., 42-357-3).
    ️· Terminal finish complies with RoHS requirements, following J-STD-020C.

    ## Contact Information

    ️· Datatronic: 28151 Highway 74, Romoland, CA 92585
    ️· Hong Kong: 499 King’s Road

    Part No.DR357-3-104
    ManufacturerDATATRONICS
    Size107 Kbytes
    Pages1 page
    DescriptionSHIELDED SMD INDUCTOR