| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DR357-2-124 Datasheet
# Example questions:
➢ What is the inductance range available for the dr357-2 series?
➢ How is the ‘i rated’ value defined in terms of temperature rise and initial value drop?
➢ What is the quantity of pieces per reel when ordering these inductors on tape and reel?
SHIELDED SMD INDUCTOR DR357-2 SERIES
Features
· Low profile surface mount design
· Flat top for pick and place
· Inductance range: 10.0µH to 150.0µH
· Operating temperature: -30°C to +80°C
· Tinned leads with leaded solder available (note 7)
## Electrical Specifications
| Part No. | Inductance (µH) ±30% | DCR (Ω) Max. | I rated (A) Max. |
|---|---|---|---|
| DR357-2-103 | 10.0 | 0.058 | 2.70 |
| DR357-2-123 | 12.0 | 0.072 | 2.25 |
| DR357-2-153 | 15.0 | 0.087 | 2.22 |
| DR357-2-183 | 18.0 | 0.116 | 1.90 |
| DR357-2-223 | 22.0 | 0.145 | 1.78 |
| DR357-2-273 | 27.0 | 0.176 | 1.63 |
| DR357-2-333 | 33.0 | 0.213 | 1.16 |
| DR357-2-393 | 39.0 | 0.269 | 1.32 |
| DR357-2-473 | 47.0 | 0.299 | 1.18 |
| DR357-2-563 | 56.0 | 0.336 | 1.10 |
| DR357-2-683 | 68.0 | 0.451 | 1.04 |
| DR357-2-823 | 82.0 | 0.514 | 0.94 |
| DR357-2-104 | 100.0 | 0.700 | 0.84 |
| DR357-2-124 | 120.0 | 0.765 | 0.76 |
| DR357-2-154 | 150.0 | 0.876 | 0.70 |
SHIELDED SMD INDUCTOR DR357-2 SERIES
Features
· Low profile surface mount design
· Flat top for pick and place
· Inductance range: 10.0µH to 150.0µH
· Operating temperature: -30°C to +80°C
· Tinned leads with leaded solder available (note 7)
## Electrical Specifications
| Part No. | Inductance (µH) ±30% | DCR (Ω) Max. | I rated (A) Max. |
|---|---|---|---|
| DR357-2-103 | 10.0 | 0.058 | 2.70 |
| DR357-2-123 | 12.0 | 0.072 | 2.25 |
| DR357-2-153 | 15.0 | 0.087 | 2.22 |
| DR357-2-183 | 18.0 | 0.116 | 1.90 |
| DR357-2-223 | 22.0 | 0.145 | 1.78 |
| DR357-2-273 | 27.0 | 0.176 | 1.63 |
| DR357-2-333 | 33.0 | 0.213 | 1.16 |
| DR357-2-393 | 39.0 | 0.269 | 1.32 |
| DR357-2-473 | 47.0 | 0.299 | 1.18 |
| DR357-2-563 | 56.0 | 0.336 | 1.10 |
| DR357-2-683 | 68.0 | 0.451 | 1.04 |
| DR357-2-823 | 82.0 | 0.514 | 0.94 |
| DR357-2-104 | 100.0 | 0.700 | 0.84 |
| DR357-2-124 | 120.0 | 0.765 | 0.76 |
| DR357-2-154 | 150.0 | 0.876 | 0.70 |
| Part No. | DR357-2-124 |
| Manufacturer | DATATRONICS |
| Size | 107 Kbytes |
| Pages | 1 page |
| Description | SHIELDED SMD INDUCTOR |