| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DR357-3-154 Datasheet
# Example questions:
➢ How is the inductance of these inductors tested, and at what frequency and voltage is this test performed?
➢ What is the full operating temperature range specified for the dr357-3 series inductors?
➢ Which prefix should be used instead of 'dr' to designate a non-rohs compliant part number within this series?
SHIELDED SMD INDUCTOR DR357-3 SERIES
Features
️· Low Profile Surface Mount Design
️· Flat Top for Pick and Place
️· Inductance Range: 1.3µH to 330.0µH
️· Operating Temperature: -30°C to +80°C
️· Available with Tinned Leads and Leaded Solder
## Electrical Specifications
| Part No. | Inductance (µH) ±30% | DCR (Ω) Max. | I Rated (A) Max. |
|---|---|---|---|
| DR357-3-132 | 1.3 | 0.008 | 10.00 |
| DR357-3-252 | 2.5 | 0.010 | 7.50 |
| DR357-3-382 | 3.8 | 0.013 | 6.00 |
| DR357-3-522 | 5.2 | 0.022 | 5.50 |
| DR357-3-702 | 7.0 | 0.027 | 4.80 |
| DR357-3-103 | 10.0 | 0.035 | 4.40 |
| DR357-3-153 | 15.0 | 0.050 | 3.60 |
| DR357-3-223 | 22.0 | 0.073 | 2.90 |
| DR357-3-333 | 33.0 | 0.093 | 2.30 |
| DR357-3-473 | 47.0 | 0.128 | 2.10 |
| DR357-3-683 | 68.0 | 0.213 | 1.50 |
| DR357-3-104 | 100.0 | 0.304 | 1.35 |
| DR357-3-154 | 150.0 | 0.506 | 1.15 |
| DR357-3-224 | 220.0 | 0.756 | 0.92 |
| DR357-3-334 | 330.0 | 1.090 | 0.70 |
SHIELDED SMD INDUCTOR DR357-3 SERIES
Features
️· Low Profile Surface Mount Design
️· Flat Top for Pick and Place
️· Inductance Range: 1.3µH to 330.0µH
️· Operating Temperature: -30°C to +80°C
️· Available with Tinned Leads and Leaded Solder
## Electrical Specifications
| Part No. | Inductance (µH) ±30% | DCR (Ω) Max. | I Rated (A) Max. |
|---|---|---|---|
| DR357-3-132 | 1.3 | 0.008 | 10.00 |
| DR357-3-252 | 2.5 | 0.010 | 7.50 |
| DR357-3-382 | 3.8 | 0.013 | 6.00 |
| DR357-3-522 | 5.2 | 0.022 | 5.50 |
| DR357-3-702 | 7.0 | 0.027 | 4.80 |
| DR357-3-103 | 10.0 | 0.035 | 4.40 |
| DR357-3-153 | 15.0 | 0.050 | 3.60 |
| DR357-3-223 | 22.0 | 0.073 | 2.90 |
| DR357-3-333 | 33.0 | 0.093 | 2.30 |
| DR357-3-473 | 47.0 | 0.128 | 2.10 |
| DR357-3-683 | 68.0 | 0.213 | 1.50 |
| DR357-3-104 | 100.0 | 0.304 | 1.35 |
| DR357-3-154 | 150.0 | 0.506 | 1.15 |
| DR357-3-224 | 220.0 | 0.756 | 0.92 |
| DR357-3-334 | 330.0 | 1.090 | 0.70 |
| Part No. | DR357-3-154 |
| Manufacturer | DATATRONICS |
| Size | 107 Kbytes |
| Pages | 1 page |
| Description | SHIELDED SMD INDUCTOR |