| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SCS706D Datasheet
# Example questions:
➢ What is the typical forward voltage (vf) at a forward current (if) of 100ma according to figure 1?
➢ What happens to the allowable current as the ambient temperature increases?
➢ Approximately what is the capacitance between terminals (ct) when the reverse voltage (vr) is 50v and at a temperature of 25°c?
Here's a summary of the information extracted from the text, organized for clarity:
1. Device:
️· Type: SC-59 Types Schottky Barrier Rectifier
️· Model: SCS706D
️· Voltage: 45V
️· Current: 0.03A (30mA)
2. Absolute Maximum Ratings (at Ta = 25°C):
️· Peak Reverse Voltage (VRM): 45V
️· DC Reverse Voltage (VR): 40V
️· Mean Rectifying Current (IO): 30mA
️· Peak Forward Surge Current (IFSM): 200mA
️· Junction Temperature (Tj): 125°C
️· Storage Temperature (Tstg): -40°C to +125°C
3. Electrical Characteristics (Ta = 25°C):
️· Forward Voltage (VF): ~0.37V (at IF = 1mA, pulse measurement)
️· Reverse Current (IR): ~1µA (at VR = 10V)
️· Capacitance Between Terminals (CT): ~2pF (at VR = 1V, f = 1MHz)
4. Graphs/Curves:
The document includes graphs illustrating:
️· Forward Characteristics (Fig. 1): VF vs. IF at different temperatures (Ta = -25°C, 25°C, 75°C, 125°C).
️· Reverse Characteristics (Fig. 2): IR vs. VR at different temperatures.
️· Capacitance Characteristics (Fig. 3): CT vs. VR (at f=1MHz, Ta=25°C)
️· Derating Curve (Fig. 4): Shows how the permissible current is affected by ambient temperature (Ta) when mounted on glass epoxy PCBs.
5. Important Notes:
️· Pulse Measurement: Some values (VF, IR) are based on pulse measurements.
️· RoHS Compliant: The device is RoHS compliant.
️· ESD Sensitive: Handle with care to avoid electrostatic discharge.
1. Device:
️· Type: SC-59 Types Schottky Barrier Rectifier
️· Model: SCS706D
️· Voltage: 45V
️· Current: 0.03A (30mA)
2. Absolute Maximum Ratings (at Ta = 25°C):
️· Peak Reverse Voltage (VRM): 45V
️· DC Reverse Voltage (VR): 40V
️· Mean Rectifying Current (IO): 30mA
️· Peak Forward Surge Current (IFSM): 200mA
️· Junction Temperature (Tj): 125°C
️· Storage Temperature (Tstg): -40°C to +125°C
3. Electrical Characteristics (Ta = 25°C):
️· Forward Voltage (VF): ~0.37V (at IF = 1mA, pulse measurement)
️· Reverse Current (IR): ~1µA (at VR = 10V)
️· Capacitance Between Terminals (CT): ~2pF (at VR = 1V, f = 1MHz)
4. Graphs/Curves:
The document includes graphs illustrating:
️· Forward Characteristics (Fig. 1): VF vs. IF at different temperatures (Ta = -25°C, 25°C, 75°C, 125°C).
️· Reverse Characteristics (Fig. 2): IR vs. VR at different temperatures.
️· Capacitance Characteristics (Fig. 3): CT vs. VR (at f=1MHz, Ta=25°C)
️· Derating Curve (Fig. 4): Shows how the permissible current is affected by ambient temperature (Ta) when mounted on glass epoxy PCBs.
5. Important Notes:
️· Pulse Measurement: Some values (VF, IR) are based on pulse measurements.
️· RoHS Compliant: The device is RoHS compliant.
️· ESD Sensitive: Handle with care to avoid electrostatic discharge.
| Part No. | SCS706D |
| Manufacturer | SECOS |
| Size | 722 Kbytes |
| Pages | 2 pages |
| Description | 0.03AMP Surface Mount Schottky Barrier Rectifiers |