データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Datasheet with Chat AI
Datasheet Details
Part No.SN74HC393D
MfrTI
Size542 Kbytes
Pages17 pages
DescriptionDUAL 4-BIT BINARY COUNTERS
Datasheet SummaryAI
# SN54HC393 / SN74HC393 Dual 4-Bit Binary Counters

## Overview
These devices contain two independent 4-bit binary counters in a single package, each with a clear (CLR) and clock (CLK) input. They can implement N-bit binary counters, dividing input frequencies and providing submultiple timing signals.

## Features
️· Dual 4-bit binary counters
️· Individual CLK and CLR inputs
️· Capable of dividing by up to 256
️· Parallel outputs for timing signals
️· Low power consumption (80µA max)
️· Wide operating voltage range (2V to 6V)
️· Can drive up to 10 LSTTL loads
️· Typical propagation delay of 13ns

## Electrical Characteristics
️· Supply Voltage: 2V to 6V
️· Input Voltage High (VIH): VCC dependent (e.g. 1.5V @ 2V VCC)
️· Input Voltage Low (VIL): VCC dependent (e.g. 0.5V @ 2V VCC)
️· Output Voltage High (VOH): VCC dependent
️· Output Voltage Low (VOL): VCC dependent

## Packages Available
️· FK (Ceramic Chip Carrier)
️· DB (Plastic Small Outline)
️· PW (Plastic Small Outline Package)
️· CDIP
️· CFP
️· LCCC
️· TSSOP

## Absolute Maximum Ratings
️· Supply Voltage: -0.5V to 7V
️· Input Clamp Current: ±20mA
️· Output Clamp Current: ±20mA
️· Continuous Output Current: ±25mA
️· Continuous Current through VCC or GND: ±50mA

## Timing Characteristics (Typical)
️· Propagation Delay (tpHL/tpLH): 13ns
️· Pulse Duration (tWH/tWL): Dependent on VCC (e.g., 16-120ns)
️· Setup Time (tsu): 5ns
️· Hold Time: Not Specified

## Ordering Information
Various packages and temperature ranges are available, including options for military applications (SNJ54HC393). See datasheet for specific part numbers.
SN74HC393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about SN74HC393D Datasheet.
    Example questions: ➤ The datasheets reference several jedec standards (ms-004, mo-150, mo-153). what is the general purpose of jedec standards in the semiconductor industry?➤ Considering the various datasheets, what type of plating is mentioned for the terminals of one of the package types, and why is this relevant?➤ What are the three package types mentioned and what pin counts are available for each?
  • Datasheet Details
    Part No.SN74HC393D
    ManufacturerTI
    Size542 Kbytes
    Pages17 pages
    DescriptionDUAL 4-BIT BINARY COUNTERS
    Datasheet Summary AI Expand summary
    # SN54HC393 / SN74HC393 Dual 4-Bit Binary Counters

    ## Overview
    These devices contain two independent 4-bit binary counters in a single package, each with a clear (CLR) and clock (CLK) input. They can implement N-bit binary counters, dividing input frequencies and providing submultiple timing signals.

    ## Features
    ️· Dual 4-bit binary counters
    ️· Individual CLK and CLR inputs
    ️· Capable of dividing by up to 256
    ️· Parallel outputs for timing signals
    ️· Low power consumption (80µA max)
    ️· Wide operating voltage range (2V to 6V)
    ️· Can drive up to 10 LSTTL loads
    ️· Typical propagation delay of 13ns

    ## Electrical Characteristics
    ️· Supply Voltage: 2V to 6V
    ️· Input Voltage High (VIH): VCC dependent (e.g. 1.5V @ 2V VCC)
    ️· Input Voltage Low (VIL): VCC dependent (e.g. 0.5V @ 2V VCC)
    ️· Output Voltage High (VOH): VCC dependent
    ️· Output Voltage Low (VOL): VCC dependent

    ## Packages Available
    ️· FK (Ceramic Chip Carrier)
    ️· DB (Plastic Small Outline)
    ️· PW (Plastic Small Outline Package)
    ️· CDIP
    ️· CFP
    ️· LCCC
    ️· TSSOP

    ## Absolute Maximum Ratings
    ️· Supply Voltage: -0.5V to 7V
    ️· Input Clamp Current: ±20mA
    ️· Output Clamp Current: ±20mA
    ️· Continuous Output Current: ±25mA
    ️· Continuous Current through VCC or GND: ±50mA

    ## Timing Characteristics (Typical)
    ️· Propagation Delay (tpHL/tpLH): 13ns
    ️· Pulse Duration (tWH/tWL): Dependent on VCC (e.g., 16-120ns)
    ️· Setup Time (tsu): 5ns
    ️· Hold Time: Not Specified

    ## Ordering Information
    Various packages and temperature ranges are available, including options for military applications (SNJ54HC393). See datasheet for specific part numbers.