データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FEC30-12S1P5 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about FEC30-12S1P5 Datasheet

  • # Example questions: ➢ What function does this pin serve, and is it different for single vs. dual configurations?
    ➢ What are the specifications for the common mode choke (l1) recommended for filtering, and what is its part number?
    ➢ What capacitor values are recommended for the fec30-24xxx series to meet en55022 class b compliance?

  • Part No.FEC30-12S1P5
    ManufacturerP-DUKE
    Size343 Kbytes
    Pages3 pages
    Description30 WATTS MAXIMUM OUTPUT POWER
    Datasheet Summary with AI

    1. Product Overview: FEC30 Series Power Modules

    ️· Description: These are DC-DC power modules.
    ️· Compliance: Designed to meet EN55022 Class A with external capacitors. EN61000-4-4 and EN61000-4-5 require an external input filter.
    ️· Derating: Performance derating curves are included for the 48V models.
    ️· Heatsink: An optional heatsink (P/N: 7G-0011C-F) is available.

    2. Input Voltage Ranges and Models

    The FEC30 series comes in three input voltage ranges:

    ️· 12xxx: 12V input
    ️· 24xxx: 24V input
    ️· 48xxx: 48V input

    3. Key Electrical Specifications (From Table - Excerpts)

    Specification 12xxx 24xxx 48xxx
    Input Voltage Range
    Typical Output
    Max. Ripple
    Efficiency (Typical)
    Regulation (Bellcore TR-NWT-000332)
    Noise (MIL-HDBK-217F)

    *Note: Complete data sheet would be needed for full specifications.*

    4. Recommended Filter Components for EN55022 Class B Compliance

    This table provides the components needed for filtering, based on the input voltage range.
    Component 12xxx 24xxx 48xxx
    C1 4.7μF/50V 1812 MLCC 6.8μF/50V 1812 MLCC 2.2μF/100V 1812 MLCC
    C2 N/A N/A 2.2μF/100V 1812 MLCC
    C3 4.7μF/50V 1812 MLCC 6.8μF/50V 1812 MLCC 2.2μF/100V 1812 MLCC
    C4 N/A N/A 2.2uF/100V 1812 MLCC
    C5 & C6 1000pF/2KV MLCC 1000pF/2KV MLCC 1000pF/2KV MLCC
    L1 450μH Common Choke PMT-048 450μH Common Choke PMT-048 450μH Common Choke PMT-048

    5. Pin Connections

    Pin Single Dual
    1 + Input + Input
    2 - Input - Input
    4 CTRL CTRL
    5 No Pin + Output
    6 + Output Common
    7 - Output - Output
    8 TRIM TRIM

    6. Important Notes

    ️· MLCC: Metal Layer Ceramic Capacitor
    ️· "N/A": Not Applicable - The component is not required for that input voltage range.
    ️· Power Mate Suggest: Nippon Chemi-con KY series, 220μF/100V, ESR 48mΩ (for 48V input).

    1. Product Overview: FEC30 Series Power Modules

    ️· Description: These are DC-DC power modules.
    ️· Compliance: Designed to meet EN55022 Class A with external capacitors. EN61000-4-4 and EN61000-4-5 require an external input filter.
    ️· Derating: Performance derating curves are included for the 48V models.
    ️· Heatsink: An optional heatsink (P/N: 7G-0011C-F) is available.

    2. Input Voltage Ranges and Models

    The FEC30 series comes in three input voltage ranges:

    ️· 12xxx: 12V input
    ️· 24xxx: 24V input
    ️· 48xxx: 48V input

    3. Key Electrical Specifications (From Table - Excerpts)

    Specification 12xxx 24xxx 48xxx
    Input Voltage Range
    Typical Output
    Max. Ripple
    Efficiency (Typical)
    Regulation (Bellcore TR-NWT-000332)
    Noise (MIL-HDBK-217F)

    *Note: Complete data sheet would be needed for full specifications.*

    4. Recommended Filter Components for EN55022 Class B Compliance

    This table provides the components needed for filtering, based on the input voltage range.
    Component 12xxx 24xxx 48xxx
    C1 4.7μF/50V 1812 MLCC 6.8μF/50V 1812 MLCC 2.2μF/100V 1812 MLCC
    C2 N/A N/A 2.2μF/100V 1812 MLCC
    C3 4.7μF/50V 1812 MLCC 6.8μF/50V 1812 MLCC 2.2μF/100V 1812 MLCC
    C4 N/A N/A 2.2uF/100V 1812 MLCC
    C5 & C6 1000pF/2KV MLCC 1000pF/2KV MLCC 1000pF/2KV MLCC
    L1 450μH Common Choke PMT-048 450μH Common Choke PMT-048 450μH Common Choke PMT-048

    5. Pin Connections

    Pin Single Dual
    1 + Input + Input
    2 - Input - Input
    4 CTRL CTRL
    5 No Pin + Output
    6 + Output Common
    7 - Output - Output
    8 TRIM TRIM

    6. Important Notes

    ️· MLCC: Metal Layer Ceramic Capacitor
    ️· "N/A": Not Applicable - The component is not required for that input voltage range.
    ️· Power Mate Suggest: Nippon Chemi-con KY series, 220μF/100V, ESR 48mΩ (for 48V input).

    Part No.FEC30-12S1P5
    ManufacturerP-DUKE
    Size343 Kbytes
    Pages3 pages
    Description30 WATTS MAXIMUM OUTPUT POWER