| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TL080 Datasheet
# Example questions:
➢ What is the typical unity-gain bandwidth (b1) for the tl081bc, tl082bc, and tl084bc amplifiers?
➢ What does the parameter 'ksvr' represent in the datasheet, and what is it a measure of?
➢ What are the typical input offset voltage values for the tl081bc, tl082bc, and tl084bc amplifiers?
# TL080, TL081, TL082, TL084 Family Operational Amplifiers
## Features
️· JFET-input operational amplifiers
️· Low input bias and offset currents
️· Latch-up-free operation
️· Output short-circuit protection
️· High slew rate (up to 13 V/µs)
️· Low total harmonic distortion (0.003% typical)
️· Common-mode input voltage range includes VCC+
## Electrical Characteristics (Typical)
️· Supply Voltage: ±15V (range varies by suffix)
️· Input Offset Voltage: 3-15mV (varies by suffix)
️· Input Bias Current: 5-200pA
️· Slew Rate: 13V/µs
️· Input Resistance: 10^12 Ohms
️· Common Mode Rejection Ratio (CMRR): 80-86dB
️· Supply Voltage Rejection Ratio (kSVR): 80-86dB
## Package Options
️· D (Small Outline)
️· J (Ceramic DIP)
️· N (Plastic DIP)
️· P (Plastic DIP)
️· FK (Chip Carrier)
️· PW (TSSOP)
## Temperature Ranges (Suffixes)
️· C: 0°C to 70°C
️· I: -40°C to 85°C
️· M: -55°C to 125°C
## Pin Configuration (Examples)
️· TL080: Offset N1, Offset N2, IN+, IN-, OUT, VCC+, VCC-
️· TL081/2: IN+, IN-, OUT, VCC+, VCC-
️· TL084: IN+, IN-, OUT, VCC+, VCC- (Quad amplifier)
## Applications
️· General-purpose operational amplifier applications
️· Audio circuits
️· Instrumentation
️· Active filters
# TL080, TL081, TL082, TL084 Family Operational Amplifiers
## Features
️· JFET-input operational amplifiers
️· Low input bias and offset currents
️· Latch-up-free operation
️· Output short-circuit protection
️· High slew rate (up to 13 V/µs)
️· Low total harmonic distortion (0.003% typical)
️· Common-mode input voltage range includes VCC+
## Electrical Characteristics (Typical)
️· Supply Voltage: ±15V (range varies by suffix)
️· Input Offset Voltage: 3-15mV (varies by suffix)
️· Input Bias Current: 5-200pA
️· Slew Rate: 13V/µs
️· Input Resistance: 10^12 Ohms
️· Common Mode Rejection Ratio (CMRR): 80-86dB
️· Supply Voltage Rejection Ratio (kSVR): 80-86dB
## Package Options
️· D (Small Outline)
️· J (Ceramic DIP)
️· N (Plastic DIP)
️· P (Plastic DIP)
️· FK (Chip Carrier)
️· PW (TSSOP)
## Temperature Ranges (Suffixes)
️· C: 0°C to 70°C
️· I: -40°C to 85°C
️· M: -55°C to 125°C
## Pin Configuration (Examples)
️· TL080: Offset N1, Offset N2, IN+, IN-, OUT, VCC+, VCC-
️· TL081/2: IN+, IN-, OUT, VCC+, VCC-
️· TL084: IN+, IN-, OUT, VCC+, VCC- (Quad amplifier)
## Applications
️· General-purpose operational amplifier applications
️· Audio circuits
️· Instrumentation
️· Active filters
| Part No. | TL080 |
| Manufacturer | TI |
| Size | 368 Kbytes |
| Pages | 19 pages |
| Description | JFET-INPUT OPERATIONAL AMPLIFIERS |