| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ZMC10 Datasheet
# Example questions:
➢ Which pins are used for the current input?
➢ What is the maximum current this sensor can measure?
➢ How does the operating temperature range compare to the storage temperature range?
# ZMC10 Current Sensor
## Features
· Package: Modified DIL-14
· Measures magnetic field from current-carrying conductor using magnetoresistive effect
· Measurable current (IM): up to 10A
· Supply voltage: 12V
· No auxiliary field (HX) required
· Overload capability: 300A for 10ms at 25°C (between pins 8, 9, 10 and 11, 12, 13)
## Absolute Maximum Ratings
· Supply voltage (VB): 12V
· Isolation voltage (VISOL): 2kV
· Measurable current (IM): 10A
· Operating temperature range (Tamb): -40°C to +120°C
· Storage temperature range (Tstg): -65°C to +120°C
## Electrical Characteristics
· Bridge resistance (Rbr): 1.2 - 2.2 kΩ
· Offset voltage (VOff): ±2 mV/V
· Open circuit sensitivity (S): -0.5 (mV/V)/A
· Resistance of conductor (R): 0.7 mΩ
· Operating frequency (fmax): 100 kHz
· Temperature coefficient of open circuit sensitivity (TC): -0.3 %/K
## Ordering Information
· ZMC10: Available in boxes of 10 components.
· Device identified by type marking on body.
# ZMC10 Current Sensor
## Features
· Package: Modified DIL-14
· Measures magnetic field from current-carrying conductor using magnetoresistive effect
· Measurable current (IM): up to 10A
· Supply voltage: 12V
· No auxiliary field (HX) required
· Overload capability: 300A for 10ms at 25°C (between pins 8, 9, 10 and 11, 12, 13)
## Absolute Maximum Ratings
· Supply voltage (VB): 12V
· Isolation voltage (VISOL): 2kV
· Measurable current (IM): 10A
· Operating temperature range (Tamb): -40°C to +120°C
· Storage temperature range (Tstg): -65°C to +120°C
## Electrical Characteristics
· Bridge resistance (Rbr): 1.2 - 2.2 kΩ
· Offset voltage (VOff): ±2 mV/V
· Open circuit sensitivity (S): -0.5 (mV/V)/A
· Resistance of conductor (R): 0.7 mΩ
· Operating frequency (fmax): 100 kHz
· Temperature coefficient of open circuit sensitivity (TC): -0.3 %/K
## Ordering Information
· ZMC10: Available in boxes of 10 components.
· Device identified by type marking on body.
| Part No. | ZMC10 |
| Manufacturer | ZETEX |
| Size | 18 Kbytes |
| Pages | 2 pages |
| Description | Current Sensor |