データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FR101G Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about FR101G Datasheet

  • # Example questions: ➢ What is the specified operating temperature range for all rectifier models listed?
    ➢ How does the maximum reverse recovery time change as the voltage rating increases from fr101g to fr107g?
    ➢ What is the maximum average forward rectified current for the fr107g rectifier?

  • Part No.FR101G
    ManufacturerRECTRON
    Size257 Kbytes
    Pages2 pages
    DescriptionFAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
    Datasheet Summary with AI

    # FAST RECOVERY GLASS PASSIVATED RECTIFIER

    ## FEATURES
    ️· High reliability
    ️· Low leakage
    ️· Low forward voltage drop
    ️· High current capability
    ️· Glass passivated junction
    ️· High switching capability

    ## MECHANICAL DATA
    ️· Case: Molded plastic
    ️· Epoxy: UL 94V-O rate flame retardant
    ️· Lead: MIL-STD-202E method 208C guaranteed
    ️· Mounting position: Any
    ️· Weight: 0.33 gram

    ## MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
    Ratings
    ️· Maximum Recurrent Peak Reverse Voltage (VRRM): 50V, 100V, 200V, 400V, 600V, 800V, 1000V

    ️· Maximum RMS Voltage (VRMS): 35V, 70V, 140V, 280V, 420V, 560V, 700V
    ️· Maximum DC Blocking Voltage (VDC): 50V, 100V, 200V, 400V, 600V, 800V, 1000V
    ️· Maximum Average Forward Rectified Current (IO): 1.0A (all models)
    ️· Peak Forward Surge Current (IFSM): 30A (all models)
    ️· Typical Junction Capacitance (CJ): 15pF (all models)
    ️· Operating & Storage Temperature Range (TJ, TSTG): -65°C to +150°C

    Characteristics
    ️· Maximum Instantaneous Forward Voltage (VF) @ 1.0A: 1.3V (all models)
    ️· Maximum DC Reverse Current (IR): 5.0µA (all models)
    ️· Maximum Full Load Reverse Current: 100µA (all models)
    ️· Maximum Reverse Recovery Time (trr): 150nSec (FR101G-FR103G), 250nSec (FR105G), 500nSec (FR106G-FR107G)

    ## NOTES
    ️· Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
    ️· Measured at 1 MHz and applied reverse voltage of 4.0 volts

    # FAST RECOVERY GLASS PASSIVATED RECTIFIER

    ## FEATURES
    ️· High reliability
    ️· Low leakage
    ️· Low forward voltage drop
    ️· High current capability
    ️· Glass passivated junction
    ️· High switching capability

    ## MECHANICAL DATA
    ️· Case: Molded plastic
    ️· Epoxy: UL 94V-O rate flame retardant
    ️· Lead: MIL-STD-202E method 208C guaranteed
    ️· Mounting position: Any
    ️· Weight: 0.33 gram

    ## MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
    Ratings
    ️· Maximum Recurrent Peak Reverse Voltage (VRRM): 50V, 100V, 200V, 400V, 600V, 800V, 1000V
    ️· Maximum RMS Voltage (VRMS): 35V, 70V, 140V, 280V, 420V, 560V, 700V
    ️· Maximum DC Blocking Voltage (VDC): 50V, 100V, 200V, 400V, 600V, 800V, 1000V
    ️· Maximum Average Forward Rectified Current (IO): 1.0A (all models)
    ️· Peak Forward Surge Current (IFSM): 30A (all models)
    ️· Typical Junction Capacitance (CJ): 15pF (all models)
    ️· Operating & Storage Temperature Range (TJ, TSTG): -65°C to +150°C

    Characteristics
    ️· Maximum Instantaneous Forward Voltage (VF) @ 1.0A: 1.3V (all models)
    ️· Maximum DC Reverse Current (IR): 5.0µA (all models)
    ️· Maximum Full Load Reverse Current: 100µA (all models)
    ️· Maximum Reverse Recovery Time (trr): 150nSec (FR101G-FR103G), 250nSec (FR105G), 500nSec (FR106G-FR107G)

    ## NOTES
    ️· Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
    ️· Measured at 1 MHz and applied reverse voltage of 4.0 volts

    Part No.FR101G
    ManufacturerRECTRON
    Size257 Kbytes
    Pages2 pages
    DescriptionFAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)