データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0784920001 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 0784920001 Datasheet

  • # Example questions: ➢ What is the maximum voltage this receptacle can handle?
    ➢ What compatible molex plugs are specifically listed as being able to mate with this receptacle?
    ➢ What is the recommended maximum process temperature and duration for soldering this surface mount device?

  • Part No.0784920001
    ManufacturerMOLEX9
    Size325 Kbytes
    Pages6 pages
    Description1.27mm (.050) Pitch Micro Serial ATA Device Receptacle for 1.8" SSD/HDD, SMT, Vertical, with Pegs and Kapton Tape, 16 Circuits, EmbossedTape on Reel, Lead free
    Datasheet Summary with AI

    # Micro Serial ATA Device Receptacle (0784920001)

    ## Overview

    ️· Part Number: 0784920001
    ️· Status: Active
    ️· Description: 1.27mm pitch Micro Serial ATA device receptacle for 1.8" SSD/HDD, SMT, vertical.
    ️· Series: 78492
    ️· Application: Board-to-Board
    ️· Product Name: Micro Serial ATA, Serial ATA

    ## Electrical Characteristics

    ️· Current (Max) per Contact: 1.5A
    ️· Voltage (Max): 30V
    ️· Grounding to PCB: Yes
    ️· Polarized to Mating Part: Yes
    ️· Polarized to PCB: Yes

    ## Physical Specifications

    ️· Circuits: 16 (loaded and maximum)
    ️· Color: Black (resin)
    ️· Durability (Mating Cycles): 500
    ️· Flammability: 94V-0
    ️· Material (Metal): Copper Alloy
    ️· Material (Resin): High Temperature Thermoplastic
    ️· Orientation: Vertical
    ️· Termination Interface: Surface Mount
    ️· Pitch (Mating Interface): 1.27 mm / 0.050 In / 0.052 In
    ️· Operating Temperature: 0°C to +55°C

    ## Regulatory Compliance

    ️· RoHS: Compliant
    ️· REACH SVHC: No
    ️· Halogen-Free: Not Reviewed

    ## Mates With

    ️· 78103, 78283, and 78285 Micro SATA Device Plugs

    ## Documents

    ️· Drawing: [Drawing (PDF)](http://www.molex.com/pdm_docs/sd/784920001_sd.pdf)
    ️· RoHS Certificate of Compliance: [RoHS Certificate of Compliance (PDF)](http://www.molex.com/datasheets/rohspdf/0784920001_rohs.pdf)
    ️· Product Specification: [Product Specification PS-78492-001 (PDF)](http://www.molex.com/pdm_docs/ps/PS-78492-001.pdf)

    # Micro Serial ATA Device Receptacle (0784920001)

    ## Overview

    ️· Part Number: 0784920001
    ️· Status: Active
    ️· Description: 1.27mm pitch Micro Serial ATA device receptacle for 1.8" SSD/HDD, SMT, vertical.
    ️· Series: 78492
    ️· Application: Board-to-Board
    ️· Product Name: Micro Serial ATA, Serial ATA

    ## Electrical Characteristics

    ️· Current (Max) per Contact: 1.5A
    ️· Voltage (Max): 30V
    ️· Grounding to PCB: Yes
    ️· Polarized to Mating Part: Yes
    ️· Polarized to PCB: Yes

    ## Physical Specifications

    ️· Circuits: 16 (loaded and maximum)
    ️· Color: Black (resin)
    ️· Durability (Mating Cycles): 500
    ️· Flammability: 94V-0
    ️· Material (Metal): Copper Alloy
    ️· Material (Resin): High Temperature Thermoplastic
    ️· Orientation: Vertical
    ️· Termination Interface: Surface Mount
    ️· Pitch (Mating Interface): 1.27 mm / 0.050 In / 0.052 In
    ️· Operating Temperature: 0°C to +55°C

    ## Regulatory Compliance

    ️· RoHS: Compliant
    ️· REACH SVHC: No
    ️· Halogen-Free: Not Reviewed

    ## Mates With

    ️· 78103, 78283, and 78285 Micro SATA Device Plugs

    ## Documents

    ️· Drawing: [Drawing (PDF)](http://www.molex.com/pdm_docs/sd/784920001_sd.pdf)
    ️· RoHS Certificate of Compliance: [RoHS Certificate of Compliance (PDF)](http://www.molex.com/datasheets/rohspdf/0784920001_rohs.pdf)
    ️· Product Specification: [Product Specification PS-78492-001 (PDF)](http://www.molex.com/pdm_docs/ps/PS-78492-001.pdf)

    Part No.0784920001
    ManufacturerMOLEX9
    Size325 Kbytes
    Pages6 pages
    Description1.27mm (.050) Pitch Micro Serial ATA Device Receptacle for 1.8" SSD/HDD, SMT, Vertical, with Pegs and Kapton Tape, 16 Circuits, EmbossedTape on Reel, Lead free