データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0781090001 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 0781090001 Datasheet

  • # Example questions: ➢ What is the maximum voltage this receptacle can handle?
    ➢ How many mating cycles are guaranteed for this product before potential failure?
    ➢ What specific connectors are compatible with this 0781090001 receptacle?

  • Part No.0781090001
    ManufacturerMOLEX9
    Size429 Kbytes
    Pages8 pages
    Description1.27mm (.050) Pitch Micro Serial ATA Device Receptacle for 1.8" HDD/SSD, Right Angle, SMT, Mid-Mount, 16 Circuits, Lead free
    Datasheet Summary with AI

    # Molex Micro Serial ATA Device Receptacle (Part Number: 0781090001)

    ## General Information
    · Status: Active
    · Overview: Micro Serial ATA (micro_sata)
    · Description: 1.27mm (.050") Pitch Micro Serial ATA Device Receptacle for 1.8" HDD/SSD, Right Angle, SMT, Mid-Mount, 16 Circuits, Lead free
    · Series: 78109
    · Application: Board-to-Board
    · Product Name: Micro Serial ATA, Serial ATA

    ## Physical Characteristics
    · Circuits: 16 (loaded and maximum)
    · Orientation: Right Angle
    · Material: Copper Alloy (metal), Nylon (resin), Gold (mating plating), Tin (termination plating)
    · Color: Black
    · Pitch: 1.27 mm (0.050 In)
    · Polarization: Polarized to mating part and PCB
    · Temperature Range: -40°C to +105°C
    · Stackable: No

    ## Electrical Specifications
    · Current (max per contact): 1.5A
    · Voltage (max): 30V
    · Grounding: To PCB

    ## Compliance & Environmental
    · EU RoHS: Compliant
    · China RoHS: Compliant
    · REACH SVHC: Not Reviewed
    · Halogen-Free Status: Not Halogen-Free

    ## Usage Instructions
    · Solder Process: Reflow Capable (SMT only), duration at max temperature: 10 seconds.
    · Mates With: 78103, 78283, and 78285 Micro SATA Device Plugs.
    · Durability: 500 mating cycles.

    ## Documents & Resources
    · Product Specification: PS-78109-001
    · Sales Drawing: SD-78109-001
    · RoHS Certificate of Compliance: Available online.

    # Molex Micro Serial ATA Device Receptacle (Part Number: 0781090001)

    ## General Information
    · Status: Active
    · Overview: Micro Serial ATA (micro_sata)
    · Description: 1.27mm (.050") Pitch Micro Serial ATA Device Receptacle for 1.8" HDD/SSD, Right Angle, SMT, Mid-Mount, 16 Circuits, Lead free
    · Series: 78109
    · Application: Board-to-Board
    · Product Name: Micro Serial ATA, Serial ATA

    ## Physical Characteristics
    · Circuits: 16 (loaded and maximum)
    · Orientation: Right Angle
    · Material: Copper Alloy (metal), Nylon (resin), Gold (mating plating), Tin (termination plating)
    · Color: Black
    · Pitch: 1.27 mm (0.050 In)
    · Polarization: Polarized to mating part and PCB
    · Temperature Range: -40°C to +105°C
    · Stackable: No

    ## Electrical Specifications
    · Current (max per contact): 1.5A
    · Voltage (max): 30V
    · Grounding: To PCB

    ## Compliance & Environmental
    · EU RoHS: Compliant
    · China RoHS: Compliant
    · REACH SVHC: Not Reviewed
    · Halogen-Free Status: Not Halogen-Free

    ## Usage Instructions
    · Solder Process: Reflow Capable (SMT only), duration at max temperature: 10 seconds.
    · Mates With: 78103, 78283, and 78285 Micro SATA Device Plugs.
    · Durability: 500 mating cycles.

    ## Documents & Resources
    · Product Specification: PS-78109-001
    · Sales Drawing: SD-78109-001
    · RoHS Certificate of Compliance: Available online.

    Part No.0781090001
    ManufacturerMOLEX9
    Size429 Kbytes
    Pages8 pages
    Description1.27mm (.050) Pitch Micro Serial ATA Device Receptacle for 1.8" HDD/SSD, Right Angle, SMT, Mid-Mount, 16 Circuits, Lead free