データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SFT4100 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SFT4100 Datasheet

  • # Example questions: ➢ What are the available package options for the sft4100 series?
    ➢ What is the typical fall time (tf) of this transistor under the specified test conditions?
    ➢ What is the maximum collector current (ic) this transistor can handle?

  • Part No.SFT4100
    ManufacturerSSDI
    Size150 Kbytes
    Pages2 pages
    DescriptionHIGH SPEED NPN TRANSISTOR
    Datasheet Summary with AI

    # SFT4100 Series NPN Transistor

    ## Features
    ️· High-speed switching
    ️· Low leakage and saturation
    ️· BVCEO 165 Volts (min)
    ️· High linear gain
    ️· 200ºC Operating Temperature
    ️· Gold Eutectic Die Attach
    ️· Available in hermetic and “hot case” packages
    ️· Higher current devices available

    ## Maximum Ratings
    ️· Collector-Emitter Voltage (VCEO): 165V
    ️· Collector-Base Voltage (VCBO): 250V
    ️· Emitter-Base Voltage (VEBO): 7V
    ️· Continuous Collector Current (IC): 15A
    ️· Base Current (IB): 3A
    ️· Power Dissipation (PD @ TC = 25ºC): 120W
    ️· Operating & Storage Temperature (Top & Tstg): -65 to +200ºC

    ️· Thermal Resistance (RθJC): 1.46 ºC/W

    ## Electrical Characteristics (typical @25ºC)
    ️· BVCEO: 165-200V (IC = 200mA)
    ️· BVCBO: 250V (IC = 200µA)
    ️· BVEBO: 7-15V (IE = 50mA)
    ️· ICEO: 0.03-1000µA (VCE = 160V)
    ️· ICEX: 0.01-1A (VCE = 250V, VEB = 1.5V, TC = 125ºC)
    ️· IEBO: 0.01-1000µA (VEB = 5V)
    ️· hFE: 15-45 (VCE = 4V, IC = 5A), 8-30 (VCE = 4V, IC = 8A)
    ️· VCE(Sat): 0.25-1.2V (IC = 5A, IB = 500mA), 0.35-1.6V (IC = 8A, IB = 1A)
    ️· VBE(Sat): 1.12-2V (IC = 8A, IB = 1A)
    ️· fT: 8-20MHz (VCE = 15V, IC = 1A, f = 10MHz)

    ## Package Options
    ️· TO-3
    ️· SMD1
    ️· TO-254

    # SFT4100 Series NPN Transistor

    ## Features
    ️· High-speed switching
    ️· Low leakage and saturation
    ️· BVCEO 165 Volts (min)
    ️· High linear gain
    ️· 200ºC Operating Temperature
    ️· Gold Eutectic Die Attach
    ️· Available in hermetic and “hot case” packages
    ️· Higher current devices available

    ## Maximum Ratings
    ️· Collector-Emitter Voltage (VCEO): 165V
    ️· Collector-Base Voltage (VCBO): 250V
    ️· Emitter-Base Voltage (VEBO): 7V
    ️· Continuous Collector Current (IC): 15A
    ️· Base Current (IB): 3A
    ️· Power Dissipation (PD @ TC = 25ºC): 120W
    ️· Operating & Storage Temperature (Top & Tstg): -65 to +200ºC
    ️· Thermal Resistance (RθJC): 1.46 ºC/W

    ## Electrical Characteristics (typical @25ºC)
    ️· BVCEO: 165-200V (IC = 200mA)
    ️· BVCBO: 250V (IC = 200µA)
    ️· BVEBO: 7-15V (IE = 50mA)
    ️· ICEO: 0.03-1000µA (VCE = 160V)
    ️· ICEX: 0.01-1A (VCE = 250V, VEB = 1.5V, TC = 125ºC)
    ️· IEBO: 0.01-1000µA (VEB = 5V)
    ️· hFE: 15-45 (VCE = 4V, IC = 5A), 8-30 (VCE = 4V, IC = 8A)
    ️· VCE(Sat): 0.25-1.2V (IC = 5A, IB = 500mA), 0.35-1.6V (IC = 8A, IB = 1A)
    ️· VBE(Sat): 1.12-2V (IC = 8A, IB = 1A)
    ️· fT: 8-20MHz (VCE = 15V, IC = 1A, f = 10MHz)

    ## Package Options
    ️· TO-3
    ️· SMD1
    ️· TO-254

    Part No.SFT4100
    ManufacturerSSDI
    Size150 Kbytes
    Pages2 pages
    DescriptionHIGH SPEED NPN TRANSISTOR