データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LL4151 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LL4151 Datasheet

  • # Example questions: ➢ What is the maximum average forward rectified current (ifav) for the ll4448 diode?
    ➢ What is the typical junction temperature (tj) range within which these diodes can operate?
    ➢ What is the range of repetitive peak reverse voltage (vrrm) for the ll4150 diode?

  • Part No.LL4151
    ManufacturerDIOTEC
    Size96 Kbytes
    Pages2 pages
    DescriptionUltrafast Switching Surface Mount Si-Planar Diodes
    Datasheet Summary with AI

    LL4148, LL4150, LL4151, LL4448 - Ultrafast Switching Si-Planar Diodes

    General Characteristics

    ️· Description: Ultrafast switching silicon planar diodes, suitable for surface mount applications.
    ️· Package: SOD-80C, MiniMELF case.
    ️· Weight: Approximately 0.04 g.
    ️· Standard Packaging: Taped and reeled.

    Electrical Characteristics

    ️· Nominal Current (IF): 150 - 300 mA
    ️· Repetitive Peak Reverse Voltage (VRRM): 50 - 100 V
    ️· Surge Peak Reverse Voltage (VRSM): 50 - 100 V (depending on type)
    ️· Max. Average Forward Rectified Current (IFAV):
    - LL4148: 150 mA
    - LL4150: 200 mA
    - LL4151: 300 mA
    - LL4448: 150 mA
    ️· Repetitive Peak Forward Current (IFRM): 500 - 600 mA
    ️· Non-Repetitive Peak Forward Current (IFSM): 2000 - 4000 mA
    ️· Max. Power Dissipation (Ptot): 500 mW
    ️· Forward Voltage (VF):
    - LL4148: <1V at 10 mA
    - LL4150: 0.54 - 0.62 V at 10 mA
    - LL4151: <1 V at 10mA
    - LL4448: 0.62 - 0.72 V at 10 mA
    ️· Leakage Current (IR): <5.000 nA at 25°C (typical)
    ️· Reverse Recovery Time (trr): < 4 ns (typical)

    Thermal Characteristics

    ️· Junction Temperature (Tj): -50°C to +200°C
    ️· Storage Temperature (Ts): -50°C to +200°C
    ️· Thermal Resistance (RthA): < 300 K/W

    Notes

    ️· Maximum ratings are tested with specific pulse conditions.
    ️· Performance is affected by the copper pad area on the PCB. Specified values require mounting on a PCB with 25 mm² copper pads.

    LL4148, LL4150, LL4151, LL4448 - Ultrafast Switching Si-Planar Diodes

    General Characteristics

    ️· Description: Ultrafast switching silicon planar diodes, suitable for surface mount applications.
    ️· Package: SOD-80C, MiniMELF case.
    ️· Weight: Approximately 0.04 g.
    ️· Standard Packaging: Taped and reeled.

    Electrical Characteristics

    ️· Nominal Current (IF): 150 - 300 mA
    ️· Repetitive Peak Reverse Voltage (VRRM): 50 - 100 V
    ️· Surge Peak Reverse Voltage (VRSM): 50 - 100 V (depending on type)
    ️· Max. Average Forward Rectified Current (IFAV):
    - LL4148: 150 mA
    - LL4150: 200 mA
    - LL4151: 300 mA
    - LL4448: 150 mA
    ️· Repetitive Peak Forward Current (IFRM): 500 - 600 mA
    ️· Non-Repetitive Peak Forward Current (IFSM): 2000 - 4000 mA
    ️· Max. Power Dissipation (Ptot): 500 mW
    ️· Forward Voltage (VF):
    - LL4148: <1V at 10 mA
    - LL4150: 0.54 - 0.62 V at 10 mA
    - LL4151: <1 V at 10mA
    - LL4448: 0.62 - 0.72 V at 10 mA
    ️· Leakage Current (IR): <5.000 nA at 25°C (typical)
    ️· Reverse Recovery Time (trr): < 4 ns (typical)

    Thermal Characteristics

    ️· Junction Temperature (Tj): -50°C to +200°C
    ️· Storage Temperature (Ts): -50°C to +200°C
    ️· Thermal Resistance (RthA): < 300 K/W

    Notes

    ️· Maximum ratings are tested with specific pulse conditions.
    ️· Performance is affected by the copper pad area on the PCB. Specified values require mounting on a PCB with 25 mm² copper pads.

    Part No.LL4151
    ManufacturerDIOTEC
    Size96 Kbytes
    Pages2 pages
    DescriptionUltrafast Switching Surface Mount Si-Planar Diodes