| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2SC2073 Datasheet
# Example questions:
➢ Which complementary transistor type is listed as being compatible with the 2sc2073?
➢ What is the minimum collector-emitter breakdown voltage (v(br)ceo) for this transistor?
➢ How much continuous collector current (ic) can this transistor handle?
# 2SC2073 Silicon NPN Power Transistor
## Description
· Collector-Emitter Breakdown Voltage: V(BR)CEO = 150V (Min)
· Wide Area of Safe Operation
· Complement to Type 2SA940
## Applications
· Power amplifier applications.
· Vertical output applications.
## Absolute Maximum Ratings (Ta = 25℃)
· VCBO (Collector-Base Voltage): 150 V
· VCEO (Collector-Emitter Voltage): 150 V
· VEBO (Emitter-Base Voltage): 5 V
· IC (Collector Current-Continuous): 1.5 A
· IB (Base Current-Continuous): 0.5 A
· PC (Collector Power Dissipation) @ Ta=25℃: 1.5 W
· PC (Collector Power Dissipation) @ TC=25℃: 25 W
· TJ (Junction Temperature): 150 ℃
· Tstg (Storage Temperature Range): -55~150 ℃
## Electrical Characteristics (TC=25℃ unless otherwise specified)
· VCE(sat) (Collector-Emitter Saturation Voltage): 1.5 V (IC= 500mA; IB= 50mA)
· VBE(on) (Base-Emitter On Voltage): 0.85 V (IC= 500mA ; VCE= 10V)
· ICBO (Collector Cutoff Current): 10 μA (VCB= 120V ; IE= 0)
· IEBO (Emitter Cutoff Current): 10 μA (VEB= 5V; IC= 0)
· hFE (DC Current Gain): 40-140 (IC= 500mA ; VCE= 10V)
· COB (Output Capacitance): 35 pF (IE= 0; VCB= 10V; ftest= 1MHz)
· fT (Current-Gain—Bandwidth Product): 4 MHz (IC= 500mA; VCE= 10V)
## Website
· www.iscsemi.cn
# 2SC2073 Silicon NPN Power Transistor
## Description
· Collector-Emitter Breakdown Voltage: V(BR)CEO = 150V (Min)
· Wide Area of Safe Operation
· Complement to Type 2SA940
## Applications
· Power amplifier applications.
· Vertical output applications.
## Absolute Maximum Ratings (Ta = 25℃)
· VCBO (Collector-Base Voltage): 150 V
· VCEO (Collector-Emitter Voltage): 150 V
· VEBO (Emitter-Base Voltage): 5 V
· IC (Collector Current-Continuous): 1.5 A
· IB (Base Current-Continuous): 0.5 A
· PC (Collector Power Dissipation) @ Ta=25℃: 1.5 W
· PC (Collector Power Dissipation) @ TC=25℃: 25 W
· TJ (Junction Temperature): 150 ℃
· Tstg (Storage Temperature Range): -55~150 ℃
## Electrical Characteristics (TC=25℃ unless otherwise specified)
· VCE(sat) (Collector-Emitter Saturation Voltage): 1.5 V (IC= 500mA; IB= 50mA)
· VBE(on) (Base-Emitter On Voltage): 0.85 V (IC= 500mA ; VCE= 10V)
· ICBO (Collector Cutoff Current): 10 μA (VCB= 120V ; IE= 0)
· IEBO (Emitter Cutoff Current): 10 μA (VEB= 5V; IC= 0)
· hFE (DC Current Gain): 40-140 (IC= 500mA ; VCE= 10V)
· COB (Output Capacitance): 35 pF (IE= 0; VCB= 10V; ftest= 1MHz)
· fT (Current-Gain—Bandwidth Product): 4 MHz (IC= 500mA; VCE= 10V)
## Website
· www.iscsemi.cn
| Part No. | 2SC2073 |
| Manufacturer | ISC |
| Size | 270 Kbytes |
| Pages | 2 pages |
| Description | isc Silicon NPN Power Transistor |