| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BUV37 Datasheet
# Example questions:
➢ Within what temperature range can this transistor be safely stored?
➢ How does the collector-emitter saturation voltage change when the collector current increases from 7a to 10a?
➢ What is the maximum continuous collector current this transistor can handle?
# BUV37 Silicon NPN Power Transistor
## Description
· Designed for automotive ignition circuits.
· Collector-Emitter Sustaining Voltage: V CEO(SUS) = 400V(Min.)
· Low Collector Saturation Voltage: V CE(sat) = 2.0V(Max.)@ I C = 10A
## Absolute Maximum Ratings (Ta=25℃)
| SYMBOL | PARAMETER | VALUE | UNIT |
|---|---|---|---|
| VCBO | Collector-Base Voltage | 600 | V |
| VCEO | Collector-Emitter Voltage | 400 | V |
| VEBO | Emitter-Base Voltage | 8 | V |
| IC | Collector Current - Continuous | 15 | A |
| ICM | Collector Current - Peak | 30 | A |
| IB | Base Current - Continuous | 4 | A |
| PC | Collector Power Dissipation @TC=25℃ | 100 | W |
| Tj | Junction Temperature | 150 | ℃ |
| Tstg | Storage Temperature Range | -65~150 | ℃ |
| SYMBOL | PARAMETER | CONDITIONS | MIN | TYP | MAX | UNIT |
|---|---|---|---|---|---|---|
| VCEO(SUS) | Collector-Emitter Sustaining Voltage | IC= 5A; IB= 0; L= 15mH | 400 | V | ||
| VCE(sat)-1 | Collector-Emitter Saturation Voltage | IC= 7 A; IB= 70mA | 1.5 | V | ||
| VCE(sat)-2 | Collector-Emitter Saturation Voltage | IC= 10 A; IB= 150mA | 2.0 | V | ||
| VBE(sat) | Base-Emitter Saturation Voltage | IC= 10 A; IB= 150mA | 2.7 | V | ||
| ICEO | Collector Cutoff Current | VCE= 400V; IB= 0 | 0.25 | mA | ||
| IEBO | Emitter Cutoff Current | VEB= 6V; IC= 0 | 40 | mA | ||
| hFE | DC Current Gain | IC= 15A; VCE= 5V | 20 |
# BUV37 Silicon NPN Power Transistor
## Description
· Designed for automotive ignition circuits.
· Collector-Emitter Sustaining Voltage: V CEO(SUS) = 400V(Min.)
· Low Collector Saturation Voltage: V CE(sat) = 2.0V(Max.)@ I C = 10A
## Absolute Maximum Ratings (Ta=25℃)
| SYMBOL | PARAMETER | VALUE | UNIT |
|---|---|---|---|
| VCBO | Collector-Base Voltage | 600 | V |
| VCEO | Collector-Emitter Voltage | 400 | V |
| VEBO | Emitter-Base Voltage | 8 | V |
| IC | Collector Current - Continuous | 15 | A |
| ICM | Collector Current - Peak | 30 | A |
| IB | Base Current - Continuous | 4 | A |
| PC | Collector Power Dissipation @TC=25℃ | 100 | W |
| Tj | Junction Temperature | 150 | ℃ |
| Tstg | Storage Temperature Range | -65~150 | ℃ |
| SYMBOL | PARAMETER | CONDITIONS | MIN | TYP | MAX | UNIT |
|---|---|---|---|---|---|---|
| VCEO(SUS) | Collector-Emitter Sustaining Voltage | IC= 5A; IB= 0; L= 15mH | 400 | V | ||
| VCE(sat)-1 | Collector-Emitter Saturation Voltage | IC= 7 A; IB= 70mA | 1.5 | V | ||
| VCE(sat)-2 | Collector-Emitter Saturation Voltage | IC= 10 A; IB= 150mA | 2.0 | V | ||
| VBE(sat) | Base-Emitter Saturation Voltage | IC= 10 A; IB= 150mA | 2.7 | V | ||
| ICEO | Collector Cutoff Current | VCE= 400V; IB= 0 | 0.25 | mA | ||
| IEBO | Emitter Cutoff Current | VEB= 6V; IC= 0 | 40 | mA | ||
| hFE | DC Current Gain | IC= 15A; VCE= 5V | 20 |
| Part No. | BUV37 |
| Manufacturer | ISC |
| Size | 240 Kbytes |
| Pages | 2 pages |
| Description | isc Silicon NPN Power Transistor |