データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRL81A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about IRL81A Datasheet

  • # Example questions: ➢ What is the peak wavelength of the emitted radiation for the irl 81 a infrared led?
    ➢ What is the typical radiant intensity of the irl 81 a at a forward current of 20ma and a pulse duration of 20ms?
    ➢ What is the maximum forward current that the irl 81 a can handle without damage?

  • Part No.IRL81A
    ManufacturerOSRAM
    Size182 Kbytes
    Pages7 pages
    DescriptionGaAlAs-Infrarot-Sendediode
    Datasheet Summary with AI

    1. Product Identification & Overview

    ️· Product Name: IRL 81 A
    ️· Type: Light-Emitting Diode (LED)
    ️· Manufacturer: OSRAM Opto Semiconductors GmbH
    ️· Package: Light-red colored plastic package with sidelooker and 2.54mm pin spacing.
    ️· Application: Suitable for manufacturing and monitoring applications requiring beam interruption (e.g., light barriers).

    2. Electrical Characteristics (Absolute Maximum Ratings)

    Parameter Symbol Value Unit
    Operating/Storage Temp. T_op/T_stg -40 to +100 °C
    Reverse Voltage V_R 5 V
    Forward Current I_F 100 mA
    Power Dissipation P_tot 200 mW
    Thermal Resistance R_thJA 375 K/W

    3. Electrical Characteristics (Typical Values - @ 25°C)

    Parameter Symbol Value Unit
    Peak Emission Wavelength λpeak 880 nm
    Spectral Bandwidth Δλ 80 nm
    Half Angle ϕ ± 25 degrees
    Active Chip Area A 0.09 mm²
    Switching Times (Rise/Fall) t_r/t_f 0.6/0.5 μs
    Capacitance C_o 15 pF
    Forward Voltage V_F 1.5 (≤ 2.0) V
    Total Radiance Φe 5 mW
    Reverse Current I_R 0.01 (≤ 1) μA
    Temp. Coefficient of Ie/Φe TC_I -0.5 %/K
    Temp. Coefficient of Vf TC_V -2 mV/K
    Temp. Coefficient of λ TC_λ 0.25 nm/K

    4. Optical Characteristics

    ️· Radiant Intensity (Ie):
    - Minimum: 1.0 mW/sr
    - Typical: 2.5 mW/sr
    ️· Directional Characteristics: The LED has a beam angle of ±25 degrees.

    5. Physical & Environmental

    ️· Weight: Approximately 0.2g
    ️· Soldering: Designed for Wave Soldering (TTW) according to CECC 00802.

    6. Important Notes/Disclaimers

    ️· The product description and specifications are subject to change without notice.
    ️· Components must be expressly authorized for use in life-support devices and systems.
    ️· Recycling of packaging materials is encouraged.
    ️· Refer to OSRAM's website ([www.osram-os.com](http://www.osram-os.com)) for the latest product information.

    1. Product Identification & Overview

    ️· Product Name: IRL 81 A
    ️· Type: Light-Emitting Diode (LED)
    ️· Manufacturer: OSRAM Opto Semiconductors GmbH
    ️· Package: Light-red colored plastic package with sidelooker and 2.54mm pin spacing.
    ️· Application: Suitable for manufacturing and monitoring applications requiring beam interruption (e.g., light barriers).

    2. Electrical Characteristics (Absolute Maximum Ratings)

    Parameter Symbol Value Unit
    Operating/Storage Temp. T_op/T_stg -40 to +100 °C
    Reverse Voltage V_R 5 V
    Forward Current I_F 100 mA
    Power Dissipation P_tot 200 mW
    Thermal Resistance R_thJA 375 K/W

    3. Electrical Characteristics (Typical Values - @ 25°C)

    Parameter Symbol Value Unit
    Peak Emission Wavelength λpeak 880 nm
    Spectral Bandwidth Δλ 80 nm
    Half Angle ϕ ± 25 degrees
    Active Chip Area A 0.09 mm²
    Switching Times (Rise/Fall) t_r/t_f 0.6/0.5 μs
    Capacitance C_o 15 pF
    Forward Voltage V_F 1.5 (≤ 2.0) V
    Total Radiance Φe 5 mW
    Reverse Current I_R 0.01 (≤ 1) μA
    Temp. Coefficient of Ie/Φe TC_I -0.5 %/K
    Temp. Coefficient of Vf TC_V -2 mV/K
    Temp. Coefficient of λ TC_λ 0.25 nm/K

    4. Optical Characteristics

    ️· Radiant Intensity (Ie):
    - Minimum: 1.0 mW/sr
    - Typical: 2.5 mW/sr
    ️· Directional Characteristics: The LED has a beam angle of ±25 degrees.

    5. Physical & Environmental

    ️· Weight: Approximately 0.2g
    ️· Soldering: Designed for Wave Soldering (TTW) according to CECC 00802.

    6. Important Notes/Disclaimers

    ️· The product description and specifications are subject to change without notice.
    ️· Components must be expressly authorized for use in life-support devices and systems.
    ️· Recycling of packaging materials is encouraged.
    ️· Refer to OSRAM's website ([www.osram-os.com](http://www.osram-os.com)) for the latest product information.

    Part No.IRL81A
    ManufacturerOSRAM
    Size182 Kbytes
    Pages7 pages
    DescriptionGaAlAs-Infrarot-Sendediode