データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

31DF4 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 31DF4 Datasheet

  • # Example questions: ➢ What are the available packing options for the do-201ad package, and what does the 'g' suffix indicate in the packing code?
    ➢ What is the maximum allowable operating junction temperature for the 31df4 and 31df6 rectifiers?
    ➢ How does the forward current derating curve change when using a capacitive load compared to a resistive or inductive load?

  • Part No.31DF4
    ManufacturerTSC
    Size424 Kbytes
    Pages4 pages
    Description3.0AMPS. Super Fast Rectifiers High efficiency, low VF
    Datasheet Summary with AI

    # 31DF4-31DF6 Super Fast Rectifiers

    ## Features
    ️· High efficiency, low VF
    ️· High current capability
    ️· High reliability
    ️· High surge current capability
    ️· Low power loss
    ️· Green compound available (suffix “G”)

    ## Mechanical Data
    ️· Case: Molded plastic
    ️· Epoxy: UL 94V-0 flame retardant
    ️· Lead: Pure tin plated, lead-free, solderable
    ️· Polarity: Color band denotes cathode end
    ️· High-temperature soldering guaranteed
    ️· Weight: 1.2 grams

    ## Electrical Characteristics
    Parameter 31DF4 31DF6 Units
    VRRM (Max Recurrent Peak Rev Voltage) 400 600 V
    VRMS (Max RMS Voltage) 280 420 V
    VDC (Max DC Blocking Voltage) 400 600 V
    IF(AV) (Avg Forward Rectified Current) 3 3 A
    IFSM (Peak Forward Surge Current) 45 45 A
    VF (@3A) (Instantaneous Forward Voltage) 1.7 1.7 V
    IR (@TA=25℃) (DC Reverse Current) 20 20 uA
    IR (@TA=125℃) (DC Reverse Current) 100 100 uA
    Trr (Rev Recovery Time) 35 35 nS
    RθJA (Thermal Resistance) 80 80 °C/W
    Operating Temperature Range -40 to +150 -40 to +150 °C

    ## Ordering Information
    ️· Package: DO-201AD
    ️· Packing Options:
    - 500/Ammo Box (A0G)
    - 1.25K/13" Reel (R0G)
    - 500/Bulk Packing (B0G)
    - 500/Bulk Packing (X0G)
    ️· Device Code: "4" thru "6"

    # 31DF4-31DF6 Super Fast Rectifiers

    ## Features
    ️· High efficiency, low VF
    ️· High current capability
    ️· High reliability
    ️· High surge current capability
    ️· Low power loss
    ️· Green compound available (suffix “G”)

    ## Mechanical Data
    ️· Case: Molded plastic
    ️· Epoxy: UL 94V-0 flame retardant
    ️· Lead: Pure tin plated, lead-free, solderable
    ️· Polarity: Color band denotes cathode end
    ️· High-temperature soldering guaranteed
    ️· Weight: 1.2 grams

    ## Electrical Characteristics
    Parameter 31DF4 31DF6 Units
    VRRM (Max Recurrent Peak Rev Voltage) 400 600 V
    VRMS (Max RMS Voltage) 280 420 V
    VDC (Max DC Blocking Voltage) 400 600 V
    IF(AV) (Avg Forward Rectified Current) 3 3 A
    IFSM (Peak Forward Surge Current) 45 45 A
    VF (@3A) (Instantaneous Forward Voltage) 1.7 1.7 V
    IR (@TA=25℃) (DC Reverse Current) 20 20 uA
    IR (@TA=125℃) (DC Reverse Current) 100 100 uA
    Trr (Rev Recovery Time) 35 35 nS
    RθJA (Thermal Resistance) 80 80 °C/W
    Operating Temperature Range -40 to +150 -40 to +150 °C

    ## Ordering Information
    ️· Package: DO-201AD
    ️· Packing Options:
    - 500/Ammo Box (A0G)
    - 1.25K/13" Reel (R0G)
    - 500/Bulk Packing (B0G)
    - 500/Bulk Packing (X0G)
    ️· Device Code: "4" thru "6"

    Part No.31DF4
    ManufacturerTSC
    Size424 Kbytes
    Pages4 pages
    Description3.0AMPS. Super Fast Rectifiers High efficiency, low VF