データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N7002K-T1-E3 Datasheet with Chat AI
Part No.2N7002K-T1-E3
ManufacturerVISHAY
Size219 Kbytes
Pages9 pages
DescriptionN-Channel 60-V (D-S) MOSFET
Datasheet Summary with AI

The Vishay Siliconix 2N7002K is a 1N-channel 60-V (D-S) MOSFET with various features and benefits.
It is halogen-free, has low on-resistance, low threshold, low input capacitance, fast switching speed, low input and output leakage, and 2000 V ESD protection.
It is compliant with the RoHS Directive 2002/95/EC.
The MOSFET is suitable for direct logic-level interface, drivers, battery-operated systems, and solid-state relays.
The absolute maximum ratings, specifications, and typical characteristics of the MOSFET are also provided.
The document also includes information on the SOT-23 package and recommended minimum pads for the SOT-23.

Datasheet Summary with AI

The Vishay Siliconix 2N7002K is a 1N-channel 60-V (D-S) MOSFET with various features and benefits.
It is halogen-free, has low on-resistance, low threshold, low input capacitance, fast switching speed, low input and output leakage, and 2000 V ESD protection.
It is compliant with the RoHS Directive 2002/95/EC.
The MOSFET is suitable for direct logic-level interface, drivers, battery-operated systems, and solid-state relays.
The absolute maximum ratings, specifications, and typical characteristics of the MOSFET are also provided.
The document also includes information on the SOT-23 package and recommended minimum pads for the SOT-23.

Part No.2N7002K-T1-E3
ManufacturerVISHAY
Size219 Kbytes
Pages9 pages
DescriptionN-Channel 60-V (D-S) MOSFET