データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM3406N Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AM3406N Datasheet

  • # Example questions: ➢ What is the maximum drain-source voltage (vds) that the am3406n can withstand?
    ➢ What is the maximum continuous drain current (id) at a temperature of 70°c?
    ➢ What is the typical value for the gate-threshold voltage (vgs(th)) when vds equals vgs and id is 250 ua?

  • Part No.AM3406N
    ManufacturerANALOGPOWER
    Size143 Kbytes
    Pages2 pages
    DescriptionN-Channel 30V (D-S) MOSFET
    Datasheet Summary with AI

    # AM3406N Analog Power MOSFET

    ## Product Overview
    ️· N-Channel 30V MOSFET
    ️· Utilizes High Cell Density process
    ️· Ideal for power management in portable devices (computers, printers, PCMCIA cards, telephones)

    ## Features
    ️· Low rDS(on) for higher efficiency and extended battery life
    ️· Low Gate Charge
    ️· Fast Switching Speed
    ️· Miniature TSOP-6 surface mount package saves board space

    ## Absolute Maximum Ratings
    ️· VDS: 30 V
    ️· VGS: ±20 V
    ️· IDM: ±30 A
    ️· IS: 1.7 A
    ️· PD: 2.0 W (at 25°C)
    ️· TJ, Tstg: -55 to 150 °C

    ## Thermal Resistance
    ️· RTHJA: 62.5 °C/W (for t <= 5 sec)
    ️· Steady-State: 110 °C/W

    ## Specifications (at 25°C unless noted)
    ️· VGS(th): 1.0 - 3.0 V
    ️· IDSS: 1 uA (at 24V)
    ️· ID(on): 30 A (at 5V, 10V)
    ️· rDS(on): 36-44 mΩ (at 10V, 6.3A)
    ️· Qg: 4.7 nC
    ️· td(on): 16 ns
    ️· tr: 5 ns

    ## Dynamic Parameters
    ️· Qgs: 1.7 nC
    ️· Qgd: 1.4 nC
    ️· td(off): 23 ns
    ️· tf: 3 ns
    ️· trr: 41 ns

    # AM3406N Analog Power MOSFET

    ## Product Overview
    ️· N-Channel 30V MOSFET
    ️· Utilizes High Cell Density process
    ️· Ideal for power management in portable devices (computers, printers, PCMCIA cards, telephones)

    ## Features
    ️· Low rDS(on) for higher efficiency and extended battery life
    ️· Low Gate Charge
    ️· Fast Switching Speed
    ️· Miniature TSOP-6 surface mount package saves board space

    ## Absolute Maximum Ratings
    ️· VDS: 30 V
    ️· VGS: ±20 V
    ️· IDM: ±30 A
    ️· IS: 1.7 A
    ️· PD: 2.0 W (at 25°C)
    ️· TJ, Tstg: -55 to 150 °C

    ## Thermal Resistance
    ️· RTHJA: 62.5 °C/W (for t <= 5 sec)
    ️· Steady-State: 110 °C/W

    ## Specifications (at 25°C unless noted)
    ️· VGS(th): 1.0 - 3.0 V
    ️· IDSS: 1 uA (at 24V)
    ️· ID(on): 30 A (at 5V, 10V)
    ️· rDS(on): 36-44 mΩ (at 10V, 6.3A)
    ️· Qg: 4.7 nC
    ️· td(on): 16 ns
    ️· tr: 5 ns

    ## Dynamic Parameters
    ️· Qgs: 1.7 nC
    ️· Qgd: 1.4 nC
    ️· td(off): 23 ns
    ️· tf: 3 ns
    ️· trr: 41 ns

    Part No.AM3406N
    ManufacturerANALOGPOWER
    Size143 Kbytes
    Pages2 pages
    DescriptionN-Channel 30V (D-S) MOSFET