データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ULN2003A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ULN2003A Datasheet

  • Example questions: 1. What is the maximum output current per driver for the ULN2001, ULN2002, ULN2003, and ULN2004 Darlington arrays?
    2. What type of devices can the ULN2001, ULN2002, ULN2003, and ULN2004 be used to drive?
    3. How are the inputs and outputs arranged in the ULN2001, ULN2002, ULN2003, and ULN2004 Darlington arrays to simplify board layout?

  • Part No.ULN2003A
    ManufacturerSTMICROELECTRONICS
    Size930 Kbytes
    Pages16 pages
    DescriptionSeven Darlington array
    Datasheet Summary with AI

    The document provides information on the ULN2001, ULN2002, ULN2003, and ULN2004, which are high voltage, high current Darlington arrays containing seven open collector Darlington pairs with common emitters.
    Each channel is rated at 500 mA and can withstand peak currents of 600 mA.
    The arrays have integrated suppression diodes for inductive load driving and can be paralleled for higher current.
    They are compatible with various logic families and are useful for driving a wide range of loads including solenoids, relays, DC motors, LED displays, filament lamps, thermal printheads, and high power buffers.
    The document also includes diagrams, pin configurations, maximum ratings, electrical characteristics, test circuits, typical performance characteristics, package mechanical data, order codes, and revision history.
    The ULN2001A/2002A/2003A and 2004A are supplied in 16 pin plastic DIP packages with a copper leadframe to reduce thermal resistance, and are also available in small outline package (SO-16).

    Datasheet Summary with AI

    The document provides information on the ULN2001, ULN2002, ULN2003, and ULN2004, which are high voltage, high current Darlington arrays containing seven open collector Darlington pairs with common emitters.
    Each channel is rated at 500 mA and can withstand peak currents of 600 mA.
    The arrays have integrated suppression diodes for inductive load driving and can be paralleled for higher current.
    They are compatible with various logic families and are useful for driving a wide range of loads including solenoids, relays, DC motors, LED displays, filament lamps, thermal printheads, and high power buffers.
    The document also includes diagrams, pin configurations, maximum ratings, electrical characteristics, test circuits, typical performance characteristics, package mechanical data, order codes, and revision history.
    The ULN2001A/2002A/2003A and 2004A are supplied in 16 pin plastic DIP packages with a copper leadframe to reduce thermal resistance, and are also available in small outline package (SO-16).

    Part No.ULN2003A
    ManufacturerSTMICROELECTRONICS
    Size930 Kbytes
    Pages16 pages
    DescriptionSeven Darlington array