データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSP06A011K00GEJ Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MSP06A011K00GEJ Datasheet

  • # Example questions: ➢ What does vishay disclaim liability for regarding its products and datasheets?
    ➢ What certifications does vishay provide regarding hazardous substances and environmental standards?
    ➢ What should customers do to validate the suitability of a vishay product for their specific application?

  • Part No.MSP06A011K00GEJ
    ManufacturerVISHAY
    Size402 Kbytes
    Pages5 pages
    DescriptionThick Film Resistor Networks, Single-In-Line, Molded SIP
    Datasheet Summary with AI

    # MSP Thick Film Resistor Networks

    ## Features
    · Isolated, bussed, and dual terminator schematics available
    · Available seated heights: 0.195" (4.95 mm) “A” or 0.350" (8.89 mm) “C”
    · Thick film resistive elements
    · Low temperature coefficient: -55 °C to +125 °C, ± 100 ppm/°C
    · Rugged, molded case construction
    · Reduces assembly costs and PC board space
    · Wide resistance range: 10 Ω to 2.2 MΩ
    · Available in tube pack or side-by-side pack
    · RoHS compliant (2002/95/EC)

    ## Electrical Specifications
    · Power Rating: 0.20-0.40W (depending on model)
    · Resistance Range: 10 Ω to 2.2 MΩ
    · Tolerance: ±1%, ±2%, ±5%
    · Temperature Coefficient: ±100 ppm/°C
    · Tracking: ±50-150 ppm/°C
    · Maximum Working Voltage: dependent on _P_ x _R_

    ## Models & Schematics
    · MSPxxx01: Bussed (5, 7, 8, or 9 resistors with common pin)
    · MSPxxx03: Isolated (3, 4, or 5 isolated resistors)
    · MSPxxx05: Dual terminator (4, 6, 7, or 8 series resistor pairs)
    · Profiles: “A” (0.195" height), “C” (0.350" height)

    ## Package & Pin Count Options
    · Pin Counts: 6, 8, 9, 10
    · Packaging: Tube pack (EJ - Lead free, DA - Tin/Lead)

    ## Dimensions
    · Varies based on model (MSP06, MSP08, MSP09, MSP10) see datasheet for specifics.

    ## Performance Testing
    · MIL-STD-202 compliant testing for power conditioning, thermal shock, overload, low temperature, moisture resistance, soldering, shock, vibration, load life, terminal strength, and insulation.

    ## Part Numbering
    · New Format: MSP06A031K00GDA
    · Historical Format: MSP06A03102G

    ## Resistance Value Codes
    · R = Ω, K = kΩ, M = MΩ
    · Example: 10R0 = 10 Ω, 680K = 680 kΩ, 1M00 = 1.0 MΩ

    # MSP Thick Film Resistor Networks

    ## Features
    · Isolated, bussed, and dual terminator schematics available
    · Available seated heights: 0.195" (4.95 mm) “A” or 0.350" (8.89 mm) “C”
    · Thick film resistive elements
    · Low temperature coefficient: -55 °C to +125 °C, ± 100 ppm/°C
    · Rugged, molded case construction
    · Reduces assembly costs and PC board space
    · Wide resistance range: 10 Ω to 2.2 MΩ
    · Available in tube pack or side-by-side pack
    · RoHS compliant (2002/95/EC)

    ## Electrical Specifications
    · Power Rating: 0.20-0.40W (depending on model)
    · Resistance Range: 10 Ω to 2.2 MΩ
    · Tolerance: ±1%, ±2%, ±5%
    · Temperature Coefficient: ±100 ppm/°C
    · Tracking: ±50-150 ppm/°C
    · Maximum Working Voltage: dependent on _P_ x _R_

    ## Models & Schematics
    · MSPxxx01: Bussed (5, 7, 8, or 9 resistors with common pin)
    · MSPxxx03: Isolated (3, 4, or 5 isolated resistors)
    · MSPxxx05: Dual terminator (4, 6, 7, or 8 series resistor pairs)
    · Profiles: “A” (0.195" height), “C” (0.350" height)

    ## Package & Pin Count Options
    · Pin Counts: 6, 8, 9, 10
    · Packaging: Tube pack (EJ - Lead free, DA - Tin/Lead)

    ## Dimensions
    · Varies based on model (MSP06, MSP08, MSP09, MSP10) see datasheet for specifics.

    ## Performance Testing
    · MIL-STD-202 compliant testing for power conditioning, thermal shock, overload, low temperature, moisture resistance, soldering, shock, vibration, load life, terminal strength, and insulation.

    ## Part Numbering
    · New Format: MSP06A031K00GDA
    · Historical Format: MSP06A03102G

    ## Resistance Value Codes
    · R = Ω, K = kΩ, M = MΩ
    · Example: 10R0 = 10 Ω, 680K = 680 kΩ, 1M00 = 1.0 MΩ

    Part No.MSP06A011K00GEJ
    ManufacturerVISHAY
    Size402 Kbytes
    Pages5 pages
    DescriptionThick Film Resistor Networks, Single-In-Line, Molded SIP