データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WM-61B102B Datasheet with Chat AI
Part No.WM-61B102B
ManufacturerPANASONIC
Size76 Kbytes
Pages1 page
DescriptionOmnidirectional Back Electret Condenser Microphone Cartridge
Datasheet Summary with AI

The design and specifications of the microphone cartridges (WM-61A and WM-61B) are subject to change without notice.
It is recommended to contact the factory for technical specifications before purchasing or using the product.
The microphone cartridges are omnidirectional back electret condenser microphones with a sensitivity of -35 ±4dB, impedance less than 2.2k, and a frequency range of 20-20,000 Hz.
The maximum operation voltage is 10V and the standard operation voltage is 2V.
The microphones have a sensitivity reduction within -3dB at 1.5V and a signal-to-noise ratio of more than 62dB.
They are small, high-sensitivity microphones designed for general use and are resistant to vibrations.
The WM-61B type has pins for flexible PCB.
If there are any doubts about the safety of the product, it is recommended to contact the manufacturer for technical consultation.

Datasheet Summary with AI

The design and specifications of the microphone cartridges (WM-61A and WM-61B) are subject to change without notice.
It is recommended to contact the factory for technical specifications before purchasing or using the product.
The microphone cartridges are omnidirectional back electret condenser microphones with a sensitivity of -35 ±4dB, impedance less than 2.2k, and a frequency range of 20-20,000 Hz.
The maximum operation voltage is 10V and the standard operation voltage is 2V.
The microphones have a sensitivity reduction within -3dB at 1.5V and a signal-to-noise ratio of more than 62dB.
They are small, high-sensitivity microphones designed for general use and are resistant to vibrations.
The WM-61B type has pins for flexible PCB.
If there are any doubts about the safety of the product, it is recommended to contact the manufacturer for technical consultation.

Part No.WM-61B102B
ManufacturerPANASONIC
Size76 Kbytes
Pages1 page
DescriptionOmnidirectional Back Electret Condenser Microphone Cartridge