データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TL431 Datasheet

  • Example questions: 1. What are the characteristics of the TL431, A, B integrated circuits?
    2. What is the voltage reference tolerance of the TL431B at 25 °C?
    3. What are some applications where the TL431, A, B can be used as a replacement for zener diodes?

  • Part No.TL431
    ManufacturerONSEMI
    Size216 Kbytes
    Pages18 pages
    DescriptionProgrammable Precision References
    Datasheet Summary with AI

    The TL431, A, B integrated circuits are programmable shunt regulator diodes that operate as low temperature coefficient zeners.
    They can be programmed from Vref to 36V with two external resistors and have a wide operating current range of 1.0 mA to 100 mA.
    These devices are suitable replacements for zener diodes in applications such as digital voltmeters, power supplies, and op-amp circuitry.
    They have a 2.5V reference, making it convenient to obtain a stable reference from 5.0V logic supplies, and can be used as either a positive or negative voltage reference.
    The devices are Pb-free and halide-free and are available in various package options.
    They have maximum ratings and recommended operating conditions, as well as electrical characteristics and thermal characteristics.
    The NCV prefix is for automotive and other applications requiring unique site and control change requirements.

    Datasheet Summary with AI

    The TL431, A, B integrated circuits are programmable shunt regulator diodes that operate as low temperature coefficient zeners.
    They can be programmed from Vref to 36V with two external resistors and have a wide operating current range of 1.0 mA to 100 mA.
    These devices are suitable replacements for zener diodes in applications such as digital voltmeters, power supplies, and op-amp circuitry.
    They have a 2.5V reference, making it convenient to obtain a stable reference from 5.0V logic supplies, and can be used as either a positive or negative voltage reference.
    The devices are Pb-free and halide-free and are available in various package options.
    They have maximum ratings and recommended operating conditions, as well as electrical characteristics and thermal characteristics.
    The NCV prefix is for automotive and other applications requiring unique site and control change requirements.

    Part No.TL431
    ManufacturerONSEMI
    Size216 Kbytes
    Pages18 pages
    DescriptionProgrammable Precision References