データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7828KN Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AD7828KN Datasheet

  • # Example questions: ➢ What is the primary function of the ad7824/ad7828?
    ➢ What signals are used to interface with the ad7824/ad7828?
    ➢ What are two key benefits of using the ad7824/ad7828, as highlighted in the 'product highlights' section?

  • Part No.AD7828KN
    ManufacturerAD
    Size276 Kbytes
    Pages16 pages
    DescriptionLC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
    Datasheet Summary with AI

    Okay, let's break down the information presented in the provided text. It appears to be a data sheet excerpt for an analog-to-digital converter (ADC) product, specifically the AD7824 and AD7828, which are multi-channel ADCs using a multiplexer.

    Here's a summary, broken down into key areas:

    1. Product Overview & Key Features:

    ️· Products: AD7824 (4-channel) and AD7828 (8-channel) ADCs.
    ️· Function: These are multi-channel ADCs. They use a multiplexer to switch between multiple input channels and convert them into digital signals.
    ️· Speed/Performance:
    - Conversion time: 2.5 µs/channel (AD7824)
    - Sampling frequency: 100 kHz/channel (AD7824) or 50 kHz/channel (AD7828)
    ️· Track-and-Hold: Built-in track-and-hold function allows for handling signals up to 10kHz bandwidth.
    ️· Accuracy/Matching: Tight total unadjusted error specification and channel-to-channel matching reduces need for user adjustments.
    ️· Power: Single 5V supply simplifies power requirements.
    ️· Interface: Fast, simple digital interface for connection to microprocessors (no clock signal required).

    2. Diagram and labels:

    ️· A0, A1, A2 are address lines.
    ️· AD7824 – 4-Channel MUX

    ️· AD7828 – 8-Channel MUX
    ️· A2 – AD7828 ONLY
    ️· RDY, CS, RD are likely signal names for the digital interface.

    3. Overall Purpose:

    The AD7824 and AD7828 are designed to provide a cost-effective and compact solution for digitizing signals from multiple sources (channels). Their integrated multiplexer and fast conversion rates make them suitable for a wide range of applications requiring multi-channel data acquisition.



    Let me know if you'd like me to elaborate on any particular aspect or provide more detailed explanations!

    1. Product Overview & Key Features:

    ️· Products: AD7824 (4-channel) and AD7828 (8-channel) ADCs.
    ️· Function: These are multi-channel ADCs. They use a multiplexer to switch between multiple input channels and convert them into digital signals.
    ️· Speed/Performance:
    - Conversion time: 2.5 µs/channel (AD7824)
    - Sampling frequency: 100 kHz/channel (AD7824) or 50 kHz/channel (AD7828)
    ️· Track-and-Hold: Built-in track-and-hold function allows for handling signals up to 10kHz bandwidth.
    ️· Accuracy/Matching: Tight total unadjusted error specification and channel-to-channel matching reduces need for user adjustments.
    ️· Power: Single 5V supply simplifies power requirements.
    ️· Interface: Fast, simple digital interface for connection to microprocessors (no clock signal required).

    2. Diagram and labels:

    ️· A0, A1, A2 are address lines.
    ️· AD7824 – 4-Channel MUX
    ️· AD7828 – 8-Channel MUX
    ️· A2 – AD7828 ONLY
    ️· RDY, CS, RD are likely signal names for the digital interface.

    3. Overall Purpose:

    Part No.AD7828KN
    ManufacturerAD
    Size276 Kbytes
    Pages16 pages
    DescriptionLC2MOS High Speed 4- and 8-Channel 8-Bit ADCs