データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7828BQ Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AD7828BQ Datasheet

  • # Example questions: ➢ What are two key benefits of using the ad7824/ad7828, as highlighted in the 'product highlights' section?
    ➢ What is the difference between the ad7824 and the ad7828 in terms of channel count?
    ➢ What is the primary function of the ad7824 and ad7828?

  • Part No.AD7828BQ
    ManufacturerAD
    Size215 Kbytes
    Pages16 pages
    DescriptionLC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
    Datasheet Summary with AI

    Okay, let's break down the information contained in this image. It appears to be a data sheet excerpt for an Analog Devices ADC (Analog-to-Digital Converter) product, specifically the AD7824 and AD7828. Here's a detailed summary of the content:

    1. Product Overview:

    ️· AD7824: 4-channel multiplexed ADC.
    ️· AD7828: 8-channel multiplexed ADC.
    ️· Function: These are ADCs that allow you to sample multiple analog signals using a single ADC core. A multiplexer (MUX) switches between the different analog input channels.

    2. Key Features & Specifications:

    ️· Fast Conversion Rate:
    - AD7824: 2.5 µs/channel.
    - AD7828: 2.5 µs/channel.
    ️· Sampling Frequency:
    - AD7824: 100 kHz/channel
    - AD7828: 50 kHz/channel
    ️· Track-and-Hold (T&H): Built-in T&H function enables handling of multiple channels up to 10 kHz bandwidth (157 mV/µs slew rate). This feature is crucial for accurate sampling of signals that change rapidly.
    ️· Total Unadjusted Error: Tight error specifications and channel-to-channel matching reduce the need for user trimming or calibration.
    ️· Supply Voltage: Single 5 V supply simplifies the power requirements.
    ️· Digital Interface: Fast and easy to use digital interface compatible with many microprocessors, without needing a clock signal.

    ️· Address Pins: The AD7828 utilizes a third address pin: A2.

    3. Addressing & Control Signals

    ️· RDY: Ready
    ️· CS: Chip Select
    ️· RD: Read
    ️· A0, A1, A2: Address Pins (A2 is for AD7828 only).

    4. Practical Implications:

    ️· Cost & Space Savings: Multiplexing allows you to use a single ADC for multiple signals, reducing component count and PCB area.
    ️· High-Speed Applications: The fast conversion rate and T&H function make these ADCs suitable for applications involving signals that change quickly.
    ️· Ease of Integration: The simple digital interface and single-supply operation simplify the design and integration process.



    Essentially, the AD7824 and AD7828 are cost-effective and easy-to-use ADCs designed for applications requiring the conversion of multiple analog signals into digital form.

    1. Product Overview:

    ️· AD7824: 4-channel multiplexed ADC.
    ️· AD7828: 8-channel multiplexed ADC.
    ️· Function: These are ADCs that allow you to sample multiple analog signals using a single ADC core. A multiplexer (MUX) switches between the different analog input channels.

    2. Key Features & Specifications:

    ️· Fast Conversion Rate:
    - AD7824: 2.5 µs/channel.
    - AD7828: 2.5 µs/channel.
    ️· Sampling Frequency:
    - AD7824: 100 kHz/channel
    - AD7828: 50 kHz/channel
    ️· Track-and-Hold (T&H): Built-in T&H function enables handling of multiple channels up to 10 kHz bandwidth (157 mV/µs slew rate). This feature is crucial for accurate sampling of signals that change rapidly.
    ️· Total Unadjusted Error: Tight error specifications and channel-to-channel matching reduce the need for user trimming or calibration.
    ️· Supply Voltage: Single 5 V supply simplifies the power requirements.
    ️· Digital Interface: Fast and easy to use digital interface compatible with many microprocessors, without needing a clock signal.
    ️· Address Pins: The AD7828 utilizes a third address pin: A2.

    3. Addressing & Control Signals

    ️· RDY: Ready
    ️· CS: Chip Select
    ️· RD: Read
    ️· A0, A1, A2: Address Pins (A2 is for AD7828 only).

    4. Practical Implications:

    ️· Cost & Space Savings: Multiplexing allows you to use a single ADC for multiple signals, reducing component count and PCB area.
    ️· High-Speed Applications: The fast conversion rate and T&H function make these ADCs suitable for applications involving signals that change quickly.
    ️· Ease of Integration: The simple digital interface and single-supply operation simplify the design and integration process.



    Essentially, the AD7824 and AD7828 are cost-effective and easy-to-use ADCs designed for applications requiring the conversion of multiple analog signals into digital form.

    Part No.AD7828BQ
    ManufacturerAD
    Size215 Kbytes
    Pages16 pages
    DescriptionLC2MOS High Speed 4- and 8-Channel 8-Bit ADCs