データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7674AST Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AD7674AST Datasheet

  • # Example questions: ➢ What is the allowable range for the analog input voltages (in+, in-, ref, refbufin, refgnd) relative to agnd?
    ➢ In serial interface modes, what are the two different maximum load capacitances (cl) specified, and under what conditions does each apply?
    ➢ What is the maximum junction temperature specified for the ad7674?

  • Part No.AD7674AST
    ManufacturerAD
    Size983 Kbytes
    Pages28 pages
    Description18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
    Datasheet Summary with AI

    1. Device Overview

    ️· The AD7674 is an analog-to-digital converter (ADC).
    ️· It's a high-performance, low-power device likely intended for precision data acquisition.

    2. Absolute Maximum Ratings

    ️· These are the limits beyond which the device *could* be damaged. Don't operate within these ranges!
    - Analog Input Voltages: -0.3V to +7V relative to the analog ground (AGND).
    - Ground Voltage Differences: Limited voltage differences between the analog, digital, and output grounds.
    - Supply Voltages: Limited voltage ranges for AVDD, DVDD, and OVDD, and limits on the voltage differences between them.
    - Digital Input Voltages: -0.3V to +7V
    - Power Dissipation: Important thermal limits, especially if using the LQFP or LFCSP package. Overheating can damage the device.
    - Temperature: Operating and storage temperature ranges.
    - Lead Temperature: Limit for soldering.
    ️· ESD Caution: Electrostatic discharge (ESD) can damage the device. Handle with appropriate precautions.

    3. Timing Characteristics

    ️· Serial Interface Modes: Loads on the SDOUT, SYNC, and SCLK lines must be considered. Standard is 10pF, otherwise 60pF.
    ️· Multiple Timing Parameters: The datasheet provides numerous timing parameters for serial communication, including:
    - SYNC setup and hold times
    - SCLK period and pulse widths
    - SDOUT delay and setup/hold times
    - Busy signal timing.
    ️· Serial Clock Timings (Table 4): Specific values for serial clock timing depend on the DIVSCLK[1:0] setting. These values specify minimums and maximums for timing parameters.

    4. Key Tables:

    ️· Table 6 (Summary): (Not provided, but implied to be present in the complete datasheet) Likely lists key features and specifications.
    ️· Table 5 (Absolute Maximum Ratings): As described above.
    ️· Table 3 (Timing Characteristics): Detailed timing information for serial interface modes.
    ️· Table 4 (Serial Clock Timings): Specific values for serial clock timing based on a setting.



    Important Notes & What's Missing

    ️· This is an *excerpt*: The complete datasheet would contain far more information, including:
    - ADC Resolution and Sample Rate
    - Analog Input Ranges
    - Power Supply Requirements
    - Detailed descriptions of various modes of operation
    - Application Circuits
    ️· Read the full datasheet! This excerpt provides a glimpse, but you need the complete document for proper design and operation.
    ️· Understanding the Mode: The timing characteristics are heavily dependent on the chosen operating mode (e.g., Warp, Normal, Impulse).

    1. Device Overview

    ️· The AD7674 is an analog-to-digital converter (ADC).
    ️· It's a high-performance, low-power device likely intended for precision data acquisition.

    2. Absolute Maximum Ratings

    ️· These are the limits beyond which the device *could* be damaged. Don't operate within these ranges!
    - Analog Input Voltages: -0.3V to +7V relative to the analog ground (AGND).
    - Ground Voltage Differences: Limited voltage differences between the analog, digital, and output grounds.
    - Supply Voltages: Limited voltage ranges for AVDD, DVDD, and OVDD, and limits on the voltage differences between them.
    - Digital Input Voltages: -0.3V to +7V
    - Power Dissipation: Important thermal limits, especially if using the LQFP or LFCSP package. Overheating can damage the device.
    - Temperature: Operating and storage temperature ranges.
    - Lead Temperature: Limit for soldering.
    ️· ESD Caution: Electrostatic discharge (ESD) can damage the device. Handle with appropriate precautions.

    3. Timing Characteristics

    ️· Serial Interface Modes: Loads on the SDOUT, SYNC, and SCLK lines must be considered. Standard is 10pF, otherwise 60pF.
    ️· Multiple Timing Parameters: The datasheet provides numerous timing parameters for serial communication, including:
    - SYNC setup and hold times
    - SCLK period and pulse widths
    - SDOUT delay and setup/hold times
    - Busy signal timing.
    ️· Serial Clock Timings (Table 4): Specific values for serial clock timing depend on the DIVSCLK[1:0] setting. These values specify minimums and maximums for timing parameters.

    4. Key Tables:

    ️· Table 6 (Summary): (Not provided, but implied to be present in the complete datasheet) Likely lists key features and specifications.
    ️· Table 5 (Absolute Maximum Ratings): As described above.
    ️· Table 3 (Timing Characteristics): Detailed timing information for serial interface modes.
    ️· Table 4 (Serial Clock Timings): Specific values for serial clock timing based on a setting.



    Important Notes & What's Missing

    ️· This is an *excerpt*: The complete datasheet would contain far more information, including:
    - ADC Resolution and Sample Rate
    - Analog Input Ranges
    - Power Supply Requirements
    - Detailed descriptions of various modes of operation
    - Application Circuits
    ️· Read the full datasheet! This excerpt provides a glimpse, but you need the complete document for proper design and operation.
    ️· Understanding the Mode: The timing characteristics are heavily dependent on the chosen operating mode (e.g., Warp, Normal, Impulse).

    Part No.AD7674AST
    ManufacturerAD
    Size983 Kbytes
    Pages28 pages
    Description18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC