データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

REF03GPZ Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about REF03GPZ Datasheet

  • # Example questions: ➢ What is the difference in long-term stability (∆vo) specified for ref01, ref02, and ref03 after 1000 hours of operation?
    ➢ What is the dropout voltage for the ref03?
    ➢ What is the maximum junction temperature (tj) specified for these devices?

  • Part No.REF03GPZ
    ManufacturerAD
    Size507 Kbytes
    Pages20 pages
    DescriptionPrecision 2.5 V, 5.0 V, and 10.0 V Voltage References
    Datasheet Summary with AI

    1. Device Overview:

    ️· The document details three precision voltage references: REF01, REF02, and REF03. Each has slightly different specifications and operating ranges.

    2. Specific Model Specifications (Key Metrics):


    Feature REF01 (General) REF02 (General) REF03 (General)
    Output Voltage 2.500V 2.500V 2.500V
    Operating Temp Range -55°C to +125°C (varies by suffix) Same as REF01 (varies by suffix) -40°C to +85°C
    Output Adjustment Range ±6% - ±11% (varies by suffix) ±6% - ±11% (varies by suffix) ±6% - ±11%
    Line Regulation 20 ppm/V - 50 ppm/V 20 ppm/V - 50 ppm/V 20 ppm/V - 50 ppm/V
    Load Regulation 60 ppm/mA - 100 ppm/mA 60 ppm/mA - 100 ppm/mA 60 ppm/mA - 100 ppm/mA
    Voltage Noise (eN p-p) 15µV - 6µV 15µV - 6µV 6 µV
    Short Circuit Duration Indefinite Indefinite Indefinite
    Input Voltage 36V 36V 36V
    Quiescent Current (IIN) 1.0 mA - 1.4 mA 1.0 mA - 1.4 mA 1.0 mA - 1.4 mA

    3. Absolute Maximum Ratings:

    ️· Input Voltage: 36.0 V
    ️· Output Short Circuit Duration: Indefinite
    ️· Operating Temperature Range: Varies by suffix. REF01 and REF02 have a wider range depending on the specific package. REF03 is -40°C to +85°C.
    ️· Storage Temperature Range: Varies significantly by package suffix. Ranges from -65°C to 150°C.
    ️· Junction Temperature (TJ): Up to 150°C depending on suffix
    ️· Lead Temperature (Soldering): 300°C (for 10 seconds)

    4. Thermal Resistance:

    ️· θJA (Junction-to-Ambient): Ranges from 110°C/W to 170°C/W depending on the package type.
    ️· θJC (Junction-to-Case): Ranges from 24°C/W to 50°C/W, dependent on package type.

    5. ESD Caution:

    ️· Standard ESD precautions should be followed when handling these devices.

    Important Notes and Considerations:

    ️· Package Suffixes: The suffixes (-J, -S, -Z, -P, -RC) denote different package types and influence the electrical and thermal characteristics. Always consult the full datasheet for the specific suffix you are using.
    ️· Thermal Resistance: The thermal resistance values are important for calculating the power dissipation and ensuring the device operates within its safe temperature limits.
    ️· Long-Term Stability: The reference devices are designed for long-term stability.
    ️· Datasheet: This document provides highlights. Always refer to the full datasheet for comprehensive information.

    1. Device Overview:

    ️· The document details three precision voltage references: REF01, REF02, and REF03. Each has slightly different specifications and operating ranges.

    2. Specific Model Specifications (Key Metrics):


    Feature REF01 (General) REF02 (General) REF03 (General)
    Output Voltage 2.500V 2.500V 2.500V
    Operating Temp Range -55°C to +125°C (varies by suffix) Same as REF01 (varies by suffix) -40°C to +85°C
    Output Adjustment Range ±6% - ±11% (varies by suffix) ±6% - ±11% (varies by suffix) ±6% - ±11%
    Line Regulation 20 ppm/V - 50 ppm/V 20 ppm/V - 50 ppm/V 20 ppm/V - 50 ppm/V
    Load Regulation 60 ppm/mA - 100 ppm/mA 60 ppm/mA - 100 ppm/mA 60 ppm/mA - 100 ppm/mA
    Voltage Noise (eN p-p) 15µV - 6µV 15µV - 6µV 6 µV
    Short Circuit Duration Indefinite Indefinite Indefinite
    Input Voltage 36V 36V 36V
    Quiescent Current (IIN) 1.0 mA - 1.4 mA 1.0 mA - 1.4 mA 1.0 mA - 1.4 mA

    3. Absolute Maximum Ratings:

    ️· Input Voltage: 36.0 V
    ️· Output Short Circuit Duration: Indefinite
    ️· Operating Temperature Range: Varies by suffix. REF01 and REF02 have a wider range depending on the specific package. REF03 is -40°C to +85°C.
    ️· Storage Temperature Range: Varies significantly by package suffix. Ranges from -65°C to 150°C.
    ️· Junction Temperature (TJ): Up to 150°C depending on suffix
    ️· Lead Temperature (Soldering): 300°C (for 10 seconds)

    4. Thermal Resistance:

    ️· θJA (Junction-to-Ambient): Ranges from 110°C/W to 170°C/W depending on the package type.
    ️· θJC (Junction-to-Case): Ranges from 24°C/W to 50°C/W, dependent on package type.

    5. ESD Caution:

    ️· Standard ESD precautions should be followed when handling these devices.

    Important Notes and Considerations:

    ️· Package Suffixes: The suffixes (-J, -S, -Z, -P, -RC) denote different package types and influence the electrical and thermal characteristics. Always consult the full datasheet for the specific suffix you are using.
    ️· Thermal Resistance: The thermal resistance values are important for calculating the power dissipation and ensuring the device operates within its safe temperature limits.
    ️· Long-Term Stability: The reference devices are designed for long-term stability.
    ️· Datasheet: This document provides highlights. Always refer to the full datasheet for comprehensive information.

    Part No.REF03GPZ
    ManufacturerAD
    Size507 Kbytes
    Pages20 pages
    DescriptionPrecision 2.5 V, 5.0 V, and 10.0 V Voltage References