| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 3339H-1-101 Datasheet
# Example questions:
➢ What is the maximum power rating of this potentiometer at 85 °c?
➢ Which adjustment tool is recommended for use with the 3339 series potentiometers?
➢ How does the torque specification affect the usability of this potentiometer?
# 3339 Trimpot® Trimming Potentiometer
## Features
· Four-Turn / Cermet / Industrial / Sealed
· Planetary drive for precise wiper setting
· Top and side adjust styles
· RoHS compliant versions available
· Adjustment Tool: H-90
· Standard packaging: 50 pcs. per tube
## Electrical Characteristics
· Resistance Range: 10 to 1 megohm
· Resistance Tolerance: ±10% std.
· Absolute Minimum Resistance: 1% or 2 ohms max.
· Contact Resistance Variation: 3% or 3 ohms max.
· Adjustability: ±0.05% voltage, ±0.1% resistance, infinite resolution.
· Insulation Resistance: 500vdc, 1,000 megohms min.
· Dielectric Strength: 600 vac (sea level), 250 vac (80,000 feet).
· Effective Travel: 4 turns nominal
## Environmental Characteristics
· Power Rating: 0.5 watt @ 85°C
· Temperature Range: -55°C to +150°C
· Temperature Coefficient: ±100 ppm/°C
· Vibration: 30 G
· Shock: 100 G
· Load Life: 1,000 hours @ 85°C
· Rotational Life: 200 cycles
## Physical Characteristics
· Torque: 3 oz-in. max.
· Mechanical Stops: Wiper idles
· Terminals: Solderable pins
· Weight: 0.02 oz.
· Wiper: 50% (Actual TR) ±10%
· Flammability: U.L.94V-0
## Ordering Information
· Model: 3339 (followed by style indicator)
· Style: H, P, S, or W (each denoting different dimensions)
· Product Indicator: -1 (standard)
· Resistance Code: (see standard resistance table)
· Terminations: LF (100% Tin-plated), Blank (90% Tin/10% Lead-plated)
## Standard Resistance Table (Examples)
| Resistance (Ohms) | Resistance Code |
|---|---|
| 10 | 100 |
| 20 | 200 |
| 50 | 500 |
| 100 | 101 |
| 200 | 201 |
| 500 | 501 |
| 1,000 | 102 |
| 2,000 | 202 |
| 5,000 | 502 |
| 10,000 | 103 |
# 3339 Trimpot® Trimming Potentiometer
## Features
· Four-Turn / Cermet / Industrial / Sealed
· Planetary drive for precise wiper setting
· Top and side adjust styles
· RoHS compliant versions available
· Adjustment Tool: H-90
· Standard packaging: 50 pcs. per tube
## Electrical Characteristics
· Resistance Range: 10 to 1 megohm
· Resistance Tolerance: ±10% std.
· Absolute Minimum Resistance: 1% or 2 ohms max.
· Contact Resistance Variation: 3% or 3 ohms max.
· Adjustability: ±0.05% voltage, ±0.1% resistance, infinite resolution.
· Insulation Resistance: 500vdc, 1,000 megohms min.
· Dielectric Strength: 600 vac (sea level), 250 vac (80,000 feet).
· Effective Travel: 4 turns nominal
## Environmental Characteristics
· Power Rating: 0.5 watt @ 85°C
· Temperature Range: -55°C to +150°C
· Temperature Coefficient: ±100 ppm/°C
· Vibration: 30 G
· Shock: 100 G
· Load Life: 1,000 hours @ 85°C
· Rotational Life: 200 cycles
## Physical Characteristics
· Torque: 3 oz-in. max.
· Mechanical Stops: Wiper idles
· Terminals: Solderable pins
· Weight: 0.02 oz.
· Wiper: 50% (Actual TR) ±10%
· Flammability: U.L.94V-0
## Ordering Information
· Model: 3339 (followed by style indicator)
· Style: H, P, S, or W (each denoting different dimensions)
· Product Indicator: -1 (standard)
· Resistance Code: (see standard resistance table)
· Terminations: LF (100% Tin-plated), Blank (90% Tin/10% Lead-plated)
## Standard Resistance Table (Examples)
| Resistance (Ohms) | Resistance Code |
|---|---|
| 10 | 100 |
| 20 | 200 |
| 50 | 500 |
| 100 | 101 |
| 200 | 201 |
| 500 | 501 |
| 1,000 | 102 |
| 2,000 | 202 |
| 5,000 | 502 |
| 10,000 | 103 |
| Part No. | 3339H-1-101 |
| Manufacturer | BOURNS |
| Size | 138 Kbytes |
| Pages | 1 page |
| Description | 5/16 ??Round Trimpot짰 Trimming Potentiometer |