データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM800-DCM40 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about EM800-DCM40 Datasheet

  • # Example questions: ➢ What is the maximum input power supported by both the em800-dcm40 and em800-dcm4100 modules?
    ➢ How does the typical dispersion level differ between the em800-dcm40 and em800-dcm4100 at a channel frequency of 193 thz?
    ➢ What type of connector is used for the em800 series modules, and what is their approximate weight?

  • Part No.EM800-DCM40
    ManufacturerMRV
    Size264 Kbytes
    Pages2 pages
    DescriptionLambdaDriver짰- LambdaDriver ??Dispersion Compensation Modules (DCM)
    Datasheet Summary with AI

    # MRV EM800-DCM40 & EM800-DCM4100 Dispersion Compensation Modules

    ## Product Description

    ️· Function: Compensates chromatic dispersion in optical fibers for long-haul WDM networks.
    ️· Models:
    - EM800-DCM40: For LD800 or LD400 transponders, up to 100G at 1400ps/nm. Compensates for 80km distance.
    - EM800-DCM4100: For LD800 or LD400 transponders, up to 100G at 1700ps/nm. Compensates for 100km distance.
    ️· Compatibility: Designed for usage with 40Gbps and 100Gbps data rates.
    ️· C-Band Range: 191.3THz to 196.3THz

    ## Technical Specifications

    ️· Operating Wavelength: 1527.21 - 1567.13 nm
    ️· WDM Grid: 100 GHz spacing (ITU-T G.694.1)
    ️· Insertion Loss: 3dB (for both models)
    ️· Typical Dispersion Level:
    - 191.3 THz: EM800-DCM40 (1423 ps/nm), EM800-DCM4100 (1779 ps/nm)
    - 196.3 THz: EM800-DCM40 (1238 ps/nm), EM800-DCM4100 (1548 ps/nm)
    ️· Maximum Input Power: 27 dBm

    ️· Operating Temperature: -5 to 55°C (23 to 121°F)
    ️· Storage Temperature: -10 to 70°C (14 to 158°F)
    ️· Relative Humidity: 85% maximum, non-condensing
    ️· Dimensions: 26.93 x 93.7 x 227 mm³ (EM800)
    ️· Weight: 0.528 kg (EM800)
    ️· Connector: SC/UPC
    ️· Power Consumption: 0.5 Watt

    ## Features

    ️· Hot-swappable
    ️· Low insertion loss
    ️· Low power consumption
    ️· Supports 40/100 Gbps
    ️· Designed for long-haul WDM networks

    # MRV EM800-DCM40 & EM800-DCM4100 Dispersion Compensation Modules

    ## Product Description

    ️· Function: Compensates chromatic dispersion in optical fibers for long-haul WDM networks.
    ️· Models:
    - EM800-DCM40: For LD800 or LD400 transponders, up to 100G at 1400ps/nm. Compensates for 80km distance.
    - EM800-DCM4100: For LD800 or LD400 transponders, up to 100G at 1700ps/nm. Compensates for 100km distance.
    ️· Compatibility: Designed for usage with 40Gbps and 100Gbps data rates.
    ️· C-Band Range: 191.3THz to 196.3THz

    ## Technical Specifications

    ️· Operating Wavelength: 1527.21 - 1567.13 nm
    ️· WDM Grid: 100 GHz spacing (ITU-T G.694.1)
    ️· Insertion Loss: 3dB (for both models)
    ️· Typical Dispersion Level:
    - 191.3 THz: EM800-DCM40 (1423 ps/nm), EM800-DCM4100 (1779 ps/nm)
    - 196.3 THz: EM800-DCM40 (1238 ps/nm), EM800-DCM4100 (1548 ps/nm)
    ️· Maximum Input Power: 27 dBm
    ️· Operating Temperature: -5 to 55°C (23 to 121°F)
    ️· Storage Temperature: -10 to 70°C (14 to 158°F)
    ️· Relative Humidity: 85% maximum, non-condensing
    ️· Dimensions: 26.93 x 93.7 x 227 mm³ (EM800)
    ️· Weight: 0.528 kg (EM800)
    ️· Connector: SC/UPC
    ️· Power Consumption: 0.5 Watt

    ## Features

    ️· Hot-swappable
    ️· Low insertion loss
    ️· Low power consumption
    ️· Supports 40/100 Gbps
    ️· Designed for long-haul WDM networks

    Part No.EM800-DCM40
    ManufacturerMRV
    Size264 Kbytes
    Pages2 pages
    DescriptionLambdaDriver짰- LambdaDriver ??Dispersion Compensation Modules (DCM)