データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.CDLL5222B
MfrCDI-DIODE
Size111 Kbytes
Pages2 pages
DescriptionZENER DIODES
Datasheet SummaryAI
1. Device Identification & Overview

️· Product Family: CDLL5221B through CDLL5272B (a series of Zener diodes)
️· Type: Zener diodes – likely used for voltage regulation.
️· Manufacturer: CDI Diodes
️· Website: http://www.cdi-diodes.com
️· Contact: (781) 665-1071 / (781) 665-7379
️· Location: 22 Corey Street, Melrose, Massachusetts 02176

2. Electrical Characteristics (Key Parameters - From the Table)

️· Zener Voltage: The primary characteristic. The table lists Zener voltages for each device in the series, ranging approximately from 16V to 110V (and 100V in CDLL5272B).
- Note 1: Suffixes indicate tolerance/variation:
■ "-B": +5.0%
■ "-A": +10%
■ No suffix: +20%
■ "-C": +2%
■ "-D": +1%
️· Test Current (IzT): Also varies for each device, ranging from 0.1mA to 7.8mA. This is the current used to measure the Zener voltage.
️· Zener Impedance: Varies with the test current. Graphically shown in Figure 3.
️· Reverse Breakdown Voltage: Listed for CDLL5266B, CDLL5267B, CDLL5268B, CDLL5269B, CDLL5270B and CDLL5272B
️· Forward Voltage: Listed for CDLL5266B, CDLL5267B, CDLL5268B, CDLL5269B, CDLL5270B and CDLL5272B

3. Physical Characteristics & Packaging

️· Case Style: DO-213AA (also referenced as Hermetically sealed glass case. (MELF, SOD-80, LL34)
️· Lead Finish: Tin / Lead (potentially outdated – lead content is increasingly regulated)
️· Dimensions (in mm & inches): (Table shows dimensions)
- D (Body Length): 1.60 - 2.70 mm
- F (Body Width): 0.41 - 0.55 mm
- G (Lead Length): 3.30 - 3.70 mm
- G1 (Lead Spacing): 2.54 mm
- S (Lead Spread): 0.03 mm
️· Polarity: Band indicates the cathode (positive) side of the diode.

4. Thermal Characteristics

️· Thermal Resistance (RθJC): 100 °C/W maximum (at L = 0 inch). Indicates how much the temperature rises for a given power dissipation.
️· Thermal Impedance (ZθJC): 35 °C/W maximum.
️· Coefficient of Thermal Expansion (CTE): +6 PPM/°C. Important for mounting considerations.

5. Figures & Diagrams

️· Figure 1: Shows device dimensions.
️· Figure 3: Shows the Zener Impedance vs. Operating Current.
️· Design Data Section: General mounting and thermal data.

Important Notes/Considerations:

️· Lead Content: The lead finish information suggests this datasheet may be older. Modern electronics often require lead-free components.
️· Thermal Management: The thermal resistance and impedance values, as well as the CTE, should be considered during circuit board design and component placement.
️· Mounting: The CTE is a critical mounting factor.
CDLL5222B Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about CDLL5222B Datasheet.
    Example questions: ➤ If a 60hz rms ac current equal to 10% of the zener current (izt) is superimposed, what parameter is being measured, and why is this measurement important?➤ What is the typical maximum thermal resistance (rθja) of the cdll5221b through cdll5272b diodes, and in what units is it measured?➤ How does the 'b' suffix affect the nominal zener voltage, and what are the percentage variations for other suffixes like 'a', 'c', and 'd'?
  • Datasheet Details
    Part No.CDLL5222B
    ManufacturerCDI-DIODE
    Size111 Kbytes
    Pages2 pages
    DescriptionZENER DIODES
    Datasheet Summary AI Expand summary
    1. Device Identification & Overview

    ️· Product Family: CDLL5221B through CDLL5272B (a series of Zener diodes)
    ️· Type: Zener diodes – likely used for voltage regulation.
    ️· Manufacturer: CDI Diodes
    ️· Website: http://www.cdi-diodes.com
    ️· Contact: (781) 665-1071 / (781) 665-7379
    ️· Location: 22 Corey Street, Melrose, Massachusetts 02176

    2. Electrical Characteristics (Key Parameters - From the Table)

    ️· Zener Voltage: The primary characteristic. The table lists Zener voltages for each device in the series, ranging approximately from 16V to 110V (and 100V in CDLL5272B).
    - Note 1: Suffixes indicate tolerance/variation:
    ■ "-B": +5.0%
    ■ "-A": +10%
    ■ No suffix: +20%
    ■ "-C": +2%
    ■ "-D": +1%
    ️· Test Current (IzT): Also varies for each device, ranging from 0.1mA to 7.8mA. This is the current used to measure the Zener voltage.
    ️· Zener Impedance: Varies with the test current. Graphically shown in Figure 3.
    ️· Reverse Breakdown Voltage: Listed for CDLL5266B, CDLL5267B, CDLL5268B, CDLL5269B, CDLL5270B and CDLL5272B
    ️· Forward Voltage: Listed for CDLL5266B, CDLL5267B, CDLL5268B, CDLL5269B, CDLL5270B and CDLL5272B

    3. Physical Characteristics & Packaging

    ️· Case Style: DO-213AA (also referenced as Hermetically sealed glass case. (MELF, SOD-80, LL34)
    ️· Lead Finish: Tin / Lead (potentially outdated – lead content is increasingly regulated)
    ️· Dimensions (in mm & inches): (Table shows dimensions)
    - D (Body Length): 1.60 - 2.70 mm
    - F (Body Width): 0.41 - 0.55 mm
    - G (Lead Length): 3.30 - 3.70 mm
    - G1 (Lead Spacing): 2.54 mm
    - S (Lead Spread): 0.03 mm
    ️· Polarity: Band indicates the cathode (positive) side of the diode.

    4. Thermal Characteristics

    ️· Thermal Resistance (RθJC): 100 °C/W maximum (at L = 0 inch). Indicates how much the temperature rises for a given power dissipation.
    ️· Thermal Impedance (ZθJC): 35 °C/W maximum.
    ️· Coefficient of Thermal Expansion (CTE): +6 PPM/°C. Important for mounting considerations.

    5. Figures & Diagrams

    ️· Figure 1: Shows device dimensions.
    ️· Figure 3: Shows the Zener Impedance vs. Operating Current.
    ️· Design Data Section: General mounting and thermal data.

    Important Notes/Considerations:

    ️· Lead Content: The lead finish information suggests this datasheet may be older. Modern electronics often require lead-free components.
    ️· Thermal Management: The thermal resistance and impedance values, as well as the CTE, should be considered during circuit board design and component placement.
    ️· Mounting: The CTE is a critical mounting factor.