データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USR1021L-S08-T Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about USR1021L-S08-T Datasheet

  • # Example questions: ➢ What is the minimum input voltage required for the usr1021 to operate?
    ➢ What is the maximum allowable junction temperature (tj) during operation?
    ➢ How does the thermal shutdown protection feature activate, and at what temperature?

  • Part No.USR1021L-S08-T
    ManufacturerUTC
    Size183 Kbytes
    Pages4 pages
    Description3A SYNCHRONOUS BUCK REGULATOR
    Datasheet Summary with AI

    # USR1021 3A Synchronous Buck Regulator

    ## Description
    ️· High efficiency, 3A synchronous buck regulator
    ️· Input Voltage: 6V to 18V
    ️· Output Current: Up to 3A continuous
    ️· Adjustable Output Voltage: Down to 0.8V
    ️· Operating Temperature: -40°C to +85°C
    ️· Package: SOP-8

    ## Features
    ️· 6V~18V operating input voltage range
    ️· Internal soft start
    ️· 1.5% initial output accuracy
    ️· 3A continuous output current
    ️· Cycle-by-cycle current limit
    ️· 500kHz PWM operation
    ️· Thermal shutdown
    ️· Short-circuit protection

    ## Pin Configuration
    ️· PIN 1: PGND (Power Ground)
    ️· PIN 2: VIN (Supply Voltage Input)
    ️· PIN 3: AGND (Reference Ground)
    ️· PIN 4: FB (Feedback Voltage)
    ️· PIN 5: COMP (Compensation Pin)
    ️· PIN 6: EN (Enable Pin)
    ️· PIN 7, 8: LX (Switch Pin)

    ## Absolute Maximum Ratings
    ️· Supply Voltage (VIN): 18V
    ️· Junction Temperature (TJ): +150°C
    ️· Storage Temperature (TSTG): -65°C to +150°C

    ## Electrical Characteristics (TA=25°C, VIN=VEN=12V, VOUT=3.3V)
    ️· Quiescent Current (IIN): 3.5mA (Typ)
    ️· Shutdown Current (IOFF): 1µA (Typ)
    ️· Feedback Voltage (VFB): 0.8V (Typ)
    ️· PWM Frequency (fO): 500kHz (Typ)
    ️· Current Limit (ILIMT): 4.5A (Typ)

    ## Ordering Information
    ️· USR1021L-S08-R: SOP-8, Tape Reel
    ️· USR1021L-S08-T: SOP-8, Tube
    ️· USR1021G-S08-R: SOP-8, Tape Reel (Halogen Free)
    ️· USR1021G-S08-T: SOP-8, Tube (Halogen Free)

    ## Typical Application Circuit
    ️· Includes input and output capacitors (22µF ceramic) and inductor (L1 4.7µH).

    # USR1021 3A Synchronous Buck Regulator

    ## Description
    ️· High efficiency, 3A synchronous buck regulator
    ️· Input Voltage: 6V to 18V
    ️· Output Current: Up to 3A continuous
    ️· Adjustable Output Voltage: Down to 0.8V
    ️· Operating Temperature: -40°C to +85°C
    ️· Package: SOP-8

    ## Features
    ️· 6V~18V operating input voltage range
    ️· Internal soft start
    ️· 1.5% initial output accuracy
    ️· 3A continuous output current
    ️· Cycle-by-cycle current limit
    ️· 500kHz PWM operation
    ️· Thermal shutdown
    ️· Short-circuit protection

    ## Pin Configuration
    ️· PIN 1: PGND (Power Ground)
    ️· PIN 2: VIN (Supply Voltage Input)
    ️· PIN 3: AGND (Reference Ground)
    ️· PIN 4: FB (Feedback Voltage)
    ️· PIN 5: COMP (Compensation Pin)
    ️· PIN 6: EN (Enable Pin)
    ️· PIN 7, 8: LX (Switch Pin)

    ## Absolute Maximum Ratings
    ️· Supply Voltage (VIN): 18V
    ️· Junction Temperature (TJ): +150°C
    ️· Storage Temperature (TSTG): -65°C to +150°C

    ## Electrical Characteristics (TA=25°C, VIN=VEN=12V, VOUT=3.3V)
    ️· Quiescent Current (IIN): 3.5mA (Typ)
    ️· Shutdown Current (IOFF): 1µA (Typ)
    ️· Feedback Voltage (VFB): 0.8V (Typ)
    ️· PWM Frequency (fO): 500kHz (Typ)
    ️· Current Limit (ILIMT): 4.5A (Typ)

    ## Ordering Information
    ️· USR1021L-S08-R: SOP-8, Tape Reel
    ️· USR1021L-S08-T: SOP-8, Tube
    ️· USR1021G-S08-R: SOP-8, Tape Reel (Halogen Free)
    ️· USR1021G-S08-T: SOP-8, Tube (Halogen Free)

    ## Typical Application Circuit
    ️· Includes input and output capacitors (22µF ceramic) and inductor (L1 4.7µH).

    Part No.USR1021L-S08-T
    ManufacturerUTC
    Size183 Kbytes
    Pages4 pages
    Description3A SYNCHRONOUS BUCK REGULATOR