データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EVM-2NSX80B55 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about EVM-2NSX80B55 Datasheet

  • Example questions: 1. What are the recommended applications for the SMT Trimmer Potentiometers?
    2. What is the maximum height of the EVM2G type SMT Trimmer Potentiometer?
    3. What is the power rating for the SMT Trimmer Potentiometers?

  • Part No.EVM-2NSX80B55
    ManufacturerPANASONIC
    Size83 Kbytes
    Pages2 pages
    Description2 mm Square Low-Profi le SMT Trimmer Potentiometers
    Datasheet Summary with AI

    The SMT Trimmer Potentiometers/EVM2G/2N/2W are low-profile potentiometers designed for use in audio/visual, office, and communication equipment, as well as general electronic equipment.
    They come in three types/structures (EVM2G, EVM2N, EVM2W) and feature automatic adjustment, high reliability, and excellent mountability.
    The potentiometers are RoHS compliant and conform to JIS C5260-1:1999.
    They have a total resistance value ranging from 100 Ω to 1 M Ω, with resistance tolerances of ±20% for EVM2G and ±25% for EVM2N and EVM2W.
    The power rating is 0.15 W with a limiting element voltage of 50 V.
    The rotation torque varies for each type.
    The standard packaging method is a reel with 3000 or 15000 taping quantities.
    The dimensions and recommended land patterns are provided for each type.
    The potentiometers are subject to change without notice, and any safety concerns should be reported to the manufacturer immediately.

    Datasheet Summary with AI

    The SMT Trimmer Potentiometers/EVM2G/2N/2W are low-profile potentiometers designed for use in audio/visual, office, and communication equipment, as well as general electronic equipment.
    They come in three types/structures (EVM2G, EVM2N, EVM2W) and feature automatic adjustment, high reliability, and excellent mountability.
    The potentiometers are RoHS compliant and conform to JIS C5260-1:1999.
    They have a total resistance value ranging from 100 Ω to 1 M Ω, with resistance tolerances of ±20% for EVM2G and ±25% for EVM2N and EVM2W.
    The power rating is 0.15 W with a limiting element voltage of 50 V.
    The rotation torque varies for each type.
    The standard packaging method is a reel with 3000 or 15000 taping quantities.
    The dimensions and recommended land patterns are provided for each type.
    The potentiometers are subject to change without notice, and any safety concerns should be reported to the manufacturer immediately.

    Part No.EVM-2NSX80B55
    ManufacturerPANASONIC
    Size83 Kbytes
    Pages2 pages
    Description2 mm Square Low-Profi le SMT Trimmer Potentiometers