| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DR331-3_14 Datasheet
# Example questions:
➢ What is the operating temperature range for the dr331-3 series inductors?
➢ Which inductance value has a self resonant frequency (srf) of 35 mhz?
➢ How does the datasheet define the irms value for these inductors?
SMD INDUCTOR DR331-3 SERIES
Features
️· Low Profile Surface Mount Design
️· Inductance Range: 10µH to 1000µH
️· Operating Temperature: -40°C to +85°C
️· Available with Tinned Leads and Leaded Solder (Sn60Pb40 or equivalent)
Electrical Specifications
️· Inductance: 10µH to 1000µH (±20%)
️· DCR (Maximum): 0.11 to 8.40 (varying by part number)
️· Irms (Maximum): 0.05 A to 2.0 A (varying by part number)
️· Isat (Maximum): 0.1 A to 2.4 A (varying by part number)
️· SRF (Reference): 2.5 MHz to 35 MHz (varying by part number)
️· See table for specific values by part number.
Mechanical Specifications
️· Dimensions specified in inches and millimeters.
️· Tolerance: ±0.010 inches or ±0.25 mm
️· Packaging: Tape & Reel, 1000 pcs per reel
Notes
️· Isat is based on inductance being 90% of initial value.
️· Irms is based on a temperature rise of 40°C.
️· Inductance is tested at 0.1 Vrms @ 100 kHz.
️· Terminal finish compliant with RoHS requirements.
️· Non-RoHS parts available with leaded solder.
Contact Information
️· Datatronic: 28151 Highway 74, Romoland, CA 92585
Tel: 951-928-7700, Fax: 951-928-7701, Email: ddisales@datatronics.com
️· Hong Kong: 499 King’s Road, Tel: (852) 2562 3858, (852) 2564 8477, Fax: (852) 2565 7214, (852) 2563 1290
SMD INDUCTOR DR331-3 SERIES
Features
️· Low Profile Surface Mount Design
️· Inductance Range: 10µH to 1000µH
️· Operating Temperature: -40°C to +85°C
️· Available with Tinned Leads and Leaded Solder (Sn60Pb40 or equivalent)
Electrical Specifications
️· Inductance: 10µH to 1000µH (±20%)
️· DCR (Maximum): 0.11 to 8.40 (varying by part number)
️· Irms (Maximum): 0.05 A to 2.0 A (varying by part number)
️· Isat (Maximum): 0.1 A to 2.4 A (varying by part number)
️· SRF (Reference): 2.5 MHz to 35 MHz (varying by part number)
️· See table for specific values by part number.
Mechanical Specifications
️· Dimensions specified in inches and millimeters.
️· Tolerance: ±0.010 inches or ±0.25 mm
️· Packaging: Tape & Reel, 1000 pcs per reel
Notes
️· Isat is based on inductance being 90% of initial value.
️· Irms is based on a temperature rise of 40°C.
️· Inductance is tested at 0.1 Vrms @ 100 kHz.
️· Terminal finish compliant with RoHS requirements.
️· Non-RoHS parts available with leaded solder.
Contact Information
️· Datatronic: 28151 Highway 74, Romoland, CA 92585
Tel: 951-928-7700, Fax: 951-928-7701, Email: ddisales@datatronics.com
️· Hong Kong: 499 King’s Road, Tel: (852) 2562 3858, (852) 2564 8477, Fax: (852) 2565 7214, (852) 2563 1290
| Part No. | DR331-3_14 |
| Manufacturer | DATATRONICS |
| Size | 71 Kbytes |
| Pages | 1 page |
| Description | SMD INDUCTOR DR331-3 SERIES |