| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DR331-4_14 Datasheet
# Example questions:
➢ What is the dcr value for the dr331-4-683 part number?
➢ How many pieces are included per reel when ordering the tape and reel packaging option?
➢ What is the maximum operating temperature for this dr331-4 series smd inductor?
SMD INDUCTOR DR331-4 SERIES
Features
️· Low Profile Surface Mount Design
️· Inductance Range: 1.0µH to 1000µH
️· Operating Temperature: -40°C to +85°C
️· Available with Tinned Leads and Leaded Solder (Sn60Pb40 or equivalent)
Electrical Specifications
| Part No. | Inductance (µH) | DCR (Ω) Max | I rms (A) Max | I sat (A) Max | SRF (MHz) Ref |
|---|---|---|---|---|---|
| DR331-4-102 | 1 | 0.009 | 8.6 | 20 | 80 |
| DR331-4-222 | 2.2 | 0.014 | 7.1 | 16 | 80 |
| DR331-4-332 | 3.3 | 0.018 | 6.2 | 14 | 60 |
| DR331-4-562 | 5.6 | 0.020 | 5.3 | 12 | 40 |
| DR331-4-103 | 10 | 0.031 | 4.3 | 10 | 30 |
| DR331-4-153 | 15 | 0.036 | 4 | 8 | 22 |
| DR331-4-223 | 22 | 0.047 | 3.5 | 7 | 20 |
| DR331-4-333 | 33 | 0.066 | 3 | 5.5 | 15 |
| DR331-4-473 | 47 | 0.086 | 2.6 | 4.5 | 9.0 |
| DR331-4-683 | 68 | 0.13 | 2.3 | 3.5 | 8.0 |
| DR331-4-104 | 100 | 0.19 | 1.8 | 3 | 7.0 |
| DR331-4-154 | 150 | 0.25 | 1.5 | 2.6 | 6.0 |
| DR331-4-224 | 220 | 0.38 | 1.2 | 2.4 | 5.0 |
| DR331-4-334 | 330 | 0.56 | 1.0 | 1.9 | 4.0 |
| DR331-4-474 | 470 | 0.85 | 0.82 | 1.4 | 3.0 |
| DR331-4-684 | 680 | 1.1 | 0.72 | 1.2 | 2.5 |
| DR331-4-105 | 1000 | 1.8 | 0.56 | 1.0 | 2.0 |
SMD INDUCTOR DR331-4 SERIES
Features
️· Low Profile Surface Mount Design
️· Inductance Range: 1.0µH to 1000µH
️· Operating Temperature: -40°C to +85°C
️· Available with Tinned Leads and Leaded Solder (Sn60Pb40 or equivalent)
Electrical Specifications
| Part No. | Inductance (µH) | DCR (Ω) Max | I rms (A) Max | I sat (A) Max | SRF (MHz) Ref |
|---|---|---|---|---|---|
| DR331-4-102 | 1 | 0.009 | 8.6 | 20 | 80 |
| DR331-4-222 | 2.2 | 0.014 | 7.1 | 16 | 80 |
| DR331-4-332 | 3.3 | 0.018 | 6.2 | 14 | 60 |
| DR331-4-562 | 5.6 | 0.020 | 5.3 | 12 | 40 |
| DR331-4-103 | 10 | 0.031 | 4.3 | 10 | 30 |
| DR331-4-153 | 15 | 0.036 | 4 | 8 | 22 |
| DR331-4-223 | 22 | 0.047 | 3.5 | 7 | 20 |
| DR331-4-333 | 33 | 0.066 | 3 | 5.5 | 15 |
| DR331-4-473 | 47 | 0.086 | 2.6 | 4.5 | 9.0 |
| DR331-4-683 | 68 | 0.13 | 2.3 | 3.5 | 8.0 |
| DR331-4-104 | 100 | 0.19 | 1.8 | 3 | 7.0 |
| DR331-4-154 | 150 | 0.25 | 1.5 | 2.6 | 6.0 |
| DR331-4-224 | 220 | 0.38 | 1.2 | 2.4 | 5.0 |
| DR331-4-334 | 330 | 0.56 | 1.0 | 1.9 | 4.0 |
| DR331-4-474 | 470 | 0.85 | 0.82 | 1.4 | 3.0 |
| DR331-4-684 | 680 | 1.1 | 0.72 | 1.2 | 2.5 |
| DR331-4-105 | 1000 | 1.8 | 0.56 | 1.0 | 2.0 |
| Part No. | DR331-4_14 |
| Manufacturer | DATATRONICS |
| Size | 79 Kbytes |
| Pages | 1 page |
| Description | SMD INDUCTOR DR331-4 SERIES |