データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DR331-5 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR331-5_14 Datasheet

  • # Example questions: ➢ What are the available terminal finish options, and how are they specified when ordering?
    ➢ What is the tolerance range for the inductance values of the dr331-5-153-y part?
    ➢ How does the 'isat' value relate to the inductor's performance?

  • Part No.DR331-5_14
    ManufacturerDATATRONICS
    Size82 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR DR331-5 SERIES
    Datasheet Summary with AI

    SMD INDUCTOR DR331-5 SERIES

    Features
    ️· Low Profile Surface Mount Design
    ️· Inductance Range from 1.2µH to 330µH
    ️· Operating Temperature: -20°C to +80°C
    ️· Terminal Finish: Compliant to RoHS requirements (gold or tin plated)

    Electrical Specifications

    | Part Number | Inductance (µH) | DCR (Ω) (Max) | Isat (A) (Max) | Irms (A) (Max) | SRF (MHz) (REF) |
    |---|---|---|---|---|---|
    | DR331-5-122-Y | 1.2 ± 20% | 0.08 | 2.1 | 1.7 | 190 |
    | DR331-5-152-Y | 1.5 ± 20% | 0.1 | 2.1 | 1.5 | 140 |
    | DR331-5-222-Y | 2.2 ± 20% | 0.12 | 1.6 | 1.4 | 115 |
    | DR331-5-332-Y | 3.3 ± 20% | 0.16 | 1.3 | 1.2 | 90 |
    | DR331-5-472-Y | 4.7 ± 20% | 0.2 | 1.1 | 1.1 | 88 |
    | DR331-5-682-Y | 6.8 ± 20% | 0.32 | 0.9 | 0.85 | 66 |
    | DR331-5-103-Y | 10 ± 20% | 0.41 | 0.8 | 0.75 | 55 |
    | DR331-5-153-Y | 15 ± 20% | 0.65 | 0.65 | 0.6 | 42 |

    | DR331-5-223-Y | 22 ± 20% | 0.85 | 0.5 | 0.52 | 38 |
    | DR331-5-333-Y | 33 ± 20% | 1.3 | 0.4 | 0.42 | 29 |
    | DR331-5-473-Y | 47 ± 20% | 1.8 | 0.35 | 0.36 | 22 |
    | DR331-5-683-Y | 68 ± 20% | 2.5 | 0.3 | 0.3 | 18 |
    | DR331-5-104-Y | 100 ± 20% | 3.5 | 0.25 | 0.26 | 14 |
    | DR331-5-154-Y | 150 ± 20% | 5 | 0.18 | 0.21 | 12 |
    | DR331-5-224-Y | 220 ± 20% | 7 | 0.16 | 0.18 | 10 |
    | DR331-5-334-Y | 330 ± 20% | 15 | 0.13 | 0.13 | 8 |

    Notes
    ️· Suffix –Y: Specify (-1) for gold wrap around or (-2) for tin wrap around terminations
    ️· Isat: Based on inductance being 90% of its initial value.
    ️· Irms: Based on a temperature rise of 40°C.
    ️· Inductance tested at 0.1 Vrms @ 100 kHz.
    ️· Non-RoHS series parts (42-331-5-XXX) finished with leaded solder Sn60Pb40 or equivalent.

    SMD INDUCTOR DR331-5 SERIES

    Features
    ️· Low Profile Surface Mount Design
    ️· Inductance Range from 1.2µH to 330µH
    ️· Operating Temperature: -20°C to +80°C
    ️· Terminal Finish: Compliant to RoHS requirements (gold or tin plated)

    Electrical Specifications

    Part Number Inductance (µH) DCR (Ω) (Max) Isat (A) (Max) Irms (A) (Max) SRF (MHz) (REF)
    DR331-5-122-Y 1.2 ± 20% 0.08 2.1 1.7 190
    DR331-5-152-Y 1.5 ± 20% 0.1 2.1 1.5 140
    DR331-5-222-Y 2.2 ± 20% 0.12 1.6 1.4 115
    DR331-5-332-Y 3.3 ± 20% 0.16 1.3 1.2 90
    DR331-5-472-Y 4.7 ± 20% 0.2 1.1 1.1 88
    DR331-5-682-Y 6.8 ± 20% 0.32 0.9 0.85 66
    DR331-5-103-Y 10 ± 20% 0.41 0.8 0.75 55
    DR331-5-153-Y 15 ± 20% 0.65 0.65 0.6 42
    DR331-5-223-Y 22 ± 20% 0.85 0.5 0.52 38
    DR331-5-333-Y 33 ± 20% 1.3 0.4 0.42 29
    DR331-5-473-Y 47 ± 20% 1.8 0.35 0.36 22
    DR331-5-683-Y 68 ± 20% 2.5 0.3 0.3 18
    DR331-5-104-Y 100 ± 20% 3.5 0.25 0.26 14
    DR331-5-154-Y 150 ± 20% 5 0.18 0.21 12
    DR331-5-224-Y 220 ± 20% 7 0.16 0.18 10
    DR331-5-334-Y 330 ± 20% 15 0.13 0.13 8

    Notes
    ️· Suffix –Y: Specify (-1) for gold wrap around or (-2) for tin wrap around terminations
    ️· Isat: Based on inductance being 90% of its initial value.
    ️· Irms: Based on a temperature rise of 40°C.
    ️· Inductance tested at 0.1 Vrms @ 100 kHz.
    ️· Non-RoHS series parts (42-331-5-XXX) finished with leaded solder Sn60Pb40 or equivalent.

    Part No.DR331-5_14
    ManufacturerDATATRONICS
    Size82 Kbytes
    Pages1 page
    DescriptionSMD INDUCTOR DR331-5 SERIES