| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DR331-6_14 Datasheet
# Example questions:
➢ What is the full operating temperature range specified for the dr331-6 series inductors?
➢ How many pieces per reel are available when ordering the tape and reel packaging option?
➢ What inductance value corresponds to a dcr of 0.22 ohms maximum?
SMD INDUCTOR DR331-6 SERIES
Features
️· Surface Mount Design
️· Inductance Range: 10µH to 1000µH
️· Operating Temperature: -40°C to +85°C
️· Available with Tinned or Leaded Solder (Sn60Pb40)
Electrical Specifications (at 25°C)
| Part No. | Inductance (µH) | DCR (Ω) | Irms (A) | Isat (A) | SRF (MHz) |
|---|---|---|---|---|---|
| DR331-6-103 | 10 | 0.04 | 3.5 | 8.0 | 22 |
| DR331-6-153 | 15 | 0.05 | 3.0 | 7.0 | 18 |
| DR331-6-223 | 22 | 0.07 | 2.5 | 5.5 | 11 |
| DR331-6-333 | 33 | 0.08 | 2.0 | 4.0 | 9.0 |
| DR331-6-473 | 47 | 0.11 | 1.6 | 3.8 | 8.0 |
| DR331-6-683 | 68 | 0.17 | 1.2 | 3.0 | 7.0 |
| DR331-6-104 | 100 | 0.22 | 1.2 | 2.5 | 5.0 |
| DR331-6-154 | 150 | 0.34 | 0.90 | 2.0 | 4.0 |
| DR331-6-224 | 220 | 0.44 | 0.70 | 1.6 | 3.5 |
| DR331-6-334 | 330 | 0.70 | 0.60 | 1.2 | 2.5 |
| DR331-6-474 | 470 | 0.95 | 0.30 | 1.0 | 2.0 |
| DR331-6-684 | 680 | 1.2 | 0.20 | 1.0 | 2.0 |
| DR331-6-105 | 1000 | 2.0 | 0.10 | 0.80 | 1.5 |
Mechanical Specifications
️· Dimensions: Inches/millimeters
️· Tolerance: ±0.010 inches, ±0.30 millimeters
️· Packaging: Tape & Reel, 250 pcs/reel
Notes
️· Isat: Inductance at 90% of initial value
️· Irms: Based on a 40°C temperature rise
️· Inductance Test: 0.1 Vrms @ 100 kHz
️· RoHS Compliant Terminal Finish
️· Non-RoHS Options: 42-331-6-XXX finished with Sn60Pb40
SMD INDUCTOR DR331-6 SERIES
Features
️· Surface Mount Design
️· Inductance Range: 10µH to 1000µH
️· Operating Temperature: -40°C to +85°C
️· Available with Tinned or Leaded Solder (Sn60Pb40)
Electrical Specifications (at 25°C)
| Part No. | Inductance (µH) | DCR (Ω) | Irms (A) | Isat (A) | SRF (MHz) |
|---|---|---|---|---|---|
| DR331-6-103 | 10 | 0.04 | 3.5 | 8.0 | 22 |
| DR331-6-153 | 15 | 0.05 | 3.0 | 7.0 | 18 |
| DR331-6-223 | 22 | 0.07 | 2.5 | 5.5 | 11 |
| DR331-6-333 | 33 | 0.08 | 2.0 | 4.0 | 9.0 |
| DR331-6-473 | 47 | 0.11 | 1.6 | 3.8 | 8.0 |
| DR331-6-683 | 68 | 0.17 | 1.2 | 3.0 | 7.0 |
| DR331-6-104 | 100 | 0.22 | 1.2 | 2.5 | 5.0 |
| DR331-6-154 | 150 | 0.34 | 0.90 | 2.0 | 4.0 |
| DR331-6-224 | 220 | 0.44 | 0.70 | 1.6 | 3.5 |
| DR331-6-334 | 330 | 0.70 | 0.60 | 1.2 | 2.5 |
| DR331-6-474 | 470 | 0.95 | 0.30 | 1.0 | 2.0 |
| DR331-6-684 | 680 | 1.2 | 0.20 | 1.0 | 2.0 |
| DR331-6-105 | 1000 | 2.0 | 0.10 | 0.80 | 1.5 |
| Part No. | DR331-6_14 |
| Manufacturer | DATATRONICS |
| Size | 76 Kbytes |
| Pages | 1 page |
| Description | SMD INDUCTOR DR331-6 SERIES |