| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DR347-2_14 Datasheet
# Example questions:
➢ How does the dcr value change as the inductance value increases within the dr347-2 series?
➢ What is the maximum allowable operating temperature for this dr347-2 series inductor?
➢ Which solder standard should be followed when soldering this component?
SHIELDED SELF-LEADED SMD INDUCTOR DR347-2 SERIES
Features
· Magnetic Shielded to Reduce EMI
· Flat Top for Pick and Place
· Inductance Range: 1.0 µH to 47µH
· Packing: Tape & Reel
· Operating Temperature: -40°C to +85°C
· Tinned Leads; Leaded Solder Option Available (non-RoHS parts 42-347-2-XXX finish with Sn60Pb40 or equivalent)
Electrical Specifications (at 25ºC)
| Part No. | Inductance (µH) @100KHz, 0.25V, 20% | DCR (Ω) Max. | Rated Current (A) Max. |
|---|---|---|---|
| DR347-2-102 | 1.0 | 0.021 | 5.6 |
| DR347-2-152 | 1.5 | 0.022 | 5.2 |
| DR347-2-222 | 2.2 | 0.032 | 5.0 |
| DR347-2-332 | 3.3 | 0.039 | 3.9 |
| DR347-2-472 | 4.7 | 0.054 | 3.2 |
| DR347-2-682 | 6.8 | 0.075 | 2.8 |
| DR347-2-103 | 10.0 | 0.101 | 2.4 |
| DR347-2-153 | 15.0 | 0.150 | 2.0 |
| DR347-2-223 | 22.0 | 0.207 | 1.6 |
| DR347-2-333 | 33.0 | 0.334 | 1.4 |
| DR347-2-473 | 47.0 | 0.472 | 1.0 |
Mechanical
· Dimensions in millimeters [inches]
· General Tolerance: 0.25mm [0.010 in.]
· Solder in accordance with J-STD-002 Rev. D
Contact Information
· Datatronic: 28151Highway 74, Romoland, CA 92585, Tel: 951-928-7700, Fax: 951-928-7701, Email: ddisales@datatronics.com
· Hong Kong: 499 King’s Road, Tel: (852) 2562 3858, (852) 2564 8477, Fax: (852) 2565 7214, (852) 2563 1290
· Specifications subject to change without notice.
SHIELDED SELF-LEADED SMD INDUCTOR DR347-2 SERIES
Features
· Magnetic Shielded to Reduce EMI
· Flat Top for Pick and Place
· Inductance Range: 1.0 µH to 47µH
· Packing: Tape & Reel
· Operating Temperature: -40°C to +85°C
· Tinned Leads; Leaded Solder Option Available (non-RoHS parts 42-347-2-XXX finish with Sn60Pb40 or equivalent)
Electrical Specifications (at 25ºC)
| Part No. | Inductance (µH) @100KHz, 0.25V, 20% | DCR (Ω) Max. | Rated Current (A) Max. |
|---|---|---|---|
| DR347-2-102 | 1.0 | 0.021 | 5.6 |
| DR347-2-152 | 1.5 | 0.022 | 5.2 |
| DR347-2-222 | 2.2 | 0.032 | 5.0 |
| DR347-2-332 | 3.3 | 0.039 | 3.9 |
| DR347-2-472 | 4.7 | 0.054 | 3.2 |
| DR347-2-682 | 6.8 | 0.075 | 2.8 |
| DR347-2-103 | 10.0 | 0.101 | 2.4 |
| DR347-2-153 | 15.0 | 0.150 | 2.0 |
| DR347-2-223 | 22.0 | 0.207 | 1.6 |
| DR347-2-333 | 33.0 | 0.334 | 1.4 |
| DR347-2-473 | 47.0 | 0.472 | 1.0 |
| Part No. | DR347-2_14 |
| Manufacturer | DATATRONICS |
| Size | 80 Kbytes |
| Pages | 1 page |
| Description | SHIELDED SELF-LEADED SMD INDUCTOR DR347-2 SERIES |