データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DR357-1-123 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR357-1-123 Datasheet

  • # Example questions: ➢ What is the inductance range available for the dr357-1 series?
    ➢ What is the standard quantity of pieces per reel for tape and reel packaging?
    ➢ How is the 'i rated' value affected by temperature, according to the provided notes?

  • Part No.DR357-1-123
    ManufacturerDATATRONICS
    Size97 Kbytes
    Pages1 page
    DescriptionSHIELDED SMD INDUCTOR DR357-1 SERIES
    Datasheet Summary with AI

    SHIELDED SMD INDUCTOR DR357-1 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Flat Top for Pick and Place
    ️· Inductance Range: 2.5µH to 100.0µH
    ️· Operating Temperature: -40°C to +105°C
    ️· Tinned Leads with Leaded Solder Available (note 7)

    Electrical Specifications (at 25°C)

    Part No. Inductance (µH)  30% DCR () Max. I Rated (A) Max.
    DR357-1-252 2.5 0.018 2.60
    DR357-1-332 3.3 0.020 2.30
    DR357-1-402 4.0 0.027 2.10
    DR357-1-502 5.0 0.031 1.85
    DR357-1-602 6.0 0.042 1.70
    DR357-1-802 8.0 0.050 1.50
    DR357-1-103 10.0 0.054 1.30
    DR357-1-123 12.0 0.072 1.20
    DR357-1-153 15.0 0.082 1.10
    DR357-1-183 18.0 0.102 1.05
    DR357-1-223 22.0 0.119 0.95
    DR357-1-273 27.0 0.146 0.85
    DR357-1-333 33.0 0.183 0.76
    DR357-1-393 39.0 0.210 0.68
    DR357-1-473 47.0 0.230 0.60
    DR357-1-563 56.0 0.350 0.55
    DR357-1-683 68.0 0.351 0.48
    DR357-1-823 82.0 0.419 0.45
    DR357-1-104 100.0 0.520 0.40

    Notes

    ️· All dimensions are in millimeters (mm).
    ️· General tolerance: 0.2mm.
    ️· Inductance Test: 100kHz, 0.1Vrms.
    ️· I rated based on approximate 40°C temperature rise.
    ️· I rated based on approximate 35% drop from initial inductance value.
    ️· Tape and reel quantity: 2000 pcs/reel.
    ️· For non-RoHS parts, replace "DR" prefix with "42-" (e.g., 42-357-1).
    ️· Terminal finish compliant with RoHS requirements. Solder in accordance with J-STD-020D.

    Contact Information

    ️· Datatronic: 28151 Highway 74, Romoland, CA 92585; Tel: 951-928-7700; Fax: 951-928-7701; Email: ddisales@datatronics.com
    ️· Hong Kong: 499 King’s Road; Tel: (852) 2562 3858, (852) 2564 8477; Fax: (852) 2565 7214, (852) 2563 1290

    SHIELDED SMD INDUCTOR DR357-1 SERIES

    Features

    ️· Low Profile Surface Mount Design
    ️· Flat Top for Pick and Place
    ️· Inductance Range: 2.5µH to 100.0µH
    ️· Operating Temperature: -40°C to +105°C
    ️· Tinned Leads with Leaded Solder Available (note 7)

    Electrical Specifications (at 25°C)

    Part No. Inductance (µH)  30% DCR () Max. I Rated (A) Max.
    DR357-1-252 2.5 0.018 2.60
    DR357-1-332 3.3 0.020 2.30
    DR357-1-402 4.0 0.027 2.10
    DR357-1-502 5.0 0.031 1.85
    DR357-1-602 6.0 0.042 1.70
    DR357-1-802 8.0 0.050 1.50
    DR357-1-103 10.0 0.054 1.30
    DR357-1-123 12.0 0.072 1.20
    DR357-1-153 15.0 0.082 1.10
    DR357-1-183 18.0 0.102 1.05
    DR357-1-223 22.0 0.119 0.95
    DR357-1-273 27.0 0.146 0.85
    DR357-1-333 33.0 0.183 0.76
    DR357-1-393 39.0 0.210 0.68
    DR357-1-473 47.0 0.230 0.60
    DR357-1-563 56.0 0.350 0.55
    DR357-1-683 68.0 0.351 0.48
    DR357-1-823 82.0 0.419 0.45
    DR357-1-104 100.0 0.520 0.40

    Notes

    ️· All dimensions are in millimeters (mm).
    ️· General tolerance: 0.2mm.
    ️· Inductance Test: 100kHz, 0.1Vrms.
    ️· I rated based on approximate 40°C temperature rise.
    ️· I rated based on approximate 35% drop from initial inductance value.
    ️· Tape and reel quantity: 2000 pcs/reel.
    ️· For non-RoHS parts, replace "DR" prefix with "42-" (e.g., 42-357-1).
    ️· Terminal finish compliant with RoHS requirements. Solder in accordance with J-STD-020D.

    Contact Information

    ️· Datatronic: 28151 Highway 74, Romoland, CA 92585; Tel: 951-928-7700; Fax: 951-928-7701; Email: ddisales@datatronics.com
    ️· Hong Kong: 499 King’s Road; Tel: (852) 2562 3858, (852) 2564 8477; Fax: (852) 2565 7214, (852) 2563 1290

    Part No.DR357-1-123
    ManufacturerDATATRONICS
    Size97 Kbytes
    Pages1 page
    DescriptionSHIELDED SMD INDUCTOR DR357-1 SERIES