| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about DR358-3-412 Datasheet
# Example questions:
➢ How is the 'i rated' current affected by an approximate 35% drop in initial value?
➢ What is the quantity of pieces per reel when ordering these inductors?
➢ What is the acceptable tolerance for the dimensions of these inductors?
SHIELDED SMD INDUCTOR DR358-3 SERIES
Features
· Low Profile Surface Mount Design
· Flat Top for Pick and Place
· Inductance Range: 4.1µH to 100.0µH
· Operating Temperature: -20°C to +80°C
· Tinned Leads with Leaded Solder Available (note 7)
Electrical Specifications
| Part No. | Inductance (µH) 30% | DCR () Max. | I rated (A) Max. |
|---|---|---|---|
| DR358-3-412 | 4.1 | 0.057 | 1.95 |
| DR358-3-542 | 5.4 | 0.076 | 1.60 |
| DR358-3-622 | 6.2 | 0.096 | 1.40 |
| DR358-3-892 | 8.9 | 0.116 | 1.25 |
| DR358-3-103 | 10.0 | 0.124 | 1.20 |
| DR358-3-123 | 12.0 | 0.153 | 1.10 |
| DR358-3-153 | 15.0 | 0.196 | 0.97 |
| DR358-3-183 | 18.0 | 0.210 | 0.85 |
| DR358-3-223 | 22.0 | 0.290 | 0.80 |
| DR358-3-273 | 27.0 | 0.330 | 0.75 |
| DR358-3-333 | 33.0 | 0.386 | 0.65 |
| DR358-3-393 | 39.0 | 0.520 | 0.57 |
| DR358-3-473 | 47.0 | 0.595 | 0.54 |
| DR358-3-563 | 56.0 | 0.665 | 0.50 |
| DR358-3-683 | 68.0 | 0.840 | 0.43 |
| DR358-3-823 | 82.0 | 0.978 | 0.41 |
| DR358-3-104 | 100.0 | 1.200 | 0.36 |
SHIELDED SMD INDUCTOR DR358-3 SERIES
Features
· Low Profile Surface Mount Design
· Flat Top for Pick and Place
· Inductance Range: 4.1µH to 100.0µH
· Operating Temperature: -20°C to +80°C
· Tinned Leads with Leaded Solder Available (note 7)
Electrical Specifications
| Part No. | Inductance (µH) 30% | DCR () Max. | I rated (A) Max. |
|---|---|---|---|
| DR358-3-412 | 4.1 | 0.057 | 1.95 |
| DR358-3-542 | 5.4 | 0.076 | 1.60 |
| DR358-3-622 | 6.2 | 0.096 | 1.40 |
| DR358-3-892 | 8.9 | 0.116 | 1.25 |
| DR358-3-103 | 10.0 | 0.124 | 1.20 |
| DR358-3-123 | 12.0 | 0.153 | 1.10 |
| DR358-3-153 | 15.0 | 0.196 | 0.97 |
| DR358-3-183 | 18.0 | 0.210 | 0.85 |
| DR358-3-223 | 22.0 | 0.290 | 0.80 |
| DR358-3-273 | 27.0 | 0.330 | 0.75 |
| DR358-3-333 | 33.0 | 0.386 | 0.65 |
| DR358-3-393 | 39.0 | 0.520 | 0.57 |
| DR358-3-473 | 47.0 | 0.595 | 0.54 |
| DR358-3-563 | 56.0 | 0.665 | 0.50 |
| DR358-3-683 | 68.0 | 0.840 | 0.43 |
| DR358-3-823 | 82.0 | 0.978 | 0.41 |
| DR358-3-104 | 100.0 | 1.200 | 0.36 |
| Part No. | DR358-3-412 |
| Manufacturer | DATATRONICS |
| Size | 99 Kbytes |
| Pages | 1 page |
| Description | SHIELDED SMD INDUCTOR DR358-3 SERIES |